Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN65HVD09-EP Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce SN65HVD09-EP
Description  9-CHANNEL RS-422 / RS-485 TRANSCEIVER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVD09-EP Fiches technique(HTML) 5 Page - Texas Instruments

  SN65HVD09-EP Datasheet HTML 1Page - Texas Instruments SN65HVD09-EP Datasheet HTML 2Page - Texas Instruments SN65HVD09-EP Datasheet HTML 3Page - Texas Instruments SN65HVD09-EP Datasheet HTML 4Page - Texas Instruments SN65HVD09-EP Datasheet HTML 5Page - Texas Instruments SN65HVD09-EP Datasheet HTML 6Page - Texas Instruments SN65HVD09-EP Datasheet HTML 7Page - Texas Instruments SN65HVD09-EP Datasheet HTML 8Page - Texas Instruments SN65HVD09-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
SN65HVD09-EP
www.ti.com
SLLSEA3
– DECEMBER 2011
ABSOLUTE MAXIMUM RATINGS
(1)
VALUE
UNIT
VCC
Supply voltage range(2)
–0.3 to 6
V
Bus voltage range
–10 to 15
V
Data I/O and control (A side) voltage range
–0.3 to VCC +0.5
V
IO
Receiver output current
±40
mA
B side and GND, ESD HBM
12
kV
B side and GND, ESD MM
400
V
Electrostatic discharge
All terminals, ESD HBM
4
kV
All terminals, ESD MM
400
V
Continuous total power dissipation (3)
Internally Limited
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.r
(2)
All voltage values are with respect to the GND terminals.
(3)
The maximum operating junction temperature is internally limited. Use the Dissipation Rating Table to operate below this temperature.
DISSIPATION RATINGS
OPERATING FACTOR(1)
TA = 70°C
TA = 85°C
PACKAGE
TA
≤ 25°C
ABOVE TA = 25°C
POWER RATING
POWER RATING
DGG
2500 mW
20 mW/
°C
1600 mW
1300 mW
(1)
This is the inverse of the junction-to-ambient thermal resistance when board-mounted and with no air flow.
PACKAGE THERMAL CHARACTERISTICS
MIN
NOM
MAX
UNIT
Junction-to-ambient thermal
DGG, board-mounted, no air flow
50
θJA
°C/W
resistance
θJC
Junction-to-case thermal resistance
DGG
27
°C/W
TSD
Thermal shutdown temperature
165
°C
RECOMMENDED OPERATING CONDITIONS
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.75
5
5.25
V
VIH
High-level input voltage
2
V
Except nB+, nB
(1)
VIL
Low-level input voltage
0.8
V
VO, VI, or VIC
Voltage at any bus terminal (separately or common-mode)
nB+ or nB
–7
12
V
Driver
–60
60
mA
IO
Output current
Receiver
–8
8
mA
TA
Operating free-air temperature
–40
85
°C
(1)
n = 1 - 9
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s) :SN65HVD09-EP


Numéro de pièce similaire - SN65HVD09-EP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN65HVD09 TI-SN65HVD09 Datasheet
606Kb / 25P
[Old version datasheet]   9-CHANNEL RS-422 / RS-485 TRANSCEIVER
SN65HVD09DGG TI-SN65HVD09DGG Datasheet
606Kb / 25P
[Old version datasheet]   9-CHANNEL RS-422 / RS-485 TRANSCEIVER
SN65HVD09DGGR TI-SN65HVD09DGGR Datasheet
606Kb / 25P
[Old version datasheet]   9-CHANNEL RS-422 / RS-485 TRANSCEIVER
More results

Description similaire - SN65HVD09-EP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN65HVD09 TI-SN65HVD09 Datasheet
606Kb / 25P
[Old version datasheet]   9-CHANNEL RS-422 / RS-485 TRANSCEIVER
logo
Exar Corporation
SP338E EXAR-SP338E Datasheet
1Mb / 25P
   RS-232/RS-485/RS-422 TRANSCEIVER
SP335E EXAR-SP335E Datasheet
356Kb / 22P
   RS-232/RS-485/RS-422 TRANSCEIVER
XR3160E EXAR-XR3160E Datasheet
365Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER
logo
Analog Devices
ADM3485E AD-ADM3485E_15 Datasheet
303Kb / 16P
   EIA RS-485/RS-422 Transceiver
Rev. D
logo
STMicroelectronics
ST485 STMICROELECTRONICS-ST485 Datasheet
545Kb / 19P
   Low power RS-485/RS-422 transceiver
logo
Texas Instruments
DS96176 TI1-DS96176_15 Datasheet
820Kb / 13P
[Old version datasheet]   RS-485/RS-422 Differential Bus Transceiver
logo
STMicroelectronics
ST485B STMICROELECTRONICS-ST485B Datasheet
730Kb / 19P
   Low power RS-485/RS-422 transceiver
logo
National Semiconductor ...
DS96176 NSC-DS96176 Datasheet
344Kb / 12P
   RS-485/RS-422 Differential Bus Transceiver
logo
STMicroelectronics
ST75C176 STMICROELECTRONICS-ST75C176_06 Datasheet
260Kb / 18P
   LOW POWER RS-485/RS-422 TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com