Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXA1878Q Fiches technique(PDF) 11 Page - Sony Corporation

No de pièce CXA1878Q
Description  Dolby B-C Type Noise Reduction System with Recording/Playback Equalizer Amplifier
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1878Q Fiches technique(HTML) 11 Page - Sony Corporation

Back Button CXA1878Q Datasheet HTML 7Page - Sony Corporation CXA1878Q Datasheet HTML 8Page - Sony Corporation CXA1878Q Datasheet HTML 9Page - Sony Corporation CXA1878Q Datasheet HTML 10Page - Sony Corporation CXA1878Q Datasheet HTML 11Page - Sony Corporation CXA1878Q Datasheet HTML 12Page - Sony Corporation CXA1878Q Datasheet HTML 13Page - Sony Corporation CXA1878Q Datasheet HTML 14Page - Sony Corporation CXA1878Q Datasheet HTML 15Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
– 11 –
CXA1878Q
41
42
64
52
63
53
CAL IN
REC MUTE
VOL OUT1
VOL OUT2
VOL IN1
VOL IN2
0.0V
0.0V
0.0V
–26dBv
–10dBv
–10dBv
I
I
O
I
10k
50k
Calibration signal input
Recording mute
ON/OFF selection
∗ The recording mute is
controlled with DC
voltages of 0 to 5V.
High: Recording mute OFF
Low : Recording mute ON
∗ Soft mute and fader
functions can be set by
changing the time
constant of the external
time constant circuit.
Recording volume
amplifier output
Recording volume
amplifier input
10k
41
1.5k
GND
30k
GND
42
52
500
500
5p
6.5k
64
53
63
DC
AC
Pin
No.
Symbol
I/O
Z (in)
Equivalent circuit
Description
Typical pin voltage


Numéro de pièce similaire - CXA1878Q

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXA1870 SONY-CXA1870 Datasheet
573Kb / 40P
   Color TV Y/C/Jungle
CXA1870S SONY-CXA1870S Datasheet
573Kb / 40P
   Color TV Y/C/Jungle
CXA1871S SONY-CXA1871S Datasheet
639Kb / 46P
   NTSC/PAL Y/C/Jungle
CXA1875 SONY-CXA1875 Datasheet
171Kb / 10P
   8-bit D/A Converter Compatible with I2C Bus
CXA1875AM SONY-CXA1875AM Datasheet
171Kb / 10P
   8-bit D/A Converter Compatible with I2C Bus
More results

Description similaire - CXA1878Q

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXA1897Q SONY-CXA1897Q Datasheet
396Kb / 22P
   Dolby B Type Noise Reduction System with Recording/Playback Equalizer
CXA1797Q SONY-CXA1797Q Datasheet
737Kb / 31P
   Dolby B-C Type Noise Reduction System with Recording Equalizer Amplifier
CXA2511AQ SONY-CXA2511AQ Datasheet
565Kb / 21P
   Dolby B-C Type Noise Reduction System with Playback Equalizer Amplifier
CXA2561Q SONY-CXA2561Q Datasheet
324Kb / 20P
   Dolby B-C Type Noise Reduction System with Playback Equalizer Amplifier
CXA2510AQ SONY-CXA2510AQ Datasheet
447Kb / 21P
   Dolby B Type Noise Reduction System with Playback Equalizer Amplifier
CXA1911Q SONY-CXA1911Q Datasheet
334Kb / 18P
   Dolby B/C Type Noise Reduction System with Playback Equalizer
CXA2560Q SONY-CXA2560Q Datasheet
310Kb / 19P
   Dolby B Type Noise Reduction System with Playback Equalizer Amplifier
CXA1580Q SONY-CXA1580Q Datasheet
351Kb / 17P
   Dolby B Type Noise Reduction System with Playback Equalizer
CXA1980Q SONY-CXA1980Q Datasheet
233Kb / 17P
   Dolby B Type Noise Reduction System with Playback Equalizer
CXA1910Q SONY-CXA1910Q Datasheet
387Kb / 18P
   Dolby B Type Noise Reduction System with Playback Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com