Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXA1851N Fiches technique(PDF) 4 Page - Sony Corporation

No de pièce CXA1851N
Description  Up/Down Converter for 900 MHz-Band Mobile Communications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1851N Fiches technique(HTML) 4 Page - Sony Corporation

  CXA1851N Datasheet HTML 1Page - Sony Corporation CXA1851N Datasheet HTML 2Page - Sony Corporation CXA1851N Datasheet HTML 3Page - Sony Corporation CXA1851N Datasheet HTML 4Page - Sony Corporation CXA1851N Datasheet HTML 5Page - Sony Corporation CXA1851N Datasheet HTML 6Page - Sony Corporation CXA1851N Datasheet HTML 7Page - Sony Corporation CXA1851N Datasheet HTML 8Page - Sony Corporation CXA1851N Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
—4—
CXA1851N
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
Up Converter Block
∗1
Current consumption
ICC
For no signal input
18.0
25.0
35.0
mA
Conversion gain
CG
Pin= - 40dBm
17.5
20.5
25.5
dB
RF output power
Pout
Pin= -10dBm, 50
Ω load
0
3
dBm
Noise figure
NF
DSB mode
13
18
dB
Lo leak
ISO (Lo)
Pin= - 10dBm
- 25.0
- 10
dBm
IF leak
ISO (IF)
Pin= - 10dBm
- 12.0
- 5
dBm
Standby current consumption
ICC (PD)
6pin (P/S)<1.0V
220
∗2 350 ∗2µA
Power saving control voltage
Vp/s (ON)
1.8
4.5
V
Vp/s (OFF)
1.0
V
Rise time
Tup
2.5
5.0
µs
Down Converter Block
∗3
Current consumption
ICC
For no signal input
8.0
15.0
22.0
mA
Conversion gain
CG
Pin= - 40dBm, 50
Ω load
15.0
18.0
23.0
dB
IF output power
Pout (IF)
Pin= - 10dBm, 50
Ω load
- 4.5
- 2.0
dBm
Third-order intermodulation distortion IM3
fRF1=866.4MHz, Pin1= - 40dBm
45
49.0
dBc
fRF2=866.8MHz, Pin2= - 40dBm
Noise figure
NF
DSB mode
7.5
10
dB
Standby current consumption
ICC (PD)
5pin (P/S)
≤1.0V
220
∗2350 ∗2µA
Power saving control voltage
Vp/s (ON)
1.8
4.5
V
Vp/s (OFF)
1.0
V
Rise time
Tup
2.5
5.0
µs
Electrical Characteristics
(Ta=25°C, VCC=2.7V, ZL=ZS=50
Ω)
∗1: fIFin=150.05MHz, fRFout=864.05 to 868.05MHz
fLoin=1014.10 to 1018.1MHz (- 9dBm)
∗2: These are the total values for the up and down converters.
∗3: fRFin=864.05 to 868.05MHz
fLoin=1014.10 to 1018.1MHz (- 9dBm)
Typical Reference characteristics
(Ta=25°C, VCC=2.7V, ZL=ZS=50
Ω)
Item
Symbol
Conditions
Typ.
Unit
Up Converter Block
Third-order intermodulation distortion
IM3
fIF1=150.4MHz, PIF1= - 30dBm
39.0
dBc
fIF2=150.8MHz, PIF2= - 30dBm
Down Converter Block
1 dB compression
P- 1dB
Output conversion, 50
Ω load
- 7.0
dBm
Lo leak
ISO (Lo)
Pin= - 40dBm
- 29.0
dB
RF leak
ISO (RF)
Pin= - 40dBm
- 44.0
dB


Numéro de pièce similaire - CXA1851N

FabricantNo de pièceFiches techniqueDescription
logo
Cree, Inc
CXA1850 CREE-CXA1850 Datasheet
1Mb / 15P
   Available in 4-step and 2-step EasyWhite짰 bins at 2700 K
CXA1850-0000-000N00V430F CREE-CXA1850-0000-000N00V430F Datasheet
1Mb / 15P
   Available in 4-step and 2-step EasyWhite짰 bins at 2700 K
CXA1850-0000-000N00V430H CREE-CXA1850-0000-000N00V430H Datasheet
1Mb / 15P
   Available in 4-step and 2-step EasyWhite짰 bins at 2700 K
CXA1850-0000-000N00V435F CREE-CXA1850-0000-000N00V435F Datasheet
1Mb / 15P
   Available in 4-step and 2-step EasyWhite짰 bins at 2700 K
CXA1850-0000-000N00V435H CREE-CXA1850-0000-000N00V435H Datasheet
1Mb / 15P
   Available in 4-step and 2-step EasyWhite짰 bins at 2700 K
More results

Description similaire - CXA1851N

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXA1852N SONY-CXA1852N Datasheet
174Kb / 10P
   Quadrature Modulator for 900 MHz-Band Mobile Communications
logo
NEC
UPC8100GR NEC-UPC8100GR Datasheet
141Kb / 16P
   SILICON UP/DOWN CONVERTERS IC FOR 800 MHz to 900 MHz MOBILE COMMUNICATIONS
logo
California Eastern Labs
UPC1686GV CEL-UPC1686GV Datasheet
198Kb / 8P
   900 MHz SILICON MMIC DOWN CONVERTER
UPC1687GV CEL-UPC1687GV Datasheet
48Kb / 5P
   900 MHz SILICON RFIC DOWN CONVERTER
logo
Sony Corporation
CXA1786N SONY-CXA1786N Datasheet
183Kb / 12P
   1.1GHz-band PLL IC for Mobile Communications
CXA1787N SONY-CXA1787N Datasheet
176Kb / 13P
   2GHz-band PLL IC for Mobile Communications
logo
NEC
UPG2121TB NEC-UPG2121TB Datasheet
60Kb / 8P
   L-BAND UP/DOWN CONVERTER
UPC8126K NEC-UPC8126K Datasheet
189Kb / 20P
   900 MHz BAND DIRECT QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
logo
NIHON DEMPA KOGYO
NX2520SG NDK-NX2520SG_16 Datasheet
697Kb / 1P
   For Mobile Communications
NX5032SA NDK-NX5032SA_16 Datasheet
701Kb / 1P
   For Mobile Communications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com