Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SM320C50-EP Fiches technique(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No de pièce SM320C50-EP
Description  DIGITAL SIGNAL PROCESSOR
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

SM320C50-EP Fiches technique(HTML) 2 Page - Texas Instruments

  SM320C50-EP Datasheet HTML 1Page - Texas Instruments SM320C50-EP Datasheet HTML 2Page - Texas Instruments SM320C50-EP Datasheet HTML 3Page - Texas Instruments SM320C50-EP Datasheet HTML 4Page - Texas Instruments SM320C50-EP Datasheet HTML 5Page - Texas Instruments SM320C50-EP Datasheet HTML 6Page - Texas Instruments SM320C50-EP Datasheet HTML 7Page - Texas Instruments SM320C50-EP Datasheet HTML 8Page - Texas Instruments SM320C50-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
SM320C50EP
DIGITAL SIGNAL PROCESSOR
SGUS040A − AUGUST 2002 − REVISED JANUARY 2006
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
description (continued)
A number of enhancements to the basic C2x architecture give the C50 a minimum 2
× performance over the
previous generation. A four-deep instruction pipeline, that incorporates delayed branching, delayed call to
subroutine, and delayed return from subroutine, allows the C50 to perform instructions in fewer cycles. The
addition of a parallel logic unit (PLU) gives the C50 a method for manipulating bits in data memory without using
the accumulator and ALU. The C50 has additional shifting and scaling capability for proper alignment of
multiplicands or storage of values to data memory.
The C50 achieves its low-power consumption through the IDLE2 instruction. IDLE2 removes the functional
clock from the internal hardware of the C50, which puts it into a total-sleep mode that uses only 7
µA. A low-logic
level on an external interrupt with a duration of at least five clock cycles ends the IDLE2 mode.
The SM320C50-EP is available with a clock speed of 66 MHz providing a 30-ns cycle time and a clock speed
of 80 MHz providing a 25-ns cycle time. The available options are listed in Table 1.
Table 1. Available Options
PART NUMBER
SPEED
SUPPLY
VOLTAGE
TOLERANCE
PACKAGE
SM320C50PQM66EP
30 ns cycle time
±5%
Plastic Quad flat package
SM320C50PQI80EP
25 ns cycle time
±5%
Plastic Quad flat package


Numéro de pièce similaire - SM320C50-EP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SM320C50 TI1-SM320C50 Datasheet
1Mb / 37P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C50GFAM50 TI1-SM320C50GFAM50 Datasheet
1Mb / 37P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C50GFAM66 TI1-SM320C50GFAM66 Datasheet
1Mb / 37P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C50HFGM50 TI1-SM320C50HFGM50 Datasheet
1Mb / 37P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results

Description similaire - SM320C50-EP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SMJ320C30 TI-SMJ320C30 Datasheet
726Kb / 47P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C32 TI-TMS320C32 Datasheet
645Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320VC33 TI-TMS320VC33 Datasheet
654Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C30 TI1-TMS320C30_16 Datasheet
753Kb / 53P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C26B TI1-SM320C26B Datasheet
448Kb / 42P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
logo
Samsung semiconductor
S5L9286F02 SAMSUNG-S5L9286F02 Datasheet
598Kb / 35P
   DIGITAL SIGNAL PROCESSOR
logo
Texas Instruments
TMS320P25 TI-TMS320P25 Datasheet
763Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_06 Datasheet
832Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_07 Datasheet
826Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320F2812-HT TI-SM320F2812-HT Datasheet
1Mb / 155P
[Old version datasheet]   Digital Signal Processor
SM320C32-EP TI1-SM320C32-EP Datasheet
621Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com