Moteur de recherche de fiches techniques de composants électroniques |
|
TPS3839K50DBZT Fiches technique(PDF) 2 Page - Texas Instruments |
|
|
TPS3839K50DBZT Fiches technique(HTML) 2 Page - Texas Instruments |
2 / 11 page TPS3839 SBVS193 – JUNE 2012 www.ti.com This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage. ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to damage because very small parametric changes could cause the device not to meet its published specifications. ORDERING INFORMATION(1) PRODUCT THRESHOLD VOLTAGE (V) PACKAGE TYPE TOP MARKINGS TPS3839A09DQN 0.900 X2SON TBD TPS3839G12DQN 1.120 X2SON TBD TPS3839G12DBZ 1.120 SOT23 TBD TPS3839E16DQN 1.520 X2SON TBD TPS3839G18DQN 1.670 X2SON TBD TPS3839G18DBZ 1.670 SOT23 TBD TPS3839L30DBZ 2.630 SOT23 TBD TPS3839K33DQN 2.930 X2SON TBD TPS3839K33DBZ 2.930 SOT23 TBD TPS3839G33DQN 3.080 X2SON TBD TPS3839K50DQN 4.380 X2SON TBD TPS3839K50DBZ 4.380 SOT23 TBD (1) For the most current package and ordering information see the Package Option Addendum at the end of this document, or visit the device product folder at www.ti.com. ABSOLUTE MAXIMUM RATINGS (1) Over operating free-air temperature range, unless otherwise noted. VALUE MIN MAX UNIT VDD –0.3 7 V Voltage On RESET –0.3 7 V Current RESET pin 5 mA Continuous total power dissipation See Thermal Information Table Operating ambient, TA –40 +85 °C Temperature(2) Storage, Tstg –65 +150 °C Human body model (HBM) 2 kV Electrostatic discharge (ESD) rating: Charge device model (CDM) 500 V (1) Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods my affect device reliability. (2) As a result of the low dissipated power in this device, it is assumed that TJ is equal to TA. THERMAL INFORMATION TPS3839 THERMAL METRIC(1) DRY (µSON) UNITS 6 PINS θJA Junction-to-ambient thermal resistance 293.8 θJCtop Junction-to-case (top) thermal resistance 165.1 θJB Junction-to-board thermal resistance 160.8 °C/W ψJT Junction-to-top characterization parameter 27.3 ψJB Junction-to-board characterization parameter 65.8 θJCbot Junction-to-case (bottom) thermal resistance 65.8 (1) For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953. 2 Submit Documentation Feedback Copyright © 2012, Texas Instruments Incorporated Product Folder Link(s): TPS3839 |
Numéro de pièce similaire - TPS3839K50DBZT |
|
Description similaire - TPS3839K50DBZT |