Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS3839K33DBZR Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS3839K33DBZR
Description  Ultra-Low Power, Supply Voltage Supervisor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3839K33DBZR Fiches technique(HTML) 1 Page - Texas Instruments

  TPS3839K33DBZR Datasheet HTML 1Page - Texas Instruments TPS3839K33DBZR Datasheet HTML 2Page - Texas Instruments TPS3839K33DBZR Datasheet HTML 3Page - Texas Instruments TPS3839K33DBZR Datasheet HTML 4Page - Texas Instruments TPS3839K33DBZR Datasheet HTML 5Page - Texas Instruments TPS3839K33DBZR Datasheet HTML 6Page - Texas Instruments TPS3839K33DBZR Datasheet HTML 7Page - Texas Instruments TPS3839K33DBZR Datasheet HTML 8Page - Texas Instruments TPS3839K33DBZR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
V
DD
RESET
GND
TPS3839K33
V
DD
RST
GND
mP
3.3 V
C
0.1
F
m
1
V
DD
GND
RESET
NC
1
2
3
4
DQN PACKAGE
1-mm
1-mm TBD
(TOP VIEW)
´
DBZ PACKAGE
SOT23-3
(TOP VIEW)
V
DD
GND
RESET
1
2
3
TPS3839
www.ti.com
SBVS193 – JUNE 2012
Ultra-Low Power, Supply Voltage Supervisor
Check for Samples: TPS3839
1
FEATURES
DESCRIPTION
The TPS3839 is an ultra-low current, 150-nA (typ)
2
1-mm × 1-mm µSON or 3-Pin SOT23 Package
voltage supervisory circuit that monitors a single
Ultra-Low Supply Current: 150 nA (typ)
voltage. The device asserts an active-low reset signal
Operating Supply Voltage: 0.6 V to 6.5 V
whenever the VDD supply voltage drops below the
factory-trimmed reset threshold voltage. The reset
Ensured Valid RESET for VDD > 0.6 V
output remains asserted for 200 ms (typ) after the
Push-Pull RESET Output
VDD voltage rises above the threshold voltage. The
Temperature Range: –40°C to +85°C
TPS3839 is designed to ignore fast transients on the
VDD pin.
Factory-Trimmed RESET Threshold Voltages
The ultra-low current consumption of 150 nA makes
APPLICATIONS
the TPS3839 ideal for use in low-power and portable
applications. The TPS3839 is ensured to have the
Portable and Battery-Powered Equipment
correct output logic state for supply voltages down to
Industrial Equipment
0.6 V.
Cell Phones
The
device
features
precision
factory-trimmed
Glucose Monitors
threshold
voltages
and
extremely
low
power
Metering
operation. The TPS3839 is available is a 3-pin
SOT23 (DBZ) package or a 4-pin 1-mm × 1-mm
Televisions
(DQN) µSON package.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCT PREVIEW information concerns products in the
Copyright © 2012, Texas Instruments Incorporated
formative or design phase of development. Characteristic data and
other specifications are design goals. Texas Instruments reserves
the right to change or discontinue these products without notice.


Numéro de pièce similaire - TPS3839K33DBZR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS3839K33DBZR TI-TPS3839K33DBZR Datasheet
906Kb / 24P
[Old version datasheet]   Ultralow Power, Supply Voltage Supervisor
TPS3839K33DBZR TI1-TPS3839K33DBZR Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow Power, Supply Voltage Monitor
More results

Description similaire - TPS3839K33DBZR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS3831 TI-TPS3831 Datasheet
906Kb / 24P
[Old version datasheet]   Ultralow Power, Supply Voltage Supervisor
TL7700 TI1-TL7700_16 Datasheet
1Mb / 23P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
logo
Toshiba Semiconductor
TA8505P TOSHIBA-TA8505P Datasheet
213Kb / 6P
   SUPPLY VOLTAGE SUPERVISOR
logo
Texas Instruments
TL7700 TI-TL7700_06 Datasheet
266Kb / 15P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
TL7700 TI-TL7700 Datasheet
144Kb / 11P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
TL7702 TI-TL7702 Datasheet
340Kb / 17P
[Old version datasheet]   Supply voltage Supervisor
1633903 TI-1633903 Datasheet
774Kb / 22P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
TL7700 TI-TL7700_07 Datasheet
400Kb / 17P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
logo
ON Semiconductor
ASM1834 ONSEMI-ASM1834 Datasheet
176Kb / 11P
   Power Supply Supervisor
August, 2011 ??Rev. 3
ASM690A ONSEMI-ASM690A Datasheet
202Kb / 12P
   Power Supply Supervisor
August, 2011 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com