Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC1843MKGD1 Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce UC1843MKGD1
Description  CURRENT MODE PWM CONTROLLER (KNOWN GOOD DIE)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

UC1843MKGD1 Fiches technique(HTML) 1 Page - Texas Instruments

  UC1843MKGD1 Datasheet HTML 1Page - Texas Instruments UC1843MKGD1 Datasheet HTML 2Page - Texas Instruments UC1843MKGD1 Datasheet HTML 3Page - Texas Instruments UC1843MKGD1 Datasheet HTML 4Page - Texas Instruments UC1843MKGD1 Datasheet HTML 5Page - Texas Instruments UC1843MKGD1 Datasheet HTML 6Page - Texas Instruments UC1843MKGD1 Datasheet HTML 7Page - Texas Instruments UC1843MKGD1 Datasheet HTML 8Page - Texas Instruments UC1843MKGD1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
FEATURES
DESCRIPTION
BLOCK DIAGRAM
11
A/B
Vcc
7 12
5
9
GROUND
4
7
RT/CT
2
3
VFB
1
1
COMP
3
5
CURRENT
SENSE
34 V
2.50 V
OSC
UVLO
S/R
5 V
REF
VREF
Good
Logic
Internal
BIAS
Error
Amp
2R
R
1 V
CURRENT
SENSE
COMPARATOR
PWM
LATCH
S
R
T
8 14
VREF
5 V
50 mA
7
VC
10
6
OUTPUT
8
5
POWER
GROUND
UC1843-HiRel
www.ti.com .................................................................................................................................................. SLUS896A – AUGUST 2009 – REVISED AUGUST 2009
CURRENT MODE PWM CONTROLLER (KNOWN GOOD DIE)
• –55°C to 125°C Known Good Die
• Controlled Baseline
The UC1843 family of control devices provides the
necessary features to implement off-line or dc-to-dc
• Optimized For Off-line and DC-to-DC
fixed frequency current mode control schemes with a
Converters
minimal external parts count. Internally implemented
• Low Start-Up Current (<1 mA)
circuits include under-voltage lockout featuring start
• Automatic Feed Forward Compensation
up current less than 1 mA, a precision reference
trimmed for accuracy at the error amp input, logic to
• Pulse-by-Pulse Current Limiting
insure latched operation, a PWM comparator which
• Enhanced Load Response Characteristics
also provides current limit control, and a totem pole
• Under-Voltage Lockout With Hysteresis
output stage designed to source or sink high peak
current.
The
output
stage,
suitable
for
driving
• Double Pulse Suppression
N-Channel MOSFETs, is low in the off state. The
• High Current Totem Pole Output
under-voltage
lockout
threshold
is
8.4
V
and
• Internally Trimmed Bandgap Reference
maximum duty cycle range is around 100%.
• 500-kHz Operation
• Low R
O Error Amp
xxx
ORDERING INFORMATION(1)
TA
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
–55°C to 125°C
KGD
UC1843KGD1
NA
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Numéro de pièce similaire - UC1843MKGD1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC1843 TI-UC1843 Datasheet
433Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC1843 TI-UC1843 Datasheet
720Kb / 24P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
693Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
More results

Description similaire - UC1843MKGD1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC1843-HIREL TI-UC1843-HIREL_15 Datasheet
182Kb / 10P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER (KNOWN GOOD DIE)
logo
M/A-COM Technology Solu...
AN3018 MA-COM-AN3018 Datasheet
69Kb / 2P
   Known Good Die Delivery Specification
logo
Texas Instruments
SMJ320C50KGDC TI1-SMJ320C50KGDC Datasheet
119Kb / 7P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR KNOWN GOOD DIE
TMP320C50KGD TI1-TMP320C50KGD_14 Datasheet
153Kb / 8P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR KNOWN GOOD DIE
TMP320C50KGD TI-TMP320C50KGD Datasheet
81Kb / 6P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR KNOWN GOOD DIE
SMJ320C30KGDM40C TI1-SMJ320C30KGDM40C Datasheet
133Kb / 10P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR KNOWN GOOD DIE
SMJ320C30KGDB TI-SMJ320C30KGDB Datasheet
116Kb / 9P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR KNOWN GOOD DIE
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com