Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXA1842S Fiches technique(PDF) 8 Page - Sony Corporation

No de pièce CXA1842S
Description  3-Mode Surround and Vocal Cancellation
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1842S Fiches technique(HTML) 8 Page - Sony Corporation

  CXA1842S Datasheet HTML 1Page - Sony Corporation CXA1842S Datasheet HTML 2Page - Sony Corporation CXA1842S Datasheet HTML 3Page - Sony Corporation CXA1842S Datasheet HTML 4Page - Sony Corporation CXA1842S Datasheet HTML 5Page - Sony Corporation CXA1842S Datasheet HTML 6Page - Sony Corporation CXA1842S Datasheet HTML 7Page - Sony Corporation CXA1842S Datasheet HTML 8Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
SONY CODE
EIAJ CODE
JEDEC CODE
PACKAGE STRUCTURE
MOLDING COMPOUND
LEAD TREATMENT
LEAD MATERIAL
PACKAGE WEIGHT
EPOXY RESIN
SOLDER PLATING
COPPER ALLOY
22PIN SDIP (PLASTIC)
SDIP-22P-01
SDIP022-P-0300
0.95g
1.778
11
12
1
22
19.2 – 0.1
+ 0.4
0° to 15°
0.5 ± 0.1
0.9 – 0.1
+ 0.15
Package Outline
Unit : mm
CXA1842S
—8—


Numéro de pièce similaire - CXA1842S

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXA1843Q SONY-CXA1843Q Datasheet
518Kb / 20P
   High-Speed Sample-and-Hold IC
CXA1844Q SONY-CXA1844Q Datasheet
447Kb / 16P
   10-BIT 33MSPS A/D CONVERTER
CXA1845Q SONY-CXA1845Q Datasheet
390Kb / 19P
   I2C BUS-COMPATIBLE AUDIO/VIDEO SWITCH
CXA1846AM SONY-CXA1846AM Datasheet
161Kb / 10P
   Electronic volume control
CXA1846AN SONY-CXA1846AN Datasheet
161Kb / 10P
   Electronic volume control
More results

Description similaire - CXA1842S

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
YSS220 ETC1-YSS220 Datasheet
776Kb / 20P
   SURROUND PROCESSOR 3
logo
Rohm
BA3837 ROHM-BA3837 Datasheet
138Kb / 11P
   Vocal fader IC
BA3836 ROHM-BA3836 Datasheet
61Kb / 5P
   Vocal fader IC
logo
Cirrus Logic
WM8281 CIRRUS-WM8281 Datasheet
7Mb / 392P
   Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
logo
PUI audio inc.
AS02804PR-N50-R PUIAUDIO-AS02804PR-N50-R Datasheet
562Kb / 5P
   Paper cone and foam surround
AS02504PR-N50-R PUIAUDIO-AS02504PR-N50-R Datasheet
616Kb / 5P
   Paper cone and rubber surround
AS04004MR-N50-R PUIAUDIO-AS04004MR-N50-R Datasheet
616Kb / 5P
   Silver poly cone and rubber surround
AS04004MR-N50-WP-R PUIAUDIO-AS04004MR-N50-WP-R Datasheet
397Kb / 6P
   Silver poly cone and rubber surround
logo
Sony Corporation
CXA1642P SONY-CXA1642P Datasheet
76Kb / 5P
   VOCAL CANCELLER FOR KARAOKE EQUIPMENT
logo
Renesas Technology Corp
R2S15903SP RENESAS-R2S15903SP Datasheet
303Kb / 12P
   Sound Controller with Surround and AGC
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com