Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXA1810 Fiches technique(PDF) 5 Page - Sony Corporation

No de pièce CXA1810
Description  Luminance and Color Signal Processing for 8mm VCR
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1810 Fiches technique(HTML) 5 Page - Sony Corporation

  CXA1810 Datasheet HTML 1Page - Sony Corporation CXA1810 Datasheet HTML 2Page - Sony Corporation CXA1810 Datasheet HTML 3Page - Sony Corporation CXA1810 Datasheet HTML 4Page - Sony Corporation CXA1810 Datasheet HTML 5Page - Sony Corporation CXA1810 Datasheet HTML 6Page - Sony Corporation CXA1810 Datasheet HTML 7Page - Sony Corporation CXA1810 Datasheet HTML 8Page - Sony Corporation CXA1810 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 53 page
background image
—5—
CXA1810AQ/AR
Pin
Symbol
Pin voltage
Equivalent circuit
Description
No.
DC
AC
Connects external time
constant for HPF of noise
canceler. (Refer to item 11 on
Description of Operation.)
Y signal output that has been
FM demodulated and has
passed though the DEMOD
LPF.
During recording, a chroma
signal that has been burst
emphasized, chroma
emphasized, and frequency
converted is output. During
ACK, the output DC goes to
0V. During recording, if
TEST1 is High the burst
emphasized signal is output.
Connects external time
constant for HPF of the
white/dark clipping
compensation circuit during
playback.
Input for de-emphasis circuit
during playback. The signal is
input to the de-emphasis
circuit through the clipping
compensation circuit.
150
6
1mA
63
7
SAT
200
4k
8
150
9
5k
150
2.05V
10
6
NCTC IN
7
DEMOD
OUT
8
REC C
OUT
9
COMP TC
10 DEEMPH
IN
2.05V (when
time constant
connected)
1.6V
2.0V
2.05V (when
time constant
connected)
2.05 V
(center DC)
140mVp-p
output during
standard
playback
Low-
frequency
conversion
chroma
signal
300mVp-p
output
180mVp-p
input during
playback
VG1
9
11
Input
VG1
6
11


Numéro de pièce similaire - CXA1810

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXA1812 SONY-CXA1812 Datasheet
309Kb / 22P
   S-terminal Compatible Video I/O
CXA1812Q SONY-CXA1812Q Datasheet
309Kb / 22P
   S-terminal Compatible Video I/O
CXA1814 SONY-CXA1814 Datasheet
374Kb / 20P
   8 mm VCR ATF
CXA1814N SONY-CXA1814N Datasheet
374Kb / 20P
   8 mm VCR ATF
logo
Cree, Inc
CXA1816 CREE-CXA1816 Datasheet
2Mb / 17P
   XLamp LED
More results

Description similaire - CXA1810

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXA1700AQ SONY-CXA1700AQ Datasheet
794Kb / 51P
   Luminance and Color Signal Processing for 8mm VCR
CXA1207AR SONY-CXA1207AR Datasheet
1Mb / 45P
   8 mm VCR LUMINANCE SIGNAL PROCESSING
logo
Panasonic Semiconductor
AN3501NFBP PANASONIC-AN3501NFBP Datasheet
260Kb / 24P
   Luminance, chroma and linear audio signal processing IC for VCR
AN2493FH PANASONIC-AN2493FH Datasheet
238Kb / 24P
   Luminance and chrominance signal processing (PAL) IC for 8 mm VCR
logo
Sony Corporation
CXA1208R SONY-CXA1208R Datasheet
948Kb / 38P
   8 mm VCR COLOR SIGNAL PROCESSING
logo
Panasonic Semiconductor
AN3248NK PANASONIC-AN3248NK Datasheet
68Kb / 1P
   Luminance signal processor ic for vcr
AN3231FA PANASONIC-AN3231FA Datasheet
92Kb / 1P
   Luminance Signal Recording/Playback IC for VCR
AN5302K PANASONIC-AN5302K Datasheet
437Kb / 14P
   NTSC LUMINANCE SIGNAL, CHROMA-SIGNAL AND SYNCHRONOUS SIGNAL PROCESSING ICs
logo
NTE Electronics
NTE15030 NTE-NTE15030 Datasheet
22Kb / 3P
   Integrated Circuit CMOS, Color Processing Circuit for VCR
logo
Rohm
BH7775K ROHM-BH7775K Datasheet
226Kb / 17P
   VCR audio signal processing system
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com