Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

UF07M Datasheet(Fiches technique) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Numéro de pièce UF07M
Description  High Efficiency Rectifiers
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Site Internet  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

UF07M Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  UF07M Datenblatt HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd UF07M Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0
0.01
0.1
1.0
10
100
TJ=25
Pulse Width=300µS
0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2
UF07A-UF07D
UF07J-UF07M
UF07G
FIG.2-MAXIMUMNON-REPETITIVE FORWARD
NUMBEROFCYCLESAT60Hz
SURGECURRENT
12
4
6 8 10
20
40
60 80 100
25
20
15
10
5
0
8.3ms Single Half Sine-Wave
(JEDED Method)
FIG.1-TYPICALFORWARDCURRENT
AMBIENTTEMPERATURE,
DERATINGCURVE
1.0
.8
.6
.4
.2
0
0
25
50
75 100
125 150 175
Single Phase
Half Wave 60Hz
Resistive or
Inductive Load
FIG.3-TYPICALINSTANTANEOUS
FORWARDCHARACTERISTICS
INSTANTANEOUSFORWARDVOLTAGE,V
T J = 100
TJ = 25
FIG.4-TYPICALREVERSECHARACTERISTICS
PERCENTOFRATEDPEAKREVERSEVOLTAGE,%
0
20
40
60
80
100
120
140
.1
.5
1
5
100
10
50
UF07A-UF07M
High Efficiency Rectifiers
Ratings AND Charactieristic Curves
http://www.luguang.cn
mail:lge@luguang.cn


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn