Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

UF07M Datasheet(Fiches technique) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Numéro de pièce UF07M
Description  High Efficiency Rectifiers
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Site Internet  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

UF07M Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  UF07M Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd UF07M Datenblatt HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2.8±0.1
Cathode Band
Top View
3.7±0.2
0.6±0.25
Low forward surge current
Ideal for surface mouted applications
Low leakage current
Case:JEDEC SOD-123FL,molded plastic over
passivated chip
Polarity: Color band denotes cathode end
Weight: 0.006 ounces, 0.02 gram
Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase,half wave,60Hz,resistive or inductive load.For capactive load,derate current by 20%.
ABSOLUTE RATINGS
UB
UD
UG
UJ
UK
UM
VRRM
100
200
400
600
800
1000
V
VRMS
70
140
280
420
560
700
V
VDC
100
200
400
600
800
1000
V
RθJA
/W
Tj
TSTG
NOTE1.Pulse test: pulse width 300µsec,duty cycle 2%.
µ
A
trr
ns
IR
10
200
Typical thermal resistance junction to lead
180
Maximum instantaneous
forward voltage @IFM=0.7A (Note 1)
VF
07A
07B
07D 07G
07J
07K 07M
UA
UNITS
Device marking code
50
A
I(AV)
A
35
50
- 55 --- + 150
IFSM
- 55 --- + 150
1.0
20
UF
UF
UF
UF
UF
UF
UF
REVERSE VOLTAGE: 50 - 1000 V
CURRENT: 1.0A
SOD - 123FL
Maximum recurrent peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward
rectified current @TA=75℃
Peak forward surge current 8.3ms single
half-sine-wave superimposed
Maximum DC reverse current @TA=25℃
at rated DC blocking voltage @TA=125℃
Operating temperature range
Storage temperature range
on rated load
Maximum reverse
V
1
1.0
1.4
1.7
50
75
recovery time (Note 2)
2.Measured with IF=0.5A,IR=1.0A,Irr=0.25A.
Dimensions in millimeters
UF07A-UF07M
High Efficiency Rectifiers
Features
Mechanical Data
http://www.luguang.cn
mail:lge@luguang.cn


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn