Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXA1797Q Fiches technique(PDF) 9 Page - Sony Corporation

No de pièce CXA1797Q
Description  Dolby B-C Type Noise Reduction System with Recording Equalizer Amplifier
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1797Q Fiches technique(HTML) 9 Page - Sony Corporation

Back Button CXA1797Q Datasheet HTML 5Page - Sony Corporation CXA1797Q Datasheet HTML 6Page - Sony Corporation CXA1797Q Datasheet HTML 7Page - Sony Corporation CXA1797Q Datasheet HTML 8Page - Sony Corporation CXA1797Q Datasheet HTML 9Page - Sony Corporation CXA1797Q Datasheet HTML 10Page - Sony Corporation CXA1797Q Datasheet HTML 11Page - Sony Corporation CXA1797Q Datasheet HTML 12Page - Sony Corporation CXA1797Q Datasheet HTML 13Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
—9—
CXA1797Q
Pin
Symbol
Typical pin voltage
I/O
Z (in)
Equivalent circuit
Description
No.
DC
AC
Recording volume
balance
adjustment
High-frequency
gain adjustment of
recording
equalizer amplifier
Peak frequency Q
adjustment of
recording
equalizer amplifier
Recording
equalizer amplifier
gain adjustment
Logic power
supply
(DREF = 1/2
(DVCC + DGND) is
CAL reference.)
DREF
147
VCC
VEE
147 54k
VCC
VEE
147 54k
VCC
VEE
DREF
DGND
DVCC
VCC
VEE
27
28
29
30
31
REC BALANCE
GH CAL
FQ CAL
REC CAL
DVCC
2.5V
2.5V
2.5V
+5.0V
100k
54k
54k
I
I
I
I


Numéro de pièce similaire - CXA1797Q

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXA1791 SONY-CXA1791 Datasheet
245Kb / 12P
   RF AMPLIFIER FOR CD PLAYERS
CXA1791M SONY-CXA1791M Datasheet
245Kb / 12P
   RF AMPLIFIER FOR CD PLAYERS
CXA1791N SONY-CXA1791N Datasheet
245Kb / 12P
   RF AMPLIFIER FOR CD PLAYERS
CXA1792 SONY-CXA1792 Datasheet
281Kb / 15P
   2-CHANNEL, 5-ELEMENT GRAPHIC EQUALIZER IC
CXA1792S SONY-CXA1792S Datasheet
281Kb / 15P
   2-CHANNEL, 5-ELEMENT GRAPHIC EQUALIZER IC
More results

Description similaire - CXA1797Q

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXA1878Q SONY-CXA1878Q Datasheet
1Mb / 36P
   Dolby B-C Type Noise Reduction System with Recording/Playback Equalizer Amplifier
CXA1897Q SONY-CXA1897Q Datasheet
396Kb / 22P
   Dolby B Type Noise Reduction System with Recording/Playback Equalizer
CXA2561Q SONY-CXA2561Q Datasheet
324Kb / 20P
   Dolby B-C Type Noise Reduction System with Playback Equalizer Amplifier
CXA2511AQ SONY-CXA2511AQ Datasheet
565Kb / 21P
   Dolby B-C Type Noise Reduction System with Playback Equalizer Amplifier
CXA2510AQ SONY-CXA2510AQ Datasheet
447Kb / 21P
   Dolby B Type Noise Reduction System with Playback Equalizer Amplifier
CXA1911Q SONY-CXA1911Q Datasheet
334Kb / 18P
   Dolby B/C Type Noise Reduction System with Playback Equalizer
CXA2560Q SONY-CXA2560Q Datasheet
310Kb / 19P
   Dolby B Type Noise Reduction System with Playback Equalizer Amplifier
CXA1580Q SONY-CXA1580Q Datasheet
351Kb / 17P
   Dolby B Type Noise Reduction System with Playback Equalizer
CXA1980Q SONY-CXA1980Q Datasheet
233Kb / 17P
   Dolby B Type Noise Reduction System with Playback Equalizer
CXA1910Q SONY-CXA1910Q Datasheet
387Kb / 18P
   Dolby B Type Noise Reduction System with Playback Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com