Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXA1787N Fiches technique(PDF) 10 Page - Sony Corporation

No de pièce CXA1787N
Description  2GHz-band PLL IC for Mobile Communications
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1787N Fiches technique(HTML) 10 Page - Sony Corporation

Back Button CXA1787N Datasheet HTML 5Page - Sony Corporation CXA1787N Datasheet HTML 6Page - Sony Corporation CXA1787N Datasheet HTML 7Page - Sony Corporation CXA1787N Datasheet HTML 8Page - Sony Corporation CXA1787N Datasheet HTML 9Page - Sony Corporation CXA1787N Datasheet HTML 10Page - Sony Corporation CXA1787N Datasheet HTML 11Page - Sony Corporation CXA1787N Datasheet HTML 12Page - Sony Corporation CXA1787N Datasheet HTML 13Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
– 10 –
CXA1787N
6. Reference signal (the input signal of reference counter)
The external oscillator signal can be used as the reference signal by inputting the signal of the external
oscillator to the OSCI pin, and the reference signal can be also generated by connecting the crystal resonator
to the OSCI and OSCO pins.
(1) Generation of the reference signal by the external oscillator
Input the signal to the OSCI pin via a capacitor as shown below when the external oscillator signal is use as
the reference signal.
(2) Generation of the reference signal by the built-in oscillator
Connect the crystal resonator between OSCI and OSCO pins as shown below. Use the crystal resonator of
several MHz and confirm the stability of the oscillation and others. The capacitance ratio of CI and Co
should be 1 to 2:1, and their values should be selected so that the serial capacitance of CI and Co may be
the load capacitance specified by the crystal vibrator.
Notes on Operation
• This is ESD sensitive device due to handling the higher frequency signal of 2GHz; therefore prevent
electrostatic damage more than 400V in the EIAJ system.
• Make the input route of the RF signal from the VCO as short as possible.
• Connect the Vcc and Vp pins to the ground respectively via the by-pass capacitors as short as possible
because the frequency of signal used in this IC is higher.
1
2
3
OSCI
NC
OSCO
1
2
3
OSCI
NC
OSCO
CI
CO


Numéro de pièce similaire - CXA1787N

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXA1782 SONY-CXA1782 Datasheet
763Kb / 31P
   RF Signal Processing Servo Amplifier for CD players
CXA1782BQ SONY-CXA1782BQ Datasheet
1Mb / 31P
   RF Signal Processing Servo Amplifier for CD player
CXA1782BR SONY-CXA1782BR Datasheet
1Mb / 31P
   RF Signal Processing Servo Amplifier for CD player
CXA1782CQ SONY-CXA1782CQ Datasheet
763Kb / 31P
   RF Signal Processing Servo Amplifier for CD players
CXA1782CR SONY-CXA1782CR Datasheet
763Kb / 31P
   RF Signal Processing Servo Amplifier for CD players
More results

Description similaire - CXA1787N

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXA1786N SONY-CXA1786N Datasheet
183Kb / 12P
   1.1GHz-band PLL IC for Mobile Communications
logo
NIHON DEMPA KOGYO
NX2520SG NDK-NX2520SG_16 Datasheet
697Kb / 1P
   For Mobile Communications
NX5032SA NDK-NX5032SA_16 Datasheet
701Kb / 1P
   For Mobile Communications
NX2520SG NDK-NX2520SG_15 Datasheet
295Kb / 1P
   For Mobile Communications
NX2016SF_18 NDK-NX2016SF_18_03 Datasheet
785Kb / 1P
   For Mobile Communications
NX2016SF NDK-NX2016SF Datasheet
369Kb / 1P
   For Mobile Communications
NX1612SB NDK-NX1612SB_17 Datasheet
755Kb / 1P
   For Mobile Communications
NX5032SA NDK-NX5032SA_15 Datasheet
299Kb / 1P
   For Mobile Communications
logo
Sony Corporation
CXA1852N SONY-CXA1852N Datasheet
174Kb / 10P
   Quadrature Modulator for 900 MHz-Band Mobile Communications
CXA1851N SONY-CXA1851N Datasheet
223Kb / 12P
   Up/Down Converter for 900 MHz-Band Mobile Communications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com