Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74AS856DW Fiches technique(PDF) 4 Page - Texas Instruments

No de pièce SN74AS856DW
Description  8-BIT UNIVERSAL TRANSCEIVER PORT CONTROLLERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AS856DW Fiches technique(HTML) 4 Page - Texas Instruments

  SN74AS856DW Datasheet HTML 1Page - Texas Instruments SN74AS856DW Datasheet HTML 2Page - Texas Instruments SN74AS856DW Datasheet HTML 3Page - Texas Instruments SN74AS856DW Datasheet HTML 4Page - Texas Instruments SN74AS856DW Datasheet HTML 5Page - Texas Instruments SN74AS856DW Datasheet HTML 6Page - Texas Instruments SN74AS856DW Datasheet HTML 7Page - Texas Instruments SN74AS856DW Datasheet HTML 8Page - Texas Instruments SN74AS856DW Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SN54AS856, SN74AS856
8BIT UNIVERSAL TRANSCEIVER PORT CONTROLLERS
SDAS032A − DECEMBER 1983 − REVISED MARCH 1985
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
4
logic diagram (positive logic)
I = 0
1D
C1
21
B1
A1
4
5
A2
B2
20
C1
1D
I = 0
I = 0
1D
C1
14
B8
A8
11
10
A7
B7
15
C1
1D
I = 0
SERIN
22
CLK
23
MODE
3
OEA
2
OEB
1
Q8
13
Four Identical Channels Not Shown
Inputs/Outputs Not Shown:
(6) A3
(19) B3
(7) A4
(18) B4
(8) A5
(17) B5
(9) A6
(16) B6
Pin numbers shown are for DW, JT, and NT packages.


Numéro de pièce similaire - SN74AS856DW

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AS850A TI1-SN74AS850A Datasheet
167Kb / 11P
[Old version datasheet]   1 OF 16 DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN74AS850AFN TI1-SN74AS850AFN Datasheet
265Kb / 13P
[Old version datasheet]   10-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74AS850AN TI1-SN74AS850AN Datasheet
265Kb / 13P
[Old version datasheet]   10-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74AS851B TI1-SN74AS851B Datasheet
265Kb / 13P
[Old version datasheet]   10-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74AS851BN TI1-SN74AS851BN Datasheet
265Kb / 13P
[Old version datasheet]   10-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results

Description similaire - SN74AS856DW

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AS877 TI1-SN74AS877 Datasheet
158Kb / 10P
[Old version datasheet]   8-BIT UNIVERSAL TRANSCEIVER PORT CONTROLLERS
logo
Freescale Semiconductor...
MC68HC11A1CFNE3 FREESCALE-MC68HC11A1CFNE3 Datasheet
3Mb / 52P
   8-Bit Micro controllers
logo
Texas Instruments
SN74VMEH22501A-EP TI1-SN74VMEH22501A-EP_15 Datasheet
929Kb / 38P
[Old version datasheet]   8-Bit Universal Bus Transceiver and Two 1-Bit Bus Transceivers
logo
NXP Semiconductors
FB2033 PHILIPS-FB2033 Datasheet
173Kb / 10P
   8-bit latched/registered/pass-thru Futurebus universal interface transceiver
1995 May 25
FBL2033 PHILIPS-FBL2033 Datasheet
150Kb / 14P
   3.3V BTL 8-bit latched/registered/pass-thru universal transceiver
1999 Apr 15
logo
Texas Instruments
CY74FCT2245T TI-CY74FCT2245T Datasheet
66Kb / 7P
[Old version datasheet]   8-Bit Transceiver
logo
Motorola, Inc
MC14034B MOTOROLA-MC14034B Datasheet
313Kb / 9P
   8-Bit Universal Bus Register
logo
Fairchild Semiconductor
29F52 FAIRCHILD-29F52 Datasheet
69Kb / 8P
   8-Bit Registered Transceiver
logo
List of Unclassifed Man...
IR33Z9MR20 ETC2-IR33Z9MR20 Datasheet
370Kb / 2P
   IR33 Universal Electronic Controllers
logo
Texas Instruments
CY29FCT52T TI-CY29FCT52T Datasheet
264Kb / 10P
[Old version datasheet]   8-Bit Registered Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com