Moteur de recherche de fiches techniques de composants électroniques |
|
SN74ALVC162268DL Fiches technique(PDF) 5 Page - Texas Instruments |
|
SN74ALVC162268DL Fiches technique(HTML) 5 Page - Texas Instruments |
5 / 11 page SN74ALVC162268 12BIT TO 24BIT REGISTERED BUS EXCHANGER WITH 3STATE OUTPUTS SCES051 − AUGUST 1995 5 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251−1443 electrical characteristics over recommended operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS VCC† TA = − 40°C to 85°C UNIT PARAMETER TEST CONDITIONS VCC† MIN TYP‡ MAX UNIT IOH = − 100 µA MIN to MAX VCC −0.2 IOH = − 4 mA, VIH = 1.7 V 2.3 V 1.9 VOH IOH = − 6 mA VIH = 1.7 V 2.3 V 1.7 V VOH (B port) IOH = − 6 mA VIH = 2 V 3 V 2.4 V (B port) IOH = − 8 mA, VIH = 2 V 2.7 V 2 IOH = − 12 mA, VIH = 2 V 3 V 2 IOL = 100 µA MIN to MAX 0.2 IOL = 4 mA, VIL = 0.7 V 2.3 V 0.4 VOL IOL = 6 mA VIL = 0.7 V 2.3 V 0.55 V VOL (B port) IOL = 6 mA VIL = 0.8 V 3 V 0.55 V (B port) IOL = 8 mA, VIL = 0.8 V 2.7 V 0.6 IOL = 12 mA, VIL = 0.8 V 3 V 0.8 IOH = − 100 µA MIN to MAX VCC −0.2 IOH = − 6 mA, VIH = 1.7 V 2.3 V 2 VOH VIH = 1.7 V 2.3 V 1.7 V VOH (A port) IOH = − 12 mA VIH = 2 V 2.7 V 2.2 V (A port) IOH = − 12 mA VIH = 2 V 3 V 2.4 IOH = − 24 mA, VIH = 2 V 3 V 2 IOL = 100 µA MIN to MAX 0.2 VOL IOL = 6 mA, VIL = 0.7 V 2.3 V 0.4 VOL (A port) IOL = 12 mA VIL = 0.7 V 2.3 V 0.7 V (A port) IOL = 12 mA VIL = 0.8 V 2.7 V 0.4 V IOL = 24 mA, VIL = 0.8 V 3 V 0.55 II VI = VCC or GND 3.6 V ±5 µA VI = 0.7 V 2.3 V 45 VI = 1.7 V 2.3 V −45 II(hold) VI = 0.8 V 3 V 75 µA II(hold) VI = 2 V 3 V −75 µA VI = 0 to 3.6 V 3.6 V ±500 IOZ§ VO = VCC or GND 3.6 V ±10 µA ICC VI = VCC or GND, IO = 0 3.6 V 40 µA nICC One input at VCC − 0.6 V, Other inputs at VCC or GND 3 V to 3.6 V 750 µA Ci Control inputs VI = VCC or GND 3.3 V 3.5 pF Cio A or B ports VO = VCC or GND 3.3 V 9 pF † For conditions shown as MIN or MAX, use the appropriate values under recommended operating conditions. ‡ All typical values are at VCC = 3.3 V. § For I/O ports, the parameter IOZ includes the input-leakage current. |
Numéro de pièce similaire - SN74ALVC162268DL |
|
Description similaire - SN74ALVC162268DL |