Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXA1700AR Fiches technique(PDF) 10 Page - Sony Corporation

No de pièce CXA1700AR
Description  Luminance and Color Signal Processing for 8mm VCR
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1700AR Fiches technique(HTML) 10 Page - Sony Corporation

Back Button CXA1700AR Datasheet HTML 6Page - Sony Corporation CXA1700AR Datasheet HTML 7Page - Sony Corporation CXA1700AR Datasheet HTML 8Page - Sony Corporation CXA1700AR Datasheet HTML 9Page - Sony Corporation CXA1700AR Datasheet HTML 10Page - Sony Corporation CXA1700AR Datasheet HTML 11Page - Sony Corporation CXA1700AR Datasheet HTML 12Page - Sony Corporation CXA1700AR Datasheet HTML 13Page - Sony Corporation CXA1700AR Datasheet HTML 14Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 51 page
background image
—10—
CXA1700AQ/AR
Pin
Symbol
Pin voltage
Equivalent circuit
Description
No.
DC
AC
Video signal input. Performs
diode clamping, with the
clamp capacitance externally
connected. If the mode MUTE
is set High, the charge of the
clamp capacitance is
discharged.
Level adjustment during
recording. The adjustment
range is 1.3V to 2.6V. During
playback, serves as input for
JOG (variable speed
playback) VD pulse and HD
pulse.
VTH = 2.7V
(Refer to item 3 on Description
of Operation.)
Video signal input for video
out circuit. Performs diode
clamping, with the clamp
capacitance externally
connected.
Time constant for feedback
clamp circuit in I/O block.
I/O block signal output.
270
100nA
4µA
MUTE
ON
30
150
31
270
32
100nA
100
33
100
34
3k
150
3.4k
27k
2.05V
30 V IN1
31 REC L/JVD
32 Y IN
33 CLAMP TC1
34 Y OUT
2.05V
(sync tip
level)
1.9V
(Typical value
during REC
LEVEL
adjustment)
1.6V
(sync tip
level)
1.8V
(sync tip
level)
Video
500mVp-p
input
Video
500mVp-p
input
Video
500mVp-p
output


Numéro de pièce similaire - CXA1700AR

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXA1702AR SONY-CXA1702AR Datasheet
550Kb / 24P
   4-channel REC/PB Amplifier for 8 mm VCR
CXA1704R SONY-CXA1704R Datasheet
568Kb / 24P
   2-channel REC/PB Amplifier for 8mm VCR
CXA1709 SONY-CXA1709 Datasheet
154Kb / 9P
   PRE-DRIVER FOR ULTRA-HIGH RESOLUTION COMPUTER DISPLAY
CXA1709P SONY-CXA1709P Datasheet
154Kb / 9P
   PRE-DRIVER FOR ULTRA-HIGH RESOLUTION COMPUTER DISPLAY
More results

Description similaire - CXA1700AR

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXA1810AQ SONY-CXA1810AQ Datasheet
969Kb / 53P
   Luminance and Color Signal Processing for 8mm VCR
CXA1207AR SONY-CXA1207AR Datasheet
1Mb / 45P
   8 mm VCR LUMINANCE SIGNAL PROCESSING
logo
Panasonic Semiconductor
AN3501NFBP PANASONIC-AN3501NFBP Datasheet
260Kb / 24P
   Luminance, chroma and linear audio signal processing IC for VCR
AN2493FH PANASONIC-AN2493FH Datasheet
238Kb / 24P
   Luminance and chrominance signal processing (PAL) IC for 8 mm VCR
logo
Sony Corporation
CXA1208R SONY-CXA1208R Datasheet
948Kb / 38P
   8 mm VCR COLOR SIGNAL PROCESSING
logo
Panasonic Semiconductor
AN3248NK PANASONIC-AN3248NK Datasheet
68Kb / 1P
   Luminance signal processor ic for vcr
AN3231FA PANASONIC-AN3231FA Datasheet
92Kb / 1P
   Luminance Signal Recording/Playback IC for VCR
AN5302K PANASONIC-AN5302K Datasheet
437Kb / 14P
   NTSC LUMINANCE SIGNAL, CHROMA-SIGNAL AND SYNCHRONOUS SIGNAL PROCESSING ICs
logo
NTE Electronics
NTE15030 NTE-NTE15030 Datasheet
22Kb / 3P
   Integrated Circuit CMOS, Color Processing Circuit for VCR
logo
Rohm
BH7775K ROHM-BH7775K Datasheet
226Kb / 17P
   VCR audio signal processing system
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com