Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

UF07K Datasheet(Fiches technique) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

Numéro de pièce UF07K
Description  HIGH EFFICIENCY RECTIFIERS
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Site Internet  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

UF07K Datasheet(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

  UF07K Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd UF07K Datenblatt HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
50V -1000V
0.7A
UF07A THRU UF07M
Mechanical Data
Web Site: www.taychipst.com
1 of 2
FEATURES
E-mail: sales@taychipst.com
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
SOD-123FL
!
HIGH EFFICIENCY RECTIFIERS
Low forward surge current
Ideal for surface mouted applications
Low leakage current
Case:JEDEC SOD-123FL,molded plastic over
passivated chip
Terminals:Solder Plated, solderable per
MIL-STD-750, Method 2026
Polarity: Color band denotes cathode end
Weight: 0.006 ounces, 0.02 gram
Mounting position: Any
!
!
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase,half wave,60Hz,resistive or inductive load.For capactive load,derate current by 20%.
UB
UD
UG
UJ
UK
UM
VRRM
100
200
400
600
800
1000
V
VRMS
70
140
280
420
560
700
V
VDC
100
200
400
600
800
1000
V
RθJA
℃/W
Tj
TSTG
NOTE1.Pulse test: pulse width 300
µsec,duty cycle 2%.
µA
trr
ns
IR
10
200
Typical thermal resistance junction to lead
180
Maximum instantaneous
forward voltage @IFM=0.7A (Note 1)
VF
07A
07B
07D
07G
07J
07K
07M
UA
UNITS
Device marking code
50
A
I(AV)
A
35
50
- 55 --- + 150
IFSM
- 55 --- + 150
0.7
20
UF
UF
UF
UF
UF
UF
UF
Maximum recurrent peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward
rectified current @TA=75℃
Peak forward surge current 8.3ms single
half-sine-wave superimposed
Maximum DC reverse current @TA=25℃
at rated DC blocking voltage @TA=125℃
Operating temperature range
Storage temperature range
on rated load
Maximum reverse
V
1
1.0
1.4
1.7
50
75
recovery time
(Note 2)
2.Measured with IF=0.5A,IR=1.0A,Irr=0.25A.


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn