Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

UF07G Fiches technique(PDF) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

No de pièce UF07G
Description  HIGH EFFICIENCY RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Site Internet  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

UF07G Fiches technique(HTML) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

  UF07G Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd UF07G Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES
UF07A THRU UF07M
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
2 of 2
50V -1000V
0.7A
UF07A THRU UF07M
HIGH EFFICIENCY RECTIFIERS
0
0.01
0.1
1.0
10
100
TJ=25
Pulse Width=300
µS
0.2 0.4 0.6 0.8 1
1.2 1.4 1.6 1.8
2
UF07A-UF07D
UF07J-UF07M
UF07G
FIG. 2 - MAXIMUM NON-REPETITIVE FORWARD
NUMBER OF CYCLES AT 60Hz
SURGE CURRENT
12
4
6 8 10
20
40
60 80 100
25
20
15
10
5
0
8.3ms Single Half Sine-Wave
(JEDED Method)
FIG. 1 - TYPICAL FORWARD CURRENT
AMBIENT TEMPERATURE,
DERATING CURVE
1.0
.8
.6
.4
.2
0
0
25
50
75 100
125 150 175
Single Phase
Half Wave 60Hz
Resistive or
Inductive Load
FIG. 3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, V
T J = 100
TJ = 25
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE, %
0
20
40
60
80
100
120
140
.1
.5
1
5
100
10
50


Html Pages

1  2 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn