Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC2843AQD8RQ1 Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce UC2843AQD8RQ1
Description  CURRENT-MODE PWM CONTROLLER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

UC2843AQD8RQ1 Fiches technique(HTML) 4 Page - Texas Instruments

  UC2843AQD8RQ1 Datasheet HTML 1Page - Texas Instruments UC2843AQD8RQ1 Datasheet HTML 2Page - Texas Instruments UC2843AQD8RQ1 Datasheet HTML 3Page - Texas Instruments UC2843AQD8RQ1 Datasheet HTML 4Page - Texas Instruments UC2843AQD8RQ1 Datasheet HTML 5Page - Texas Instruments UC2843AQD8RQ1 Datasheet HTML 6Page - Texas Instruments UC2843AQD8RQ1 Datasheet HTML 7Page - Texas Instruments UC2843AQD8RQ1 Datasheet HTML 8Page - Texas Instruments UC2843AQD8RQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
UC2843A-Q1
SGLS384 – MAY 2008........................................................................................................................................................................................................ www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
TA = –40°C to 125°C, VCC = 15 V, RT = 10 kΩ, CT = 3.3 nF, TA = TJ (unless otherwise stated)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Section (OUT)
IOUT = 20 mA
0.1
0.4
Low level output voltage
V
IOUT = 200 mA
15
2.2
IOUT = –20 mA
13
13.5
High level output voltage
V
IOUT = –200 mA
12
13.5
Rise time(8)
CL = 1 nF
TJ = 25°C
50
150
ns
Fall time(8)
CL = 1 nF
TJ = 25°C
50
150
ns
UVLO saturation
VCC = 5 V, IOUT = 10 mA
0.7
1.2
V
Undervoltage Lockout Section (UVLO)
Start threshold
7.8
8.4
9
V
Minimum operation voltage after
7
7.6
8.2
V
turn on
PWM Section
Maximum duty cycle
94
96
100
%
Minimum duty cycle
0
%
Total Standby Current
Start-up current
0.3
0.5
mA
Operating supply current
FB = 0 V, SENSE = 0 V
11
17
mA
VCC internal zener voltage
ICC = 25 mA
30
34
V
(8)
Specified by design.
4
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): UC2843A-Q1


Numéro de pièce similaire - UC2843AQD8RQ1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2843AQD8RQ1 TI-UC2843AQD8RQ1 Datasheet
591Kb / 15P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLER
More results

Description similaire - UC2843AQD8RQ1

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com