Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSC2011IRTJT Fiches technique(PDF) 3 Page - Texas Instruments

No de pièce TSC2011IRTJT
Description  Nanopower, 4-Wire Resistive Touch and Haptic Controller with I2C??Serial Interface
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TSC2011IRTJT Fiches technique(HTML) 3 Page - Texas Instruments

  TSC2011IRTJT Datasheet HTML 1Page - Texas Instruments TSC2011IRTJT Datasheet HTML 2Page - Texas Instruments TSC2011IRTJT Datasheet HTML 3Page - Texas Instruments TSC2011IRTJT Datasheet HTML 4Page - Texas Instruments TSC2011IRTJT Datasheet HTML 5Page - Texas Instruments TSC2011IRTJT Datasheet HTML 6Page - Texas Instruments TSC2011IRTJT Datasheet HTML 7Page - Texas Instruments TSC2011IRTJT Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TSC2011
www.ti.com
SBAS516
– NOVEMBER 2011
ELECTRICAL CHARACTERISTICS
At TA = –40°C to +85°C, VDD = +1.2V to +3.6V, HVDD = 1.2V to 3.6V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
AUXILARY ANALOG INPUTS
Input voltage range
0
VDD
V
ADC sampling capacitance
15
pF
Input leakage current
No ADC conversion
–1
+1
µA
Full-scale average input current
VDD = 1.6V, continuous AUX, fADC = 2 MHz
±2
µA
ANALOG-TO-DIGITAL CONVERTER
Resolution
Programmable: 10 or 12 bits
12
Bits
No missing codes
12-bit resolution
11
Bits
Integral linearity
12-bit resolution, fADC = 2 MHz
–2
±0.5
+2
LSB(1)
Differential linearity
12-bit resolution, fADC = 2 MHz
–2
±0.5
+2
LSB
TSC2011IRTJ
–5
1
+5
VDD = 1.6V, 12-bit resolution, fADC =
Offset error
LSB
2 MHz
TSC2011IYZK
1
TSC2011IRTJ
–3
0
+3
VDD = 1.6V, 12-bit resolution, fADC =
Gain error
LSB
2 MHz
TSC2011IYZK
0
TOUCH SENSORS
X+ 50k
Ω pull-up resistor, RIRQ
50
K
X, Y drivers on-resistance
TA = +25°C, VDD = 1.6V, 1mA test current
7
Max resistance
X+, X
1
difference between
Y+, Y
1
drivers
X, Y drivers drive current(2)
100ms duration
50
mA
INTERNAL TEMPERATURE SENSOR
Temperature range
–40
+85
°C
VDD = 1.6V
1
Differential
°C/LSB
method(3)
VDD = 3V
1.88
Resolution
VDD = 1.6V
0.19
TEMP1(4)
°C/LSB
VDD = 3V
0.36
TSC2011IRTJ
2.575
Differential temperature coefficient
°C/mV
TSC2011IYZK
2.560
INTERNAL OSCILLATOR
VDD = 1.6V, TA = 25°C
3.3
3.8
4.3
Clock frequency, fOSC
MHz
VDD = 3.0V, TA = 25°C
4
VDD = 1.6V
±0.01
Frequency drift
%/C
VDD = 3.0V
–0.02
HAPTIC FEEDBACK CONTROL/PORT
Haptic voltage range HVDD
1.2
3.6
V
Maximum haptic driving current,
HVDD = 3.3V, With over current protection on
250
mA
H+/U+ and H
–/U– pins
Haptic quiescent current
HVDD = 3.3V, Internal bridge, No load, TPWM = 50 µs, TA = 25°C
80
µA
Haptic powerdown current
HVDD = 3.3V, Driver OFF, TA = 25°C
0.07
µA
HVDD = 3.3V, TA = 25°C
0.5
1.5
4
Ω
RDS(ON) resistance
HVDD = 2.0V, TA = 25°C
2
Ω
Over Current protection limit
HVDD = 3.3V, OVF set to "1" if over current detected
175
250
310
mA
Leakage current
H+/U+ and H
–/U– pins
–1
1
µA
(1)
LSB means Least Significant Bit. With VDD = 1.6V, one LSB is 390µV.
(2)
Assured by design, but not tested. Exceeding 50mA source current may result in device degradation.
(3)
Difference between TEMP1 and TEMP2 measurement; no calibration necessary.
(4)
Temperature drift: TEMP1 =
–2.024mV/°C, TEMP2 = –1.661mV/°C.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TSC2011


Numéro de pièce similaire - TSC2011IRTJT

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
TSC2011IDT STMICROELECTRONICS-TSC2011IDT Datasheet
1Mb / 54P
   High voltage, precision, bidirectional current sense amplifiers
Rev 4 - August 2020
TSC2011IST STMICROELECTRONICS-TSC2011IST Datasheet
1Mb / 54P
   High voltage, precision, bidirectional current sense amplifiers
Rev 4 - August 2020
TSC2011IYDT STMICROELECTRONICS-TSC2011IYDT Datasheet
1Mb / 54P
   High voltage, precision, bidirectional current sense amplifiers
Rev 4 - August 2020
TSC2011IYST STMICROELECTRONICS-TSC2011IYST Datasheet
1Mb / 54P
   High voltage, precision, bidirectional current sense amplifiers
Rev 4 - August 2020
More results

Description similaire - TSC2011IRTJT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TSC2017 TI1-TSC2017 Datasheet
728Kb / 38P
[Old version datasheet]   12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2017 TI1-TSC2017_14 Datasheet
924Kb / 39P
[Old version datasheet]   12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2014 TI1-TSC2014_14 Datasheet
643Kb / 8P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2013-Q1 TI1-TSC2013-Q1 Datasheet
1Mb / 70P
[Old version datasheet]   TSC2013-Q1 12-Bit, Nanopower, 4-Wire Dual-Touch Screen Controller With I2C Interface
logo
Burr-Brown (TI)
TSC2004 BURR-BROWN-TSC2004 Datasheet
1Mb / 54P
   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
logo
Texas Instruments
TSC2014 TI1-TSC2014 Datasheet
435Kb / 7P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2014_15 TI-TSC2014_15_15 Datasheet
631Kb / 7P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2007-Q1 TI1-TSC2007-Q1 Datasheet
787Kb / 39P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2007 TI-TSC2007_1 Datasheet
816Kb / 41P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2007 TI1-TSC2007_17 Datasheet
1Mb / 41P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com