Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS9110IPWLE Fiches technique(PDF) 3 Page - Texas Instruments

No de pièce TPS9110IPWLE
Description  CELLULAR SUBSCRIBER TERMINAL POWER SUPPLY
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS9110IPWLE Fiches technique(HTML) 3 Page - Texas Instruments

  TPS9110IPWLE Datasheet HTML 1Page - Texas Instruments TPS9110IPWLE Datasheet HTML 2Page - Texas Instruments TPS9110IPWLE Datasheet HTML 3Page - Texas Instruments TPS9110IPWLE Datasheet HTML 4Page - Texas Instruments TPS9110IPWLE Datasheet HTML 5Page - Texas Instruments TPS9110IPWLE Datasheet HTML 6Page - Texas Instruments TPS9110IPWLE Datasheet HTML 7Page - Texas Instruments TPS9110IPWLE Datasheet HTML 8Page - Texas Instruments TPS9110IPWLE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
TPS9110
CELLULAR SUBSCRIBER TERMINAL
POWER SUPPLY
SLVS164 – AUGUST 1997
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TPS9110Y chip information
These chips, when properly assembled, display characteristics similar to those of the TPS9110. Thermal
compression or ultrasonic bonding may be used on the doped aluminum bonding pads. The chips may be
mounted with conductive epoxy or a gold-silicon preform.
CHIP THICKNESS:
15 TYPICAL
BONDING PADS:
3.3
× 3.3 MINIMUM
TJ max = 150°C
TOLERANCES ARE
±10%.
ALL DIMENSIONS
ARE IN MILS.
153
94
4
12
25
26
56
7
89
10
11
13
14
15
16
17
24
23
22
21
20
19
18
27
28
1
2
3
BONDING PAD ASSIGNMENTS


Numéro de pièce similaire - TPS9110IPWLE

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS9111 TI1-TPS9111 Datasheet
386Kb / 23P
[Old version datasheet]   CELLULAR SUBSCRIBER TERMINAL POWER SUPPLY
TPS9111IPW TI1-TPS9111IPW Datasheet
386Kb / 23P
[Old version datasheet]   CELLULAR SUBSCRIBER TERMINAL POWER SUPPLY
TPS9111IPWLE TI1-TPS9111IPWLE Datasheet
386Kb / 23P
[Old version datasheet]   CELLULAR SUBSCRIBER TERMINAL POWER SUPPLY
TPS9111IPWR TI1-TPS9111IPWR Datasheet
386Kb / 23P
[Old version datasheet]   CELLULAR SUBSCRIBER TERMINAL POWER SUPPLY
More results

Description similaire - TPS9110IPWLE

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS9111 TI1-TPS9111 Datasheet
386Kb / 23P
[Old version datasheet]   CELLULAR SUBSCRIBER TERMINAL POWER SUPPLY
TPS9104 TI1-TPS9104_05 Datasheet
584Kb / 34P
[Old version datasheet]   CELLULAR SUBSCRIBER TERMINAL POWER SUPPLY/AUDIO SYSTEM
TPS9104 TI-TPS9104 Datasheet
557Kb / 33P
[Old version datasheet]   CELLULAR SUBSCRIBER TERMINAL POWER SUPPLY/AUDIO SYSTEM
logo
ON Semiconductor
MC33170 ONSEMI-MC33170 Datasheet
231Kb / 16P
   RF Amplifier Companion Chip for Dual-Band Cellular Subscriber Terminal
May, 2001 ??Rev. 1
logo
Maxim Integrated Produc...
MAX2251 MAXIM-MAX2251 Datasheet
193Kb / 10P
   2.8V, Single-Supply, Cellular-Band Linear Power Amplifier
Rev 2; 2/03
MAX2267 MAXIM-MAX2267 Datasheet
186Kb / 16P
   2.7V, Single-Supply, Cellular-Band Linear Power Amplifiers
19-1567; Rev 0; 1/00
MAX2264 MAXIM-MAX2264 Datasheet
183Kb / 16P
   2.7V, Single-Supply, Cellular-Band Linear Power Amplifiers
19-1524; Rev 2; 11/99
logo
Intersil Corporation
CD22204 INTERSIL-CD22204 Datasheet
44Kb / 5P
   5V Low Power Subscriber DTMF Receiver
February 1999
logo
List of Unclassifed Man...
75T204 ETC-75T204 Datasheet
63Kb / 9P
   5V Low-Power Subscriber DTMF Receiver
logo
Bourns Electronic Solut...
85122 BOURNS-85122 Datasheet
301Kb / 1P
   Subscriber Bridge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com