Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FMBT3906 Fiches technique(PDF) 10 Page - Formosa MS

No de pièce FMBT3906
Description  200mA Silicon PNP Epitaxial Planar Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FORMOSA [Formosa MS]
Site Internet  http://www.formosams.com
Logo FORMOSA - Formosa MS

FMBT3906 Fiches technique(HTML) 10 Page - Formosa MS

Back Button FMBT3906_11 Datasheet HTML 2Page - Formosa MS FMBT3906_11 Datasheet HTML 3Page - Formosa MS FMBT3906_11 Datasheet HTML 4Page - Formosa MS FMBT3906_11 Datasheet HTML 5Page - Formosa MS FMBT3906_11 Datasheet HTML 6Page - Formosa MS FMBT3906_11 Datasheet HTML 7Page - Formosa MS FMBT3906_11 Datasheet HTML 8Page - Formosa MS FMBT3906_11 Datasheet HTML 9Page - Formosa MS FMBT3906_11 Datasheet HTML 10Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Page 10
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Formosa MS
High reliability test capabilities
FMBT3906
PNP Epitaxial Planar Transistor
Document ID
Issued Date
Revised Date
Revision
Page.
1.
2.
3.
4.
5.
6.
7.
8.
Steady State Operating Life
High Temperature Reverse Bias
Temperature Cycle
Autoclave
High Temperature Storage Life
Solderability
High Temperature High Humidity Reverse
Bias
Resistance to Soldering Heat
P =225mW Test Duration:1000hrs
D
Tj= 150℃, V = 80% related volage, 1000hrs
CE
-55℃(15min) to 150℃(15min)Air to Air Transition Time<20sec Test Cycles:1000cycle
P= 2atm Ta= 121℃ RH= 100% Test Duration: 96hrs
Ta= 150℃ Test Duration: 1000hrs
245℃,5sec
Ta= 85℃, 85% RH, V = 80% related volage, 1000hrs
CE
260℃,10sec
Item Test
Conditions
DS-231113
2008/02/10
2011/07/21
E
10


Numéro de pièce similaire - FMBT3906_11

FabricantNo de pièceFiches techniqueDescription
logo
Formosa MS
FMBT3906 FORMOSA-FMBT3906_17 Datasheet
435Kb / 10P
   SMD PNP Transistor
More results

Description similaire - FMBT3906_11

FabricantNo de pièceFiches techniqueDescription
logo
Formosa MS
FMBT3904 FORMOSA-FMBT3904_11 Datasheet
461Kb / 11P
   200mA Silicon NPN Epitaxial Planar Transistor
logo
SeCoS Halbleitertechnol...
BCPA94 SECOS-BCPA94 Datasheet
224Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
logo
KODENSHI_AUK CORP.
SUR502EF KODENSHI-SUR502EF Datasheet
254Kb / 5P
   Epitaxial planar PNP silicon transistor
logo
Sanken electric
2SB1259 SANKEN-2SB1259_07 Datasheet
36Kb / 1P
   Silicon PNP Epitaxial Planar Transistor
2SB1382 SANKEN-2SB1382_07 Datasheet
35Kb / 1P
   Silicon PNP Epitaxial Planar Transistor
logo
Sanyo Semicon Device
FX513 SANYO-FX513 Datasheet
44Kb / 4P
   PNP EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HSB649T HSMC-HSB649T Datasheet
43Kb / 4P
   SILICON PNP EPITAXIAL PLANAR TRANSISTOR
logo
Galaxy Semi-Conductor H...
KTA2015W BILIN-KTA2015W Datasheet
171Kb / 4P
   PNP Silicon Epitaxial Planar Transistor
MMSTA92 BILIN-MMSTA92 Datasheet
131Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
logo
Guangdong Kexin Industr...
2SA1772 KEXIN-2SA1772 Datasheet
44Kb / 2P
   PNP Epitaxial Planar Silicon Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com