Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FM723-NL Fiches technique(PDF) 7 Page - Formosa MS

No de pièce FM723-NL
Description  200mA Surface Mount Small Signal Schottky Diode-30V
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FORMOSA [Formosa MS]
Site Internet  http://www.formosams.com
Logo FORMOSA - Formosa MS

FM723-NL Fiches technique(HTML) 7 Page - Formosa MS

  FM723-NL Datasheet HTML 1Page - Formosa MS FM723-NL Datasheet HTML 2Page - Formosa MS FM723-NL Datasheet HTML 3Page - Formosa MS FM723-NL Datasheet HTML 4Page - Formosa MS FM723-NL Datasheet HTML 5Page - Formosa MS FM723-NL Datasheet HTML 6Page - Formosa MS FM723-NL Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Page 7
Formosa MS
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
FM723-NL
Document ID
Issued Date
Revised Date
Revision
Page.
Small Signal Schottky Diode
1. Solder Resistance
2. Solderability
3. High Temperature Reverse Bias
4. Forward Operation Life
5. Intermittent Operation Life
6. Pressure Cooker
7. Temperature Cycling
8. Thermal Shock
9. Forward Surge
10. Humidity
11. High Temperature Storage Life
at 260 5
for 10 2sec.
immerse body into solder 1/16"±1/32"
O
at 245±5 C for 5 sec.
O
V =80% rate at T =125 C for 168 hrs.
R
J
O
Rated average rectifier current at T =25 C for 500hrs.
A
O
T = 25 C, I = I
A
F
O
On state: power on for 5 min.
off state: power off for 5 min.
on and off for 500 cycles.
O
15P
at T =121 C for 4 hrs.
SIG
A
O
O
-55 C to +125 C dwelled for 30 min.
and transferred for 5min. total 10 cycles.
O
O
0 C for 5 min. rise to 100 C for 5 min. total 10 cycles.
60Hz for1 cycle
O
at T =85 C, RH=85% for 1000hrs.
A
O
at 175 C for 1000 hrs.
O
±
C
±
MIL-STD-750D
METHOD-2031
MIL-STD-202F
METHOD-208
MIL-STD-750D
METHOD-1038
MIL-STD-750D
METHOD-1027
MIL-STD-750D
METHOD-1036
JESD22-A102
MIL-STD-750D
METHOD-1051
MIL-STD-750D
METHOD-1056
MIL-STD-750D
METHOD-4066-2
MIL-STD-750D
METHOD-1021
MIL-STD-750D
METHOD-1031
Item Test
Conditions
Reference
High reliability test capabilities
DS-22161N
2008/02/10
2010/03/10
B
7


Numéro de pièce similaire - FM723-NL

FabricantNo de pièceFiches techniqueDescription
logo
Formosa MS
FM723-NS FORMOSA-FM723-NS Datasheet
68Kb / 2P
   Surface mount small signal type
More results

Description similaire - FM723-NL

FabricantNo de pièceFiches techniqueDescription
logo
Formosa MS
BAT54WS FORMOSA-BAT54WS_11 Datasheet
102Kb / 7P
   200mA Surface Mount Small Signal Schottky Diodes-30V
BAT42WS FORMOSA-BAT42WS_10 Datasheet
93Kb / 7P
   200mA Surface Mount Small Signal Schottky Diodes-30V
RB521S FORMOSA-RB521S_10 Datasheet
110Kb / 7P
   200mA Surface Mount Small Signal Schottky Diodes-30V
RB520S FORMOSA-RB520S Datasheet
118Kb / 7P
   200mA Surface Mount Small Signal Schottky Diodes-30V
BAS40WS FORMOSA-BAS40WS_10 Datasheet
169Kb / 7P
   200mA Surface Mount Small Signal Schottky Diode-40V
FM551V-NL FORMOSA-FM551V-NL Datasheet
152Kb / 7P
   500mA Surface Mount Small Signal Schottky Diode-30V
RB520G FORMOSA-RB520G_10 Datasheet
171Kb / 7P
   100mA Surface Mount Small Signal Schottky Diode- 30V
logo
SUNMATE electronic Co.,...
BAS19-V SUNMATE-BAS19-V Datasheet
97Kb / 1P
   200mA Surface Mount Small Signal Switching Diode
logo
Frontier Electronics.
ASD723-LFR FRONTIER-ASD723-LFR Datasheet
119Kb / 2P
   200mA Advanced Schottky Barrier Diode (Surface mount small signal type)
ASD723 FRONTIER-ASD723 Datasheet
119Kb / 2P
   200mA Advanced Schottky Barrier Diode (Surface mount small signal type)
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com