Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADM2682E Fiches technique(PDF) 9 Page - Analog Devices

No de pièce ADM2682E
Description  Evaluation Board User Guide
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADM2682E Fiches technique(HTML) 9 Page - Analog Devices

Back Button ADM2682E Datasheet HTML 4Page - Analog Devices ADM2682E Datasheet HTML 5Page - Analog Devices ADM2682E Datasheet HTML 6Page - Analog Devices ADM2682E Datasheet HTML 7Page - Analog Devices ADM2682E Datasheet HTML 8Page - Analog Devices ADM2682E Datasheet HTML 9Page - Analog Devices ADM2682E Datasheet HTML 10Page - Analog Devices ADM2682E Datasheet HTML 11Page - Analog Devices ADM2682E Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Evaluation Board User Guide
UG-317
Rev. 0 | Page 9 of 12
ORDERING INFORMATION
BILL OF MATERIALS
Table 3.
Quantity
Reference Designator
Description
Supplier
Part No.
4
R1, R2, R3, R4
Resistor, size 0805 (not inserted)
Not inserted
Not inserted
1
R6
Resistor, 0 Ω, size 0805
Vishay Draloric
CRCW08050000Z0EA
1
RT
Resistor, 120 Ω, size 0805
Multicomp
MC 0.1W 0805 1%
1
RT1
Resistor, size 0805 (not inserted)
Not inserted
Not inserted
2
C1, C9
Capacitor, size 0805, 10 μF
AVX
0805ZD106KAT2A
4
C2, C6, C7, C8
Capacitor, size 0805, 100 nF
Multicomp
MCCA000274
1
C3
Capacitor, tantalum, Case C, 22 μF
AVX
TAJC226K016RNJ
2
C4, C5
Capacitor, size 0805, 10 nF
AVX
08053C103KAT2A
1
C10
Capacitor, size 0805 (not inserted)
Not inserted
Not inserted
1
J1
CON\POWER, 2-pin terminal block (5 mm pitch)
Camden Electronics
CTB5000/2
2
J2, J3
PCB SMB jack (square)
Multicomp
24-14-2-TGG
1
J4
CON\POWER6, 6-pin terminal block
Camden Electronics
CTB5000/6
1
J8
CON\POWER4, 4-pin terminal block
Camden Electronics
CTB5000/4
2
LK1, LK4
4-pin (2 × 2), 2.54 mm header and shorting block
Harwin
M20-9953646 and
M7566-05
1
LK2
8-pin (4 × 2), 2.54 mm header and shorting block
Harwin
M20-9953646 and
M7566-05
1
LK3
6-pin (3 × 2), 2.54 mm header and shorting block
Harwin
M20-9953646 and
M7566-05
2
LK5, LK6
2-pin (1 × 2), 2.54 mm header and shorting block
Harwin
M20-9953646 and
M7566-05
1
U1
16-lead, wide body SOIC with increased creepage
Analog Devices
ADM2682EBRIZ or
ADM2687EBRIZ
2
GND1, GND2
Test point, black
Vero Technologies
20-2137
2
VCC, VISO
Test point, red
Vero Technologies
20-313137
8
RXD, RE, DE, TXD, A, B, Z, Y
Test point, yellow
Vero Technologies
20-313140
RELATED LINKS
Resource
Description
ADM2682E
16 Mbps, 5 kV rms Signal and Power Isolated RS-485 Transceiver with ±15 kV ESD Protection
ADM2687E
500 kbps, 5 kV rms Signal and Power Isolated RS-485 Transceiver with ±15 kV ESD Protection
AN-960
RS-485/RS-422 Circuit Implementation Guide
AN-0971
Recommendations for Control of Radiated Emissions with isoPower Devices


Numéro de pièce similaire - ADM2682E

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADM2682E AD-ADM2682E Datasheet
1Mb / 20P
   5 kV rms Signal & Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
Rev. PrE
ADM2682E AD-ADM2682E Datasheet
484Kb / 24P
   5 kV rms Signal and Power Isolated
REV. 0
ADM2682E AD-ADM2682E Datasheet
738Kb / 4P
   Digital Isolator Product Selection and Resource Guide
ADM2682E AD-ADM2682E Datasheet
502Kb / 24P
   5 kV rms Signal and Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
Rev. C
ADM2682EBRIZ AD-ADM2682EBRIZ Datasheet
1Mb / 20P
   5 kV rms Signal & Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
Rev. PrE
More results

Description similaire - ADM2682E

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
UG-1121 AD-UG-1121 Datasheet
196Kb / 7P
   Evaluation Board User Guide
Rev. 0
UG-287 AD-UG-287 Datasheet
1Mb / 12P
   Evaluation Board User Guide
REV. B
UG-128 AD-UG-128 Datasheet
225Kb / 8P
   Evaluation Board User Guide
REV. B
UG-272 AD-UG-272 Datasheet
558Kb / 12P
   Evaluation Board User Guide
REV. A
UG-486 AD-UG-486 Datasheet
532Kb / 8P
   Evaluation Board User Guide
REV. 0
logo
International Rectifier
IRDC3138EVAL IRF-IRDC3138EVAL Datasheet
541Kb / 6P
   EVALUATION BOARD USER GUIDE
IRDC3046 IRF-IRDC3046 Datasheet
164Kb / 7P
   IRU3046 EVALUATION BOARD USER GUIDE
IRDC3146EVAL IRF-IRDC3146EVAL Datasheet
1Mb / 15P
   IRU3146 EVALUATION BOARD USER GUIDE
logo
Intersil Corporation
ISL282X7SOICEVAL2Z INTERSIL-ISL282X7SOICEVAL2Z Datasheet
252Kb / 4P
   Evaluation Board User?셲 Guide
ISL281X7MSOPEVAL1Z INTERSIL-ISL281X7MSOPEVAL1Z Datasheet
254Kb / 4P
   Evaluation Board User?셲 Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com