Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMP422AMDCNTEP Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce TMP422AMDCNTEP
Description  짹1째C REMOTE TEMPERATURE AND 짹2.5째C LOCAL TEMPERATURE SENSOR IN SOT23-8
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TMP422AMDCNTEP Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TMP422AMDCNTEP Datasheet HTML 4Page - Texas Instruments TMP422AMDCNTEP Datasheet HTML 5Page - Texas Instruments TMP422AMDCNTEP Datasheet HTML 6Page - Texas Instruments TMP422AMDCNTEP Datasheet HTML 7Page - Texas Instruments TMP422AMDCNTEP Datasheet HTML 8Page - Texas Instruments TMP422AMDCNTEP Datasheet HTML 9Page - Texas Instruments TMP422AMDCNTEP Datasheet HTML 10Page - Texas Instruments TMP422AMDCNTEP Datasheet HTML 11Page - Texas Instruments TMP422AMDCNTEP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
TMP422
DX1
(4)
DX2
(4)
5
2
1
R
S
(2)
R
S
(2)
C
DIFF
(3)
C
DIFF
(3)
R
S
(2)
R
S
(2)
GND
Diode-connectedconfiguration :
(1)
SeriesResistance
Transistor-connectedconfiguration :
(1)
DX3
(4)
DX4
(4)
4
3
R
S
(2)
R
S
(2)
C
DIFF
(3)
0.1 F
m
10kW
(typ)
10kW
(typ)
V+
8
7
6
SCL
SDA
+5V
SMBus
Controller
DXP1
DXN1
DXP2
DXN2
TMP422-EP
SBOS577
– SEPTEMBER 2011
www.ti.com
APPLICATION INFORMATION
The TMP422 (three-channel) is a digital temperature sensor that combines a local die temperature measurement
channel and two remote junction temperature measurement channels in a single SOT23-8 package. This device
is two-wire- and SMBus interface-compatible and are specified over a temperature range of
–55°C to +125°C.
The TMP422 contains multiple registers for holding configuration information and temperature measurement
results.
The TMP422 requires transistors connected between DX1 and DX2 and between DX3 and DX4. Unused
channels on the TMP422 must be connected to GND.
The TMP422 SCL and SDA interface pins each require pull-up resistors as part of the communication bus. A
0.1
μF power-supply bypass capacitor is recommended for local bypassing. Figure 11 illustrates a typical
application for the TMP422.
(1) Diode-connected configuration provides better settling time. Transistor-connected configuration provides better series resistance
cancellation.
(2) RS (optional) should be < 1.5kΩ in most applications. Selection of RS depends on application; see the Filtering section.
(3) CDIFF (optional) should be < 1000pF in most applications. Selection of CDIFF depends on application; see the Filtering section and
Figure 6, Remote Temperature Error vs Differential Capacitance.
(4) TMP422 SMBus slave address is 1001 100 when connected as shown.
Figure 11. TMP422 Basic Connections
8
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): TMP422-EP


Numéro de pièce similaire - TMP422AMDCNTEP

FabricantNo de pièceFiches techniqueDescription
logo
Burr-Brown (TI)
TMP422AIDCNR BURR-BROWN-TMP422AIDCNR Datasheet
575Kb / 26P
   짹1째C Remote and Local TEMPERATURE SENSOR in SOT23-8
logo
Texas Instruments
TMP422AIDCNR TI-TMP422AIDCNR Datasheet
644Kb / 30P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR in SOT23-8
TMP422AIDCNR TI1-TMP422AIDCNR Datasheet
904Kb / 34P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR
logo
Burr-Brown (TI)
TMP422AIDCNRG4 BURR-BROWN-TMP422AIDCNRG4 Datasheet
575Kb / 26P
   짹1째C Remote and Local TEMPERATURE SENSOR in SOT23-8
logo
Texas Instruments
TMP422AIDCNRG4 TI-TMP422AIDCNRG4 Datasheet
644Kb / 30P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR in SOT23-8
More results

Description similaire - TMP422AMDCNTEP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TMP422-EP TI1-TMP422-EP Datasheet
885Kb / 31P
[Old version datasheet]   짹1째C REMOTE TEMPERATURE AND 짹2.5째C LOCAL TEMPERATURE SENSOR IN SOT23-8
logo
Burr-Brown (TI)
TMP421 BURR-BROWN-TMP421 Datasheet
575Kb / 26P
   짹1째C Remote and Local TEMPERATURE SENSOR in SOT23-8
logo
Texas Instruments
TMP421 TI-TMP421 Datasheet
644Kb / 30P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR in SOT23-8
TMP421 TI1-TMP421_15 Datasheet
1Mb / 35P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR
TMP421 TI1-TMP421_12 Datasheet
904Kb / 34P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR
logo
List of Unclassifed Man...
G781 ETC-G781 Datasheet
342Kb / 14P
   짹1째C Remote and Local Temperature Sensor with SMBus Serial Interface
logo
Global Mixed-mode Techn...
G784 GMT-G784 Datasheet
178Kb / 1P
   짹1째C Remote and Local Temperature Sensor with SMBus Serial Interface
logo
Texas Instruments
TMP401 TI1-TMP401_15 Datasheet
992Kb / 41P
[Old version datasheet]   TMP401 짹1째C Programmable, Remote and Local, Digital Out Temperature Sensor
logo
Silicon Standard Corp.
SS8018 SSC-SS8018 Datasheet
289Kb / 14P
   짹1째C Remote and Local Temperature Sensor with SMBus Serial Interface
logo
Texas Instruments
TMP421-Q1 TI1-TMP421-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   Remote and Local Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com