Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FM25V20-GTR Fiches technique(PDF) 8 Page - Ramtron International Corporation

No de pièce FM25V20-GTR
Description  2Mb Serial 3V F-RAM Memory
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RAMTRON [Ramtron International Corporation]
Site Internet  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM25V20-GTR Fiches technique(HTML) 8 Page - Ramtron International Corporation

Back Button FM25V20-GTR Datasheet HTML 4Page - Ramtron International Corporation FM25V20-GTR Datasheet HTML 5Page - Ramtron International Corporation FM25V20-GTR Datasheet HTML 6Page - Ramtron International Corporation FM25V20-GTR Datasheet HTML 7Page - Ramtron International Corporation FM25V20-GTR Datasheet HTML 8Page - Ramtron International Corporation FM25V20-GTR Datasheet HTML 9Page - Ramtron International Corporation FM25V20-GTR Datasheet HTML 10Page - Ramtron International Corporation FM25V20-GTR Datasheet HTML 11Page - Ramtron International Corporation FM25V20-GTR Datasheet HTML 12Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
FM25V20 – 2Mb SPI F-RAM
Rev. 3.0
August 2012
Page 8 of 17
Figure 9. Memory Write with 3-Byte Address
Figure 10. Memory Read with 3-Byte Address
Figure 11. Fast Read with 3-Byte Address and Dummy Byte
7
6
0
1
2
3
4
5
6
7
0
1
2
3
5
4
5
6
7
0
1
2
3
4
5
6
7
op-code
0
0
0
0
1
0
1
MSB
18-bit Address
0
0
0
0
A1
X
X
X
X
7
6
5
4
3
2
1
0
LSB
MSB
LSB
Data
1
A2
S
C
D
Q
A0
Dummy byte
7
6
0
1
2
3
4
5
6
7
0
1
2
3
4
5
4
5
6
7
0
1
2
3
4
5
6
7
op-code
0
0
0
0
0
0
1
MSB
18-bit Address
0
0
0
0
0
A17
7
6
5
4
3
2
1
0
LSB
MSB
LSB
Data
1
0
S
C
D
Q
A16
A3
A1
A2
A0
0
1
2
3
4
5
6
7
0
1
2
3
4
5
op-code
0
0
0
0
0
0
1
0
MSB
18-bit Address
0
A17
6
0
0
0
0
0
S
C
D
Q
7
A16
A1
A2
A3
4
5
6
7
0
1
2
3
4
5
6
7
A0
7
6
5
4
3
2
1
0
LSB MSB
LSB
Data


Numéro de pièce similaire - FM25V20-GTR

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
FM25V20-GTR CYPRESS-FM25V20-GTR Datasheet
531Kb / 17P
   2Mb Serial 3V F-RAM Memory
More results

Description similaire - FM25V20-GTR

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
FM25H20 CYPRESS-FM25H20 Datasheet
438Kb / 16P
   2Mb Serial 3V F-RAM Memory
FM25V20 CYPRESS-FM25V20 Datasheet
531Kb / 17P
   2Mb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM25H20 RAMTRON-FM25H20 Datasheet
342Kb / 15P
   2Mb Serial 3V F-RAM Memory
FM25V02 RAMTRON-FM25V02 Datasheet
343Kb / 17P
   256Kb Serial 3V F-RAM Memory
FM25V10 RAMTRON-FM25V10 Datasheet
333Kb / 16P
   1Mb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24CL64B CYPRESS-FM24CL64B Datasheet
354Kb / 13P
   64Kb Serial 3V F-RAM Memory
FM24V01 CYPRESS-FM24V01 Datasheet
378Kb / 14P
   128Kb Serial 3V F-RAM Memory
FM24V02 CYPRESS-FM24V02 Datasheet
401Kb / 16P
   256Kb Serial 3V F-RAM Memory
FM25L16B CYPRESS-FM25L16B Datasheet
473Kb / 14P
   16Kb Serial 3V F-RAM Memory
FM24CL16B CYPRESS-FM24CL16B_13 Datasheet
364Kb / 14P
   16Kb Serial 3V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com