Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXA1211M Fiches technique(PDF) 5 Page - Sony Corporation

No de pièce CXA1211M
Description  Electronic Volume
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1211M Fiches technique(HTML) 5 Page - Sony Corporation

  CXA1211M Datasheet HTML 1Page - Sony Corporation CXA1211M Datasheet HTML 2Page - Sony Corporation CXA1211M Datasheet HTML 3Page - Sony Corporation CXA1211M Datasheet HTML 4Page - Sony Corporation CXA1211M Datasheet HTML 5Page - Sony Corporation CXA1211M Datasheet HTML 6Page - Sony Corporation CXA1211M Datasheet HTML 7Page - Sony Corporation CXA1211M Datasheet HTML 8Page - Sony Corporation CXA1211M Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
– 5 –
CXA1211M
Electrical Characteristics
(Ta = 25°C, VCC = 5.0V, See Electrical Characteristics Test Circuit.)
Item
Current
consumption
1-ch
Both-ch
CH1
CH2
CH1
CH2
CH1
CH2
CH1
CH2
CH1
CH2
I1CH
I2CH
G1MAX
G2MAX
G1MIN
G2MIN
VF1
VF2
D1CH
D2CH
N1CH
N2CH
1
7
500
mVp-p
500
mVp-p
500
mVp-p
1.0
Vp-p
0.5
Vp-p
300
kHz
300
kHz
300k
to
20M
5.0
MHz
100k
to
4.2M
3.0
4.5
2.0
–7.0
–1.0
5.0
7.5
4.0
–5.0
–40
61
7.0
12
6.0
–3.0
+1.3
dB
mA
dB
dB
dB
dB
5.0
2.87
0
1.8
2.87
1.8
0, 1
7
0
0, 1
7
0, 1
7
0, 1
7
0, 1
7
3
5
A8
When only 1ch is
used, ch used is set
to 2.87V.
3
5
3
5
3
Adjust CONT to
obtain 1.0Vp-p at
output
Test at no signal
conditon
20MHz level
300kHz level
5
3
5
1
7
1
7
1
7
1
7
Max. gain
Min. gain
Frequency
characteristics
Distortion 1
S/N
Symbol
Test conditions
Test method
Min. Typ. Max. Unit
Input conditions
IN Level Freq
CONT
voltage
(V)
SW set
to ON


Numéro de pièce similaire - CXA1211M

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXA1211M SONY-CXA1211M Datasheet
117Kb / 10P
   Electronic Volume, This bipolar IC incorporates 2 chnannels.
More results

Description similaire - CXA1211M

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXA1646Q SONY-CXA1646Q Datasheet
273Kb / 21P
   Electronic Volume
logo
Silan Microelectronics ...
SC9235 SILAN-SC9235 Datasheet
139Kb / 9P
   ELECTRONIC VOLUME
logo
Sony Corporation
CXA1946CR SONY-CXA1946CR Datasheet
419Kb / 23P
   Electronic Volume
logo
Toshiba Semiconductor
TC9153 TOSHIBA-TC9153 Datasheet
1Mb / 16P
   electronic volume
logo
Sony Corporation
CXA2506Q SONY-CXA2506Q Datasheet
250Kb / 19P
   Electronic Volume
CXA1946AQ SONY-CXA1946AQ Datasheet
367Kb / 24P
   Electronic Volume
logo
Toshiba Semiconductor
TC9235P TOSHIBA-TC9235P Datasheet
342Kb / 10P
   ELECTRONIC VOLUME
logo
Sony Corporation
CXA1746Q SONY-CXA1746Q Datasheet
254Kb / 19P
   Electronic Volume
logo
Toshiba Semiconductor
TC9260P TOSHIBA-TC9260P Datasheet
350Kb / 10P
   ELECTRONIC VOLUME
logo
Sony Corporation
CXA1946BQ SONY-CXA1946BQ Datasheet
365Kb / 23P
   Electronic Volume
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com