Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXA1163M Fiches technique(PDF) 11 Page - Sony Corporation

No de pièce CXA1163M
Description  DOLBY B TYPE NOISE REDUCTION SYSTEM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1163M Fiches technique(HTML) 11 Page - Sony Corporation

Back Button CXA1163M Datasheet HTML 7Page - Sony Corporation CXA1163M Datasheet HTML 8Page - Sony Corporation CXA1163M Datasheet HTML 9Page - Sony Corporation CXA1163M Datasheet HTML 10Page - Sony Corporation CXA1163M Datasheet HTML 11Page - Sony Corporation CXA1163M Datasheet HTML 12Page - Sony Corporation CXA1163M Datasheet HTML 13Page - Sony Corporation CXA1163M Datasheet HTML 14Page - Sony Corporation CXA1163M Datasheet HTML 15Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
– 11 –
CXA1100/CXA1101/CXA1102/CXA1163
When the ripple or noise component of VEE supply is not negligible small, the CR filter shown in Fig. a-1 will
be usefull.
The operation voltage range are
CXA1100
11.5 to 16V (±5.75 to ±8V)
CXA1101
8.5 to 16V (±4.25 to ±8V)
CXA1102
6.5 to 16V (±3.25 to ±8V)
CXA1163
5.0 to 16V (±2.5 to ±8V)
Fig. a-1.
The devices will satisfy the signal handling of 12dB specified by Dolby Laboratories on above voltage range.
2) Operation mode control
The CXA1100 series provide fully electronic switching circuits. The functions are controlled by DC voltages
of the two control pins of REC/PB (pin 12) and ON/OFF (pin 5). The switching truth tables are shown in Fig. a-2.
VH and VL are defined as
(a) Single ended supply operation
VCC
≥ VH ≥ 2.5V
0.5V
≥ VL ≥ 0V
(b) Split supply operation
VCC
≥ VH ≥ VEE + 2.5V
VEE + 0.5V
≥ VL ≥ VEE
Fig. a-2.
It is desirable to provide CR time constant circuits at the mode control pins with time constant from
100msec to 1sec, which will reduce switching clicks effectively.
3) Reference levels
Characteristics and specifications of the Dolby noise reduction processor are defined as the levels and
measured with reference to the Dolby level. This particular level in these devices is –10dBm (245mVrms),
and is measured at the recording output (REC OUT) in the NR off mode.
The reference levels of the recording input (REC IN), play back input (PB IN) and line output (LINE OUT)
are defined the levels which provide the Dolby level at the recording output in the NR off mode.
The CXA1100 series has a common silicon die, and has different internal connection. The series provides
four different line output levels for various applications. Other reference levels, recording input level,
playback input level and recording output level (= Dolby level) are identical in all devices.
The reference levels are as follows
Recording output level (= Dolby level)
–10dBm (245mVrms)
Recording input level
–30dBm (24.5mVrms)
Play back input level
–30dBm (24.5mVrms)
Line output level
CXA1100
0dBm (775mVrms)
CXA1101
–3dBm (548mVrms)
CXA1102
–6dBm (388mVrms)
CXA1163
–10dBm (245mVrms)
13
14
15
R1
43k
47
100 to 470µF
VEE
CXA1100
Series
REC/PB
Function
VH
PB (Decode)
VL
REC (Encode)
ON/OFF
Function
VH
NR off
VL
NR on


Numéro de pièce similaire - CXA1163M

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXA1165M SONY-CXA1165M Datasheet
381Kb / 12P
   CATV and VHF TV Tuner
CXA1165P SONY-CXA1165P Datasheet
381Kb / 12P
   CATV and VHF TV Tuner
CXA1166 SONY-CXA1166 Datasheet
651Kb / 28P
   8-bit 250 MSPS Flash A/D Converter
CXA1166K SONY-CXA1166K Datasheet
651Kb / 28P
   8-bit 250 MSPS Flash A/D Converter
More results

Description similaire - CXA1163M

FabricantNo de pièceFiches techniqueDescription
logo
Hitachi Semiconductor
HA12134A HITACHI-HA12134A Datasheet
130Kb / 27P
   Dolby B-Type Noise Reduction System
12136AF HITACHI-12136AF Datasheet
101Kb / 27P
   Dolby B-Type Noise Reduction System
logo
Sony Corporation
CXA1550P SONY-CXA1550P Datasheet
232Kb / 16P
   Dolby B type Noise Reduction System
CXA1330S SONY-CXA1330S Datasheet
381Kb / 18P
   DOLBY B/C TYPE NOISE REDUCTION SYSTEM
CXA1560S SONY-CXA1560S Datasheet
347Kb / 18P
   Dolby B-C Type Noise Reduction System
CX20188 SONY-CX20188 Datasheet
1Mb / 22P
   DOLBY B-C TYPE NOISE REDUCTION SYSTEM
logo
New Japan Radio
NJM2085 NJRC-NJM2085 Datasheet
160Kb / 4P
   PREAMPLIFIER AND DOLBY B TYPE NOISE REDUCTION SYSTEM
logo
NTE Electronics
NTE2000 NTE-NTE2000 Datasheet
82Kb / 2P
   Integrated Circuit Dolby B Type Noise Reduction System
logo
Hitachi Semiconductor
HA12141NT HITACHI-HA12141NT Datasheet
392Kb / 63P
   Dolby B- and C-Type Noise Reduction System
logo
National Semiconductor ...
LM1141 NSC-LM1141 Datasheet
172Kb / 5P
   DOLBY B-C TYPE NOISE REDUCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com