Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS82675SIP Fiches technique(PDF) 3 Page - Texas Instruments

No de pièce TPS82675SIP
Description  TPS826xxEVM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS82675SIP Fiches technique(HTML) 3 Page - Texas Instruments

  TPS82675SIP Datasheet HTML 1Page - Texas Instruments TPS82675SIP Datasheet HTML 2Page - Texas Instruments TPS82675SIP Datasheet HTML 3Page - Texas Instruments TPS82675SIP Datasheet HTML 4Page - Texas Instruments TPS82675SIP Datasheet HTML 5Page - Texas Instruments TPS82675SIP Datasheet HTML 6Page - Texas Instruments TPS82675SIP Datasheet HTML 7Page - Texas Instruments TPS82675SIP Datasheet HTML 8Page - Texas Instruments TPS82675SIP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
+
www.ti.com
TPS826xxEVM Schematic
2
TPS826xxEVM Schematic
Figure 1 illustrates the TPS826xxEVM-646 schematic.
NOTE: For reference only; see Table 2 for specific values.
Figure 1. TPS826xxEVM Schematic
3
Connector and Test Point Descriptions
3.1
Input / Output Connectors: TPS826xxEVM
3.1.1
J1 VIN
This header is the positive connection to the input power supply. The power supply must be connected
between J1 and J3 (GND). The leads to the input supply should be twisted and kept as short as possible.
The input voltage must be between 2.3 V and 4.8 V.
3.1.2
J2 S+/S
J2 S+/S
– are the sense connection for the input of the converter. Connect a voltmeter, sense connection
of a power supply, or oscilloscope to this header.
3.1.3
J3 GND
This header is the return connection to the input power supply. Connect the power supply between J3 and
J1 (VIN). The leads to the input supply should be twisted and kept as short as possible. The input voltage
must be between 2.3 V and 4.8 V.
Capacitor C3 compensates for parasitic inductance as a result of the wires from the dc power supply to
the EVM. It is not required in an actual application circuit.
3
SLVU383D
– October 2010 – Revised November 2011
TPS826xxEVM
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated


Numéro de pièce similaire - TPS82675SIP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS82675SIP TI1-TPS82675SIP Datasheet
876Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82675SIPR TI1-TPS82675SIPR Datasheet
1Mb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82675SIPR TI1-TPS82675SIPR Datasheet
949Kb / 28P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP STEP-DOWN CONVERTER (PROFILE <1.0mm)
APRIL2011
TPS82675SIPR TI1-TPS82675SIPR Datasheet
876Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82675SIPR TI-TPS82675SIPR Datasheet
1,019Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP STEP-DOWN CONVERTER (PROFILE <1.0mm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com