Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS63000DRC Fiches technique(PDF) 6 Page - Texas Instruments

No de pièce TPS63000DRC
Description  TPS63000EVM-148
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS63000DRC Fiches technique(HTML) 6 Page - Texas Instruments

Back Button TPS63000DRC Datasheet HTML 2Page - Texas Instruments TPS63000DRC Datasheet HTML 3Page - Texas Instruments TPS63000DRC Datasheet HTML 4Page - Texas Instruments TPS63000DRC Datasheet HTML 5Page - Texas Instruments TPS63000DRC Datasheet HTML 6Page - Texas Instruments TPS63000DRC Datasheet HTML 7Page - Texas Instruments TPS63000DRC Datasheet HTML 8Page - Texas Instruments TPS63000DRC Datasheet HTML 9Page - Texas Instruments TPS63000DRC Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
www.ti.com
3
Board Layout
3.1
Layout
Board Layout
This chapter provides the TPS63000EVM-148 board layout and illustrations.
Figure 6 through Figure 8 show the board layout for the TPS63000EVM-148 PWB.
Figure 6. Assembly Layer
6
TPS63000EVM-148
SLVU156 – March 2006
Submit Documentation Feedback


Numéro de pièce similaire - TPS63000DRC

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS63000DRC TI-TPS63000DRC Datasheet
272Kb / 14P
[Old version datasheet]   HIGH EFFICIENT SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1.8-A SWITCHES
TPS63000DRC TI-TPS63000DRC Datasheet
756Kb / 24P
[Old version datasheet]   HIGH EFFICIENT SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1.8-A SWITCHES
TPS63000DRC TI-TPS63000DRC Datasheet
673Kb / 24P
[Old version datasheet]   HIGH EFFICIENT SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1.8-A SWITCHES
TPS63000DRC TI1-TPS63000DRC Datasheet
794Kb / 24P
[Old version datasheet]   HIGH EFFICIENT SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1.8-A SWITCHES
TPS63000DRCR TI-TPS63000DRCR Datasheet
272Kb / 14P
[Old version datasheet]   HIGH EFFICIENT SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1.8-A SWITCHES
More results

Description similaire - TPS63000DRC

FabricantNo de pièceFiches techniqueDescription
logo
Ultralife Corporation.
UCA0125 ULTRALIFE-UCA0125 Datasheet
527Kb / 1P
   PRC-148 and PRC-152 Adapter
Rev B
UCA0126 ULTRALIFE-UCA0126 Datasheet
541Kb / 1P
   PRC-148 and PRC-152 Adapter
Rev A
logo
Analog Devices
HMC432 AD-HMC432 Datasheet
354Kb / 6P
   Ultra Low SSB Phase Noise: -148 dBc/Hz
BC-148 AD-BC-148 Datasheet
276Kb / 1P
   148-Lead Chip Scale Package Ball Grid Array
logo
Ultralife Corporation.
MRC-42 ULTRALIFE-MRC-42 Datasheet
734Kb / 2P
   Charger/Power System for the AN/PRC-148 (MBITR)
7 March 2016 Rev A
logo
Molex Electronics Ltd.
0473093751 MOLEX6-0473093751 Datasheet
168Kb / 4P
   1.10mm (.043") Pitch microSD Card Header, with Detect Switch, Height 3.75mm (.148"), Lead free
logo
Schneider Electric
RMPT20BD SCHNEIDER-RMPT20BD Datasheet
134Kb / 6P
   Harmony Analog, Converter for Universal Pt100 probes, temperature transmitter, 100...100째C/148...212 째F
RMPT23BD SCHNEIDER-RMPT23BD Datasheet
134Kb / 6P
   Harmony Analog, Converter for Optimum Pt100 probes, temperature transmitter, 100...100 째C/148...212 째F
logo
Ultralife Corporation.
MRC-171 ULTRALIFE-MRC-171 Datasheet
420Kb / 1P
   The MRC-171 AN/PRC-148 MBITR battery charger adapter allows the safe charging/discharging of one or two batteries simultaneously
Rev: B
logo
Molex Electronics Ltd.
0879590007 MOLEX10-0879590007 Datasheet
250Kb / 5P
   1.27mm (.050) Pitch SAS Multi-Lane Plug, Vertical, Through Hole, with Beveled Metal Pins and Plastic Locating Pegs, 32 Circuits, 3.75mm (.148) Tail Length, Lead-free
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com