Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

STD Datasheet(Fiches technique) 6 Page - Texas Instruments

Numéro de pièce STD
Description  TPS54120EVM, Low Noise 1A Power Supply Evaluation Module
Télécharger  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

STD Datasheet(HTML) 6 Page - Texas Instruments

Back Button STD Datenblatt HTML 2Page - Texas Instruments STD Datenblatt HTML 3Page - Texas Instruments STD Datenblatt HTML 4Page - Texas Instruments STD Datenblatt HTML 5Page - Texas Instruments STD Datasheet HTML 6Page - Texas Instruments STD Datenblatt HTML 7Page - Texas Instruments STD Datenblatt HTML 8Page - Texas Instruments STD Datenblatt HTML 9Page - Texas Instruments STD Datenblatt HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Test Results
www.ti.com
4.3
Output Turn On
Figure 3 shows the SW output voltage turn-on from SW enable for the TPS54120EVM with Vin = 12V, SW
OUT = 4.1V, LDO OUT = 3.3V, and Iout = 400mA, Fswitching = 480kHz.
Figure 3. Switcher Converter Output Voltage Turn-on, SW Enable
Figure 4 shows the LDO output voltage turn-on from LDO enable for the TPS54120EVM with Vin = 12V,
SW OUT = 4.1V, LDO OUT = 3.3V, and Iout = 400mA, Fswitching = 480kHz.
Figure 4. LDO Output Voltage Turn-on, LDO Enable
6
TPS54120EVM, Low Noise 1A Power Supply Evaluation Module
SLVU641
– January 2012
Submit Documentation Feedback
Copyright
© 2012, Texas Instruments Incorporated


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn