Moteur de recherche de fiches techniques de composants électroniques |
|
LD10-20B15 Fiches technique(PDF) 2 Page - MORNSUN Science& Technology Ltd. |
|
LD10-20B15 Fiches technique(HTML) 2 Page - MORNSUN Science& Technology Ltd. |
2 / 4 page The copyright and authority for the interpretation of the products are reserved by MORNSUN Specifications subject to change without notice. LD10-20BXX A/3-2012 Page2 of 4 COMMON SPECIFICATIONS Operating -25℃~+70℃ (55 °C~70℃) 2% / ℃ Power derating (-25℃~0 °C) 2% / ℃ Storage -40℃~+105℃ Temperature ranges Case temperature +95 max ℃ Hold-up time (Vin=230VAC) 50ms(typ) Humidity 95%(max) Temperature coefficient 0.02%/℃ Switching frequency 60kHz(typ) Isolation voltage( Input-Output ) 4000VAC/1Min CE CISPR22/EN55022 CLASS A(without external circuit) / CLASS B(with typical applications Figure 3) EMI RE CISPR22/EN55022 CLASS A(without external circuit) / CLASS B(with typical applications Figure 3) ESD IEC/EN 61000-4-2 Contact ±6KV /Air ±8KV perf. Criteria B RS IEC/EN 61000-4-3 10V/m perf. Criteria A IEC/EN 61000-4-4 ±2 KV (without external circuit) perf. Criteria B EFT IEC/EN 61000-4-4 ±4 KV (with typical applications Figure 3) perf. Criteria B IEC/EN 61000-4-5 ±1KV (without external circuit) perf. Criteria B Surge IEC/EN 61000-4-5 ±2KV/±4KV (with typical applications Figure 3) perf. Criteria B CS IEC/EN61000-4-6 10 Vr.m.s perf. Criteria A PFM IEC/EN61000-4-8 10A/m perf. Criteria A EMC EMS Voltage dips、short and interruptions immunity IEC/EN61000-4-11 0%-70% perf. Criteria B Safety standards IEC60601,EN60601,UL60950 Safety approvals EN60601,UL60950 Safety Class CLASSⅡ Case material UL94V-0 Install PCB mounting, Chassis mounting with Screw Terminals, DIN-Rail mounting MTBF >300,000H @25℃ Package PCB mounting Chassis mounting with Screw Terminals DIN-Rail mounting 53.8X28.8X19.0mm 96.1X54.0X27.5mm 96.1X54.0X32.1mm Weight 50g(PCB mounting) 100g(Chassis mounting with Screw Terminals) 140g(DIN-Rail mounting) Note: 1. Ripple and Noise were measured by the method of anear measure (more details refer to the anear measure). 2. Unless otherwise specified, all specifications above are measured at rated input voltage and rated output load, TA=25 °C, humidity < 75%. ANEAR MEASURE F USE Copp er sh eet Conn ect Os cillog rap h Probe Load C1: 1 µF (Ceramic capacitor) C2:10 µF (Electrolytic capacitor) TEMPERATURE VS LOAD INPUT VOLTAGE VS LOAD 40 100 60 80 0 -10 -25 55 70 Load(%) Temp erat ure( C) 50 20 40 100 60 80 Input voltage (Vac) 100 240 85 264 70 Load(%) 50 340 120 370 20 40 100 60 80 80 Load(%) Input voltage (Vdc) 50 |
Numéro de pièce similaire - LD10-20B15 |
|
Description similaire - LD10-20B15 |