Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KTB2530 Fiches technique(PDF) 1 Page - KEC(Korea Electronics)

No de pièce KTB2530
Description  EPITAXIAL PLANAR PNP TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEC [KEC(Korea Electronics)]
Site Internet  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTB2530 Fiches technique(HTML) 1 Page - KEC(Korea Electronics)

  KTB2530 Datasheet HTML 1Page - KEC(Korea Electronics) KTB2530 Datasheet HTML 2Page - KEC(Korea Electronics) KTB2530 Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2012. 8. 21
1/3
SEMICONDUCTOR
TECHNICAL DATA
KTB2530
EPITAXIAL PLANAR PNP TRANSISTOR
Revision No : 0
HIGH POWER AMPLIFIER
DARLINGTON APPLICATION.
FEATURES
・Complementary to KTD1530
・Recommended for 80W Audio Amplifier Output Stage.
MAXIMUM RATING (Ta=25
℃)
TO-3P(N)-E
K
A
D
B
d
PP
T
Q
1
2
3
M
N
O
E
A
MILLIMETERS
DIM
B
C
D
d
E
F
G
H
I
J
K
L
O
N
P
Q
M
19.90
0.20
2.00
0.20
1.00
0.20
3.00
0.20
3.80
0.20
3.50
0.20
13.90
0.20
12.76
0.20
23.40
0.20
1.5+0.15-0.05
16.50
0.30
1.40
0.20
13.60
0.20
9.60
0.20
5.45
0.30
R
T
0.60+0.15-0.05
15.60
0.20
+
_
4.80
0.20
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
3.20
0.10
+
_
18.70
0.20
+
_
ELECTRICAL CHARACTERISTICS (Ta=25
℃)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
-160
V
Collector-Emitter Voltage
VCEO
-150
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current
IC
-10
A
Base Current
IB
-1
A
Collector Power Dissipation (Tc=25
℃)
PC
100
W
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55
~150
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB=-160V, IE=0
-
-
-100
μA
Emitter Cut-off Current
IEBO
VEB=-5V, IC=0
-
-
-100
μA
Collector-Emitter Breakdown Voltage
V(BR)CEO
IC=-30mA, IB=0
-150
-
-
V
DC Current Gain
hFE
VCE=-4V, IC=-7A
15,000
-
30,000
Collector-Emitter Saturation Voltage
VCE(sat)
IC=-7A, IB=-7mA
-
-
-2.5
V
Base-Emitter Saturation Voltage
VBE(sat)
IC=-7A, IB=-7mA
-
-
-3.0
V
Transition Frequency
fT
VCE=-12V, IC=-2A
-
50
-
MHz
Collector Output Capacitance
Cob
VCB=-10V, IE=0, f=1MHz
-
230
-
pF
COLLECTOR
BASE
EMITTER
70
EQUIVALENT CIRCUIT


Numéro de pièce similaire - KTB2530

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KTB2510 KEC-KTB2510 Datasheet
300Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH POWER AMPLIFIER DARLINGTON)
KTB2510 KEC-KTB2510 Datasheet
345Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR
logo
Inchange Semiconductor ...
KTB2510 ISC-KTB2510 Datasheet
153Kb / 2P
   isc Silicon PNP Darlington Power Transistor
logo
KEC(Korea Electronics)
KTB2510 KEC-KTB2510_08 Datasheet
345Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR
KTB2510 KEC-KTB2510_15 Datasheet
748Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR
More results

Description similaire - KTB2530

FabricantNo de pièceFiches techniqueDescription
logo
Hi-Sincerity Mocroelect...
HI350 HSMC-HI350 Datasheet
25Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HI42C HSMC-HI42C Datasheet
32Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ2584 HSMC-HJ2584 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ350 HSMC-HJ350 Datasheet
23Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ649A HSMC-HJ649A Datasheet
27Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM1426 HSMC-HM1426 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM2907A HSMC-HM2907A Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM3906 HSMC-HM3906 Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM64 HSMC-HM64 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM772 HSMC-HM772 Datasheet
46Kb / 5P
   PNP EPITAXIAL PLANAR TRANSISTOR
HA8550 HSMC-HA8550 Datasheet
36Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com