Moteur de recherche de fiches techniques de composants électroniques |
|
CDCV304PWR Fiches technique(PDF) 2 Page - Texas Instruments |
|
|
CDCV304PWR Fiches technique(HTML) 2 Page - Texas Instruments |
2 / 14 page CDCV304 SCAS643H – SEPTEMBER 2000 – REVISED FEBRUARY 2011 www.ti.com This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage. ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to damage because very small parametric changes could cause the device not to meet its published specifications. TERMINAL FUNCTIONS TERMINAL I/O DESCRIPTION NAME NO. 1Y[0:3] 3, 5, 7, 8 O Buffered output clocks CLKIN 1 I Input reference frequency GND 4 Power Ground OE 2 I Output enable control VDD 6 Power Supply THERMAL INFORMATION (1) THERMAL AIR FLOW (CFM) CDCV304PW 8-PIN TSSOP UNIT 0 150 250 500 RθJA High K 149 142 138 132 RθJA Low K 230 185 170 150 RθJB High K 102.0 °C/W RθJC High K 43.7 ψ JT High K 1.8 ψ JB High K 100.2 (1) For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953. ABSOLUTE MAXIMUM RATINGS over operating free-air temperature range (unless otherwise noted) (1) UNIT Supply voltage range, VDD –0.5 V to 4.3 V Input voltage range, VI (2) (3) –0.5 V to VDD + 0.5 V Output voltage range, VO (2) (3) –0.5 V to VDD + 0.5 V Input clamp current, IIK (VI < 0 or VI> VDD) ±50 mA Output clamp current, IOK (VO < 0 or VO > VDD) ±50 mA Continuous total output current, IO (VO = 0 to VDD) ±50 mA Package thermal impedance, θJA: PW package 230.5 °C/W Storage temperature range Tstg –65°C to 150°C (1) Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions ” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) The input and output negative voltage ratings may be exceeded if the input and output clamp-current ratings are observed. (3) This value is limited to 4.6 V maximum. 2 Submit Documentation Feedback © 2000–2011, Texas Instruments Incorporated Product Folder Link(s): CDCV304 |
Numéro de pièce similaire - CDCV304PWR |
|
Description similaire - CDCV304PWR |