Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

H0512RN-2W Fiches technique(PDF) 2 Page - Crystek Corporation

No de pièce H0512RN-2W
Description  2W, FIXED INPUT,6000V ISOLATED & UNREGULATED SINGLE OUTPUT DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CRYSTEKCRYSTAL [Crystek Corporation]
Site Internet  http://www.crystekcrystals.com/crystal/default.asp
Logo CRYSTEKCRYSTAL - Crystek Corporation

H0512RN-2W Fiches technique(HTML) 2 Page - Crystek Corporation

  H0512RN-2W Datasheet HTML 1Page - Crystek Corporation H0512RN-2W Datasheet HTML 2Page - Crystek Corporation H0512RN-2W Datasheet HTML 3Page - Crystek Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
Specifications subject to change without notice.
H_RN-2W & H_LT-2W
C/0-2012
Page 2 of 3
OUTPUT SPECIFICATIONS
TYPICAL CHARACTERISTICS
Item
Test Conditions
Min.
Typ.
Max.
Units
Output power
0.2
2
W
Line regulation
For Vin change of
±1%
±1.2
10% to 100% load (5V output)
12.8
15
10% to 100% load (9V output)
8.3
15
10% to 100% load (12V output)
6.8
15
Load regulation
10% to 100% load (15V output)
6.3
15
%
Output voltage accuracy
See tolerance envelope graph
Temperature drift
100% full load
±0.03
%/
°C
Ripple & Noise*
20MHz Bandwidth
150
200
mVp-p
Switching frequency
Full load, nominal input
50
KHz
*Test ripple and noise by
“parallel cable” method. See detailed operation instructions at Testing of
Power Converter. Section, application notes.
RECOMMENDED REFLOW SOLDERING PROFILE
0
50
1 00
1 50
2 00
2 50
Tim e (s ec .)
2 20
1 0
Max
Se c
P ea k. Te mp 2 60
90
M ax
(>22 0
)
S ec
C
C
C
Remark: The curve applies only to the hot air reflow soldering
Operating Temp.( C)
o
APPLICATION NOTE
RECOMMENDED CIRCUIT
1) Requirement On Output Load
To ensure this module can operate efficiently and reliably, a minimum load is
specified for this kind of DC/DC converter in addition to a maximum load (namely full
load). During operation, make sure the specified range of input voltage is not exceeded,
the minimum output load could not be less than 10% of the full load. If the actual
output power is very small, please connect a resistor with proper resistance at the
output end in parallel to increase the load, or use our company
’s products with a lower
rated output power.
2) Recommended testing and application circuit
If you want to further decrease the input/output ripple, an
“LC” filtering network may be
connected to the input and output ends of the DC/DC converter, see (Figure 1).
It should also be noted that the inductance and the frequency of the
“LC” filtering
network should be staggered with the DC/DC frequency to avoid mutual interference.
However, the capacitance of the output filter capacitor must be proper. If the capacitance
is too big, a startup problem might arise. For every channel of output, provided the safe
and reliable operation is ensured, the recommended capacitance of its filter capacitor
sees (Table 1).
3) Output Voltage Regulation and Over-voltage Protection Circuit
The simplest device for output voltage regulation, over-voltage and over-current
protection is a linear voltage regulator with overheat protection that is connected to the
input or output end in series (Figure 2).
4) Overload Protection
Under normal operating conditions, the output circuit of these products has no
protection against overload. The simplest method is to connect a self-recovery fuse in
series at the input end or add a circuit breaker to the circuit.
5) No parallel connection or plug and play
L
Vin
GND
+Vo
0V
DC
Cin
L
DC
Cout
(Figure 1)
Vin
GND
0V
+Vo
DC
DC
REG
Vin
GND
0V
+Vo
DC
DC
REG
(Figure 2)
EXTERNAL CAPACITOR TABLE (TABLE 1)
Vin
(VDC)
Cin
(
µF)
Single Vout
(VDC)
Cout
(
µF)
5
4.7
5
10
12
2.2
9
4.7
24
1
12
2.2
--
--
15
1
It
’s not recommended to connect any external
capacitor in the application field with less than
0.5 watt output.


Numéro de pièce similaire - H0512RN-2W

FabricantNo de pièceFiches techniqueDescription
logo
MORNSUN Science& Techno...
H0512RN-2W MORNSUN-H0512RN-2W Datasheet
99Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
H0512RN-2W MORNSUN-H0512RN-2W Datasheet
314Kb / 3P
   SINGLE OUTPUT DC-DC CONVERTER
More results

Description similaire - H0512RN-2W

FabricantNo de pièceFiches techniqueDescription
logo
GAPTEC Electronic GmbH ...
2T8A-3 GAPTEC-2T8A-3 Datasheet
898Kb / 4P
   2W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
2T8E GAPTEC-2T8E Datasheet
877Kb / 3P
   2W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
logo
Microdc power Technolog...
H-XD-1W MICRODC-H-XD-1W Datasheet
486Kb / 2P
   1W,FIXED INPUT,6000V ISOLATED&UNREGULATED SINGLE/DUAL OUTPUT DC-DC CONVERTER
H-XVD MICRODC-H-XVD Datasheet
438Kb / 2P
   1W,FIXED INPUT,6000V ISOLATED&UNREGULATED SINGLE/DUAL OUTPUT DC-DC CONVERTER
E-XD-2W MICRODC-E-XD-2W Datasheet
705Kb / 3P
   2W,FIXED INPUT,ISOLATED&UNREGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
2D14B GAPTEC-2D14B Datasheet
1Mb / 5P
   2W - Dual/Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
2S7B GAPTEC-2S7B Datasheet
1Mb / 5P
   2W - Single/Dual Output DC-DC Converter - Fixed Input - Isolated & Unregulated
2S7A GAPTEC-2S7A Datasheet
1Mb / 5P
   2W - Dual/Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
2S7BE GAPTEC-2S7BE Datasheet
653Kb / 5P
   2W - Single/Dual Output DC-DC Converter - Fixed Input - Isolated & Unregulated
2S7B-6UP GAPTEC-2S7B-6UP Datasheet
1Mb / 4P
   2W - Single/Dual Output DC-DC Converter - Fixed Input - Isolated & Unregulated
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com