Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS84320RUQT Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS84320RUQT
Description  4.5-V to 14.5-V Input, 3-A Synchronous Buck, Integrated Power Solution
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS84320RUQT Fiches technique(HTML) 4 Page - Texas Instruments

  TPS84320RUQT Datasheet HTML 1Page - Texas Instruments TPS84320RUQT Datasheet HTML 2Page - Texas Instruments TPS84320RUQT Datasheet HTML 3Page - Texas Instruments TPS84320RUQT Datasheet HTML 4Page - Texas Instruments TPS84320RUQT Datasheet HTML 5Page - Texas Instruments TPS84320RUQT Datasheet HTML 6Page - Texas Instruments TPS84320RUQT Datasheet HTML 7Page - Texas Instruments TPS84320RUQT Datasheet HTML 8Page - Texas Instruments TPS84320RUQT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
TPS84320
SLUSAH7
– SEPTEMBER 2011
www.ti.com
ELECTRICAL CHARACTERISTICS
Over -40
°C to 85°C free-air temperature, PVIN = VIN = 12 V, VOUT = 1.8 V, IOUT = 3A,
CIN1 = 2x 22 µF ceramic, CIN2 = 68 µF poly-tantalum, COUT1 = 4x 47 µF ceramic (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IOUT
Output current
TA = 85°C, natural convection
0
3
A
VIN
Input bias voltage range
Over IOUT range
4.5
14.5
V
PVIN
Input switching voltage range
Over IOUT range
1.6(1)
14.5
V
VIN = increasing
4.0
4.5
UVLO
VIN Undervoltage lockout
V
VIN = decreasing
3.5
3.85
VOUT(adj)
Output voltage adjust range
Over IOUT range
0.8
5.5
V
Set-point voltage tolerance
TA = 25°C, IOUT = 0A
±1.0% (2)
Temperature variation
-40
°C ≤ TA ≤ +85°C, IOUT = 0A
±0.3%
VOUT
Line regulation
Over PVIN range, TA = 25°C, IOUT = 0A
±0.1%
Load regulation
Over IOUT range, TA = 25°C
±0.1%
Total output voltage variation
Includes set-point, line, load, and temperature variation
±1.5% (2)
VOUT = 5V, fSW = 780kHz
91.5 %
VOUT = 3.3V, fSW = 630kHz
89.0 %
VOUT = 2.5V, fSW = 480kHz
86.9 %
PVIN = VIN = 12 V
IO = 1.5 A
VOUT = 1.8V, fSW = 480kHz
85.2 %
VOUT = 1.2V, fSW = 480kHz
82.1 %
η
Efficiency
VOUT = 0.8V, fSW = 330kHz
78.7 %
PVIN = VIN = 5 V
VOUT = 3.3V, fSW = 630kHz
93.3 %
IO = 1.5 A
VOUT = 2.5V, fSW = 480kHz
91.4 %
VOUT = 1.8V, fSW = 480kHz
88.8 %
VOUT = 1.2V, fSW = 480kHz
85.2 %
VOUT = 0.8V, fSW = 330kHz
81.8 %
Output voltage ripple
20 MHz bandwith
35
mVPP
ILIM
Overcurrent threshold
5.8
A
Recovery time
190
µs
Transient response
1.0 A/
µs load step from 50 to 100% IOUT(max)
VOUT
35
mV
over/undershoot
VINH-H
Inhibit High Voltage
1.30
Open (3)
Inhibit Control
V
VINH-L
Inhibit Low Voltage
–0.3
1.05
INH Input current
INH
< 1.1 V
-1.15
μA
INH Hysteresis current
INH
> 1.26 V
-3.4
μA
II(stby)
Input standby current
INH pin to AGND
2
4
µA
Good
94%
VOUT rising
Fault
109%
PWRGD Thresholds
Power
Fault
91%
Good
VOUT falling
Good
106%
PWRGD Low Voltage
I(PWRGD) = 2 mA
0.3
V
fSW
Switching frequency
Over VIN and IOUT ranges, RT/CLK pin OPEN
270
330
390
kHz
fCLK
Synchronization frequency
330
780
kHz
VCLK-H
CLK High-Level Threshold
2.0
5.5
V
CLK Control
VCLK-L
CLK Low-Level Threshold
0.8
V
DCLK
CLK Duty cycle
20%
80%
Thermal shutdown
160
175
°C
Thermal Shutdown
Thermal shutdown hysteresis
10
°C
(1)
The minimum PVIN voltage is 1.6V or (VOUT+ 0.7V) , whichever is greater. VIN must be greater than 4.5V.
(2)
The stated limit of the set-point voltage tolerance includes the tolerance of both the internal voltage reference and the internal
adjustment resistor. The overall output voltage tolerance will be affected by the tolerance of the external RSET resistor.
(3)
This control pin has an internal pullup. If this pin is left open circuit, the device operates when input power is applied. A small
low-leakage (
<300 nA) MOSFET is recommended for control. See the application section for further guidance.
4
Copyright
© 2011, Texas Instruments Incorporated


Numéro de pièce similaire - TPS84320RUQT

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TPS843 TOSHIBA-TPS843 Datasheet
225Kb / 6P
   Silicon Epitaxial Planar
TPS843F TOSHIBA-TPS843F Datasheet
225Kb / 6P
   Silicon Epitaxial Planar
More results

Description similaire - TPS84320RUQT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS84620 TI1-TPS84620 Datasheet
885Kb / 33P
[Old version datasheet]   4.5-V to 14.5-V Input, 6-A Synchronous Buck, Integrated Power Solution
TPS84621 TI1-TPS84621 Datasheet
993Kb / 30P
[Old version datasheet]   4.5-V to 14.5-V Input, 6-A Synchronous Buck, Integrated Power Solution
TPS84410 TI1-TPS84410 Datasheet
962Kb / 28P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Synchronous Buck, Integrated Power Solution
SEPTEMBER2011
TPS84410 TI1-TPS84410_14 Datasheet
1Mb / 35P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Synchronous Buck, Integrated Power Solution
TPS84610 TI1-TPS84610 Datasheet
967Kb / 27P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Synchronous Buck, Integrated Power Solution
TPS84A20 TI-TPS84A20 Datasheet
878Kb / 30P
[Old version datasheet]   2.95-V to 17-V Input, 10-A Synchronous Buck, Integrated Power Solution
TPS84210 TI1-TPS84210 Datasheet
1Mb / 29P
[Old version datasheet]   2.95-V to 6-V Input, 2-A Synchronous Buck, Integrated Power Solution
logo
Vishay Siliconix
SIP12110 VISHAY-SIP12110 Datasheet
374Kb / 16P
   6 A, 4.5 V to 15 V Input Synchronous Buck Regulator
Rev. A, 15-Sep-14
SIC462 VISHAY-SIC462 Datasheet
1Mb / 23P
   4.5 V to 60 V Input, 6 A Synchronous Buck Regulator
Rev. D, 13-Mar-17
logo
Texas Instruments
TPS56637 TI1-TPS56637_19 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com