Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS79901-Q1 Fiches technique(PDF) 2 Page - Texas Instruments

No de pièce TPS79901-Q1
Description  200 mA, LOW QUIESCENT CURRENT, ULTRA-LOW NOISE HIGH PSRR, LOW DROPOUT, LINEAR REGULATORS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS79901-Q1 Fiches technique(HTML) 2 Page - Texas Instruments

  TPS79901-Q1 Datasheet HTML 1Page - Texas Instruments TPS79901-Q1 Datasheet HTML 2Page - Texas Instruments TPS79901-Q1 Datasheet HTML 3Page - Texas Instruments TPS79901-Q1 Datasheet HTML 4Page - Texas Instruments TPS79901-Q1 Datasheet HTML 5Page - Texas Instruments TPS79901-Q1 Datasheet HTML 6Page - Texas Instruments TPS79901-Q1 Datasheet HTML 7Page - Texas Instruments TPS79901-Q1 Datasheet HTML 8Page - Texas Instruments TPS79901-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
TPS79901-Q1, TPS79912-Q1, TPS79915-Q1
TPS79918-Q1, TPS79925-Q1, TPS79927-Q1, TPS79933-Q1
SBVS097E
– MARCH 2008 – REVISED JANUARY 2012
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ABSOLUTE MAXIMUM RATINGS
(1)
over operating temperature range (unless otherwise noted)
VIN range
–0.3 V to 7 V
VEN range
–0.3 V to VIN + 0.3 V
VOUT range
–0.3 V to VIN + 0.3 V
Peak output current
Internally limited
Continuous total power dissipation
See the Thermal Information table
Junction temperature range, TJ
–55°C to 150°C
Storage junction temperature range , Tstg
–55°C to 150°C
ESD rating, HBM
2000 V
ESD rating, CDM
1000 V
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
THERMAL INFORMATION
TPS799xxQ1
THERMAL METRIC(1)(2)
UNITS
DRV (6 PINS)
DDC (5 PINS)
θJA
Junction-to-ambient thermal resistance
74.2
178.1
θJCtop
Junction-to-case (top) thermal resistance
58.8
70.7
θJB
Junction-to-board thermal resistance
145.9
73.4
°C/W
ψJT
Junction-to-top characterization parameter
0.2
2.5
ψJB
Junction-to-board characterization parameter
54.4
74.1
θJCbot
Junction-to-case (bottom) thermal resistance
7.2
n/a
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
For thermal estimates of this device based on PCB copper area, see the TI PCB Thermal Calculator.
2
Submit Documentation Feedback
Copyright
© 2008–2012, Texas Instruments Incorporated
Product Folder Link(s): TPS79901-Q1 TPS79912-Q1 TPS79915-Q1 TPS79918-Q1 TPS79925-Q1 TPS79927-Q1
TPS79933-Q1


Numéro de pièce similaire - TPS79901-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS79901-Q1 TI1-TPS79901-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   200 mA, Low Quiescent Current, Ultralow Noise, High PSRR, Low Dropout, Linear Regulators
More results

Description similaire - TPS79901-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS799-Q1 TI1-TPS799-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   200 mA, Low Quiescent Current, Ultralow Noise, High PSRR, Low Dropout, Linear Regulators
TPS79901-EP TI1-TPS79901-EP_18 Datasheet
1Mb / 29P
[Old version datasheet]   200-mA, Low-Quiescent Current, Ultra-Low-Noise, High-PSRR Low-Dropout Linear Regulator
TPS79901-EP TI1-TPS79901-EP Datasheet
1Mb / 27P
[Old version datasheet]   200-mA, Low-Quiescent Current, Ultra-Low-Noise, High-PSRR Low-Dropout Linear Regulator
TPS799 TI1-TPS799_16 Datasheet
1Mb / 41P
[Old version datasheet]   200-mA, Low-Quiescent Current, Ultralow Noise, High-PSRR Low-Dropout Linear Regulator
TPS730 TI1-TPS730_16 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators
TPS73047 TI-TPS73047 Datasheet
318Kb / 16P
[Old version datasheet]   LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS730XX TI-TPS730XX Datasheet
385Kb / 15P
[Old version datasheet]   LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS73033 TI-TPS73033 Datasheet
271Kb / 13P
[Old version datasheet]   LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS730XX TI-TPS730XX_08 Datasheet
524Kb / 19P
[Old version datasheet]   LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS730XX TI-TPS730XX_07 Datasheet
333Kb / 13P
[Old version datasheet]   LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com