Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS79501-Q1 Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS79501-Q1
Description  ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 500-mA LOW-DROPOUT LINEAR REGULATORS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS79501-Q1 Fiches technique(HTML) 3 Page - Texas Instruments

  TPS79501-Q1 Datasheet HTML 1Page - Texas Instruments TPS79501-Q1 Datasheet HTML 2Page - Texas Instruments TPS79501-Q1 Datasheet HTML 3Page - Texas Instruments TPS79501-Q1 Datasheet HTML 4Page - Texas Instruments TPS79501-Q1 Datasheet HTML 5Page - Texas Instruments TPS79501-Q1 Datasheet HTML 6Page - Texas Instruments TPS79501-Q1 Datasheet HTML 7Page - Texas Instruments TPS79501-Q1 Datasheet HTML 8Page - Texas Instruments TPS79501-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
TPS79501-Q1
www.ti.com
SLVSAJ9 – SEPTEMBER 2010
ELECTRICAL CHARACTERISTICS
Over recommended operating temperature range (TJ = –40°C to 125°C), VEN = VIN, VIN = VOUT(nom) + 1 V
(1), I
OUT = 1 mA,
COUT = 10 mF, CNR = 0.01 mF, unless otherwise noted. Typical values are at +25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input voltage, VIN
(1)
2.7
5.5
V
Internal reference, VFB
1.200
1.225
1.250
V
Continuous output current, IOUT
0
500
mA
Output voltage range
1.225
5.5 – VDO
V
Output
voltage
Accuracy, see Note (2)
0 mA ≤ IOUT ≤ 500 mA, VOUT + 1 V ≤ VIN ≤ 5.5 V
(1)
0.98(VOUT)
VOUT
1.02(VOUT)
V
Output voltage line regulation (
ΔVOUT%/ΔVIN)
(1)
VOUT + 1 V ≤ VIN ≤ 5.5 V
0.05
0.12
%/V
Load regulation (
ΔVOUT%/ΔIOUT)
0 mA ≤ IOUT ≤ 500 mA,
3
mV
Dropout voltage(3)
IOUT = 500 mA
110
170
mV
VIN = VOUT(nom) - 0.1 V
Output current limit
VOUT = 0 V
2.4
2.8
4.2
A
Ground pin current
0 mA ≤ IOUT ≤ 500 mA
265
385
mA
Shutdown current(4)
VEN = 0 V, 2.7 V ≤ VIN ≤ 5.5 V
0.07
1
mA
FB pin current
VFB = 1.225 V
1
mA
f = 100 Hz, IOUT = 10 mA
59
f = 100 Hz, IOUT = 500 mA
58
Power-supply ripple rejection
dB
f = 10 kHz, IOUT = 500 mA
50
f = 100 kHz, IOUT = 500 mA
39
CNR = 0.001 mF
46
CNR = 0.0047 µF
41
BW = 100 Hz to 100 kHz,
Output noise voltage
mVRMS
IOUT = 500 mA
CNR = 0.01 mF
35
CNR = 0.1 mF
33
CNR = 0.001 mF
50
Time, start-up
RL = 6 Ω, COUT = 1 µF
CNR = 0.0047 mF
75
ms
CNR = 0.01 mF
110
High-level enable input voltage
2.7 V
≤ VIN ≤ 5.5 V
1.7
VIN
V
Low-level enable input voltage
2.7 V
≤ VIN ≤ 5.5 V
0.7
V
EN pin current
VEN = 0 V
1
1
mA
UVLO threshold
VCC rising
2.25
2.65
V
UVLO hysteresis
100
mV
(1)
Minimum VIN is 2.7 V or VOUT + VDO, whichever is greater.
(2)
Tolerance of external resistors not included in this specification.
(3)
Dropout is not measured since minimum VIN = 2.7 V.
(4)
For adjustable version, this applies only after VIN is applied; then VEN transitions high to low.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS79501-Q1


Numéro de pièce similaire - TPS79501-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS79501 TI-TPS79501 Datasheet
432Kb / 15P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 500-mA LOW-DROPOUT LINEAR REGULATORS
TPS79501 TI1-TPS79501 Datasheet
1Mb / 12P
[Old version datasheet]   Power Management Solutions for Xilinx and Altera FPGAs
TPS79501DCQ TI-TPS79501DCQ Datasheet
432Kb / 15P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 500-mA LOW-DROPOUT LINEAR REGULATORS
TPS79501DCQ TI-TPS79501DCQ Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 500-mA LOW-DROPOUT LINEAR REGULATORS
TPS79501DCQ TI1-TPS79501DCQ Datasheet
1Mb / 33P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast, RF, 500-mA Low-Dropout Linear Regulators
More results

Description similaire - TPS79501-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS79501 TI-TPS79501 Datasheet
432Kb / 15P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 500-mA LOW-DROPOUT LINEAR REGULATORS
TPS795XX TI-TPS795XX Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 500-mA LOW-DROPOUT LINEAR REGULATORS
TPS795 TI1-TPS795_16 Datasheet
1Mb / 33P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast, RF, 500-mA Low-Dropout Linear Regulators
TPS795 TI-TPS795_15 Datasheet
1Mb / 33P
[Old version datasheet]   TPS795 Ultralow-Noise, High-PSRR, Fast, RF, 500-mA Low-Dropout Linear Regulators
TPS79301-Q1 TI-TPS79301-Q1 Datasheet
308Kb / 16P
[Old version datasheet]   ULTRALOW-NOISE HIGH-PSRR FAST-RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79225 TI-TPS79225 Datasheet
134Kb / 13P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-EP TI1-TPS79301-EP_16 Datasheet
931Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79133-EP TI-TPS79133-EP Datasheet
1,010Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79147-EP TI-TPS79147-EP_15 Datasheet
1,010Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79101-EP TI1-TPS79101-EP_16 Datasheet
1,015Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com