Moteur de recherche de fiches techniques de composants électroniques |
|
TPS75105YFFR Fiches technique(PDF) 2 Page - Texas Instruments |
|
|
TPS75105YFFR Fiches technique(HTML) 2 Page - Texas Instruments |
2 / 19 page TPS7510x SBVS080H – SEPTEMBER 2006 – REVISED JANUARY 2010 www.ti.com This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage. ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to damage because very small parametric changes could cause the device not to meet its published specifications. ORDERING INFORMATION(1) PRODUCT ID OPTIONS(2) TPS7510x yyyz X is the nominal default diode output current (for example, 3 = 3mA, 5 = 5mA, and 0 = 10mA). YYY is the package designator. Z is the reel quantity (R = 3000, T = 250). (1) For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI web site at www.ti.com. (2) Default set currents from 3mA to 10mA in 1mA increments are available through the use of innovative factory EEPROM programming. Minimum order quantities may apply. Contact factory for details and availability. ABSOLUTE MAXIMUM RATINGS (1) Over operating temperature range (unless otherwise noted). PARAMETER VALUE VIN range –0.3V to +7.0V VISET, VENA, VENB, VDX range –0.3V to VIN IDX for D1A, D2A, D1B, D2B 35mA D1A, D2A, D1B, D2B short circuit duration Indefinite Continuous total power dissipation Internally limited Junction temperature (TJ) –55°C to +150°C Storage temperature –55°C to +150°C (1) Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those specified is not implied. DISSIPATION RATINGS DERATING FACTOR ABOVE BOARD PACKAGE RqJC RqJA TA = +25°C TA < +25°C TA = +70°C TA = +85°C Low-K(1) YFF 55°C/W 208°C/W 4.8mW/°C 480mW 264mW 192mW YFF 55°C/W 142°C/W 7.0mW/°C 704mW 387mW 282mW High-K(2) DSK 40°C/W 60.6°C/W 17mW/°C 1650mW 908mW 660mW (1) The JEDEC low-K (1s) board used to derive this data was a 3 inch × 3 inch, two-layer board with 2 ounce copper traces on top of the board. (2) The JEDEC high-K (2s2p) board used to derive this data was a 3 inch × 3 inch, multi-layer board with 1 ounce internal power and ground planes and 2 ounce copper traces on top and bottom of the board. RECOMMENDED OPERATING CONDITIONS PARAMETER MIN TYP MAX UNIT VIN Input voltage 2.7 5.5 V IDX Operating current per LED 3 25 mA tPWM On-time for PWM signal 33 ms TJ Operating junction temperature range –40 +85 °C 2 Submit Documentation Feedback Copyright © 2006–2010, Texas Instruments Incorporated |
Numéro de pièce similaire - TPS75105YFFR |
|
Description similaire - TPS75105YFFR |