Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS74012DGKT Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS74012DGKT
Description  1.5-A, Low-Voltage LDO Regulator with Dual Input Voltages
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS74012DGKT Fiches technique(HTML) 7 Page - Texas Instruments

Back Button TPS74012DGKT Datasheet HTML 3Page - Texas Instruments TPS74012DGKT Datasheet HTML 4Page - Texas Instruments TPS74012DGKT Datasheet HTML 5Page - Texas Instruments TPS74012DGKT Datasheet HTML 6Page - Texas Instruments TPS74012DGKT Datasheet HTML 7Page - Texas Instruments TPS74012DGKT Datasheet HTML 8Page - Texas Instruments TPS74012DGKT Datasheet HTML 9Page - Texas Instruments TPS74012DGKT Datasheet HTML 10Page - Texas Instruments TPS74012DGKT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
80
70
60
50
40
30
20
10
0
10
1M
Frequency(Hz)
100
V
=3.3V
V
=1.8V
V
=1.0V
I
=1.5A
C
=2.2- FCeramic
BIAS
IN
OUT
OUT
OUT
m
100k
10k
1k
TPS74001
80
70
60
50
40
30
20
10
0
10
1M
Frequency(Hz)
100
V
=3.3V
V
=1.8V
V
=1.0V
I
=1.5A
C
=2.2- FCeramic
BIAS
IN
OUT
OUT
OUT
m
100k
10k
1k
TPS74001
300
250
200
150
100
50
0
0
1600
OutputCurrent(mA)
200
1000
V
=5V
V
=1.0V
BIAS
OUT
1200
1400
800
600
400
1.8
1.6
1.4
1.2
1
0.8
0.6
0.4
0.2
0
0
1600
OutputCurrent(mA)
200
1000
V
=2.5V
V
=1.5V
IN
OUT
1200
1400
800
600
400
400
350
300
250
200
150
100
50
0
-40
125
Temperature( C)
°
-25
35
V
=5V
I
=1.5A
V
=1.5V
BIAS
OUT
OUT
50
65
20
5
-10
80
95
110
2
1.8
1.6
1.4
1.2
1
0.8
0.6
0.4
0.2
0
-40
125
Temperature( C)
°
-25
35
V
=2.5V
I
=1.5A
V
=1.5V
IN
OUT
OUT
50
65
20
5
-10
80
95
110
TPS740xx
www.ti.com
SBVS091C
– JUNE 2011 – REVISED DECEMBER 2011
TYPICAL CHARACTERISTICS
At TJ = +25°C, VIN = 2.5 V, VBIAS = 5.0 V, VOUT(target) = 1.5 V, VEN = VBIAS, CIN = 2.2 μF, CBIAS = 2.2 μF, and COUT = 10 μF,
unless otherwise noted.
POWER-SUPPLY RIPPLE REJECTION
POWER-SUPPLY RIPPLE REJECTION
(INPUT SUPPLY)
(BIAS SUPPLY)
Figure 3.
Figure 4.
DROPOUT VOLTAGE
DROPOUT VOLTAGE
(INPUT SUPPLY)
(BIAS SUPPLY)
Figure 5.
Figure 6.
DROPOUT VOLTAGE vs TEMPERATURE
DROPOUT VOLTAGE vs TEMPERATURE
(INPUT SUPPLY)
(BIAS SUPPLY)
Figure 7.
Figure 8.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPS740xx


Numéro de pièce similaire - TPS74012DGKT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS74012DGKT TI1-TPS74012DGKT Datasheet
910Kb / 24P
[Old version datasheet]   1.5-A, Low-Voltage LDO Regulator with Dual Input Voltages
More results

Description similaire - TPS74012DGKT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS740XX TI1-TPS740XX Datasheet
539Kb / 23P
[Old version datasheet]   1.5-A, Low-Voltage LDO Regulator with Dual Input Voltages
JUNE2011
TPS740XX TI1-TPS740XX_15 Datasheet
910Kb / 24P
[Old version datasheet]   1.5-A, Low-Voltage LDO Regulator with Dual Input Voltages
TPS74012 TI-TPS74012_15 Datasheet
957Kb / 26P
[Old version datasheet]   1.5-A, Low-Voltage LDO Regulator with Dual Input Voltages
logo
Micrel Semiconductor
MIC49300 MICREL-MIC49300 Datasheet
68Kb / 8P
   3.0A LOW VOLTAGE LDO REGULATOR W/DUAL INPUT VOLTAGES
MIC49300 MICREL-MIC49300_05 Datasheet
597Kb / 8P
   3.0A Low Voltage LDO Regulator w/Dual Input Voltages
MIC49150 MICREL-MIC49150 Datasheet
94Kb / 12P
   1.5A Low Voltage LDO Regulator w/Dual Input Voltages
MIC49150 MICREL-MIC49150_06 Datasheet
344Kb / 13P
   1.5A Low Voltage LDO Regulator w/Dual Input Voltages
MIC49200 MICREL-MIC49200 Datasheet
324Kb / 12P
   2A LOW VOLTAGE LDO WITH DUAL INPUT VOLTAGES
MIC37150 MICREL-MIC37150 Datasheet
146Kb / 10P
   1.5 A LOW VOLTAGE UCAP LDO REGULATOR
MIC47300 MICREL-MIC47300 Datasheet
441Kb / 11P
   3A, Low Voltage, Adjustable LDO Regulator with Dual Input Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com