Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS74701-Q1 Fiches technique(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS74701-Q1
Description  500-mA LOW-DROPOUT LINEAR REGULATOR WITH PROGRAMMABLE SOFT-START
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS74701-Q1 Fiches technique(HTML) 9 Page - Texas Instruments

Back Button TPS74701-Q1 Datasheet HTML 5Page - Texas Instruments TPS74701-Q1 Datasheet HTML 6Page - Texas Instruments TPS74701-Q1 Datasheet HTML 7Page - Texas Instruments TPS74701-Q1 Datasheet HTML 8Page - Texas Instruments TPS74701-Q1 Datasheet HTML 9Page - Texas Instruments TPS74701-Q1 Datasheet HTML 10Page - Texas Instruments TPS74701-Q1 Datasheet HTML 11Page - Texas Instruments TPS74701-Q1 Datasheet HTML 12Page - Texas Instruments TPS74701-Q1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
50mV/div
1V/div
Time(50 s/div)
m
C
=2.2 F(Ceramic)
OUT
m
5.0V
1V/ s
m
3.3V
C
=1nF
SS
50mV/div
1V/div
Time(50 s/div)
m
C
=2.2 F(Ceramic)
OUT
m
3.8V
1V/ s
m
1.8V
C
=1nF
SS
100mV/div
100mV/div
500mA/div
100mV/div
Time(50 s/div)
m
C
=2.2 F(Ceramic)
OUT
m
C
=10 F(Ceramic)
OUT
m
1A/ s
m
50mA
C
=470 F(OSCON)
m
OUT
C
=1nF
SS
0.5V/div
V
OUT
V
EN
1V/div
Time(2ms/div)
C
SS =5600pF
C
SS =560pF
C
SS =0nF
3.8V
1.8V
Time(20ms/div)
V
PG
V
OUT
V
=V
=V
IN
BIAS
EN
TPS74701-Q1
www.ti.com
SBVS141A – APRIL 2010 – REVISED SEPTEMBER 2010
TYPICAL CHARACTERISTICS
At TJ = +25°C, VIN = VOUT(TYP) + 0.3V, VBIAS = 5V, IOUT = 1A, VEN = VIN = 1.8V, VOUT = 1.5V, CIN = 1mF, CBIAS = 4.7mF, and
COUT = 10mF, unless otherwise noted.
VBIAS LINE TRANSIENT
VIN LINE TRANSIENT
Figure 19.
Figure 20.
OUTPUT LOAD TRANSIENT RESPONSE
TURN-ON RESPONSE
Figure 21.
Figure 22.
POWER-UP/POWER-DOWN
Figure 23.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TPS74701-Q1


Numéro de pièce similaire - TPS74701-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS74701-Q1 TI-TPS74701-Q1 Datasheet
2Mb / 38P
[Old version datasheet]   TPS74701 500-mA, Low-Dropout Linear Regulator With Programmable Soft-Start
REVISED APRIL 2023
TPS74701-Q1 TI1-TPS74701-Q1 Datasheet
2Mb / 37P
[Old version datasheet]   TPS74701-Q1 Automotive, 500-mA, Low-Dropout Linear Regulator With Programmable Soft-Start
REVISED OCTOBER 2023
TPS74701-Q1 TI-TPS74701-Q1_15 Datasheet
869Kb / 25P
[Old version datasheet]   500-mA LOW-DROPOUT LINEAR REGULATOR WITH PROGRAMMABLE SOFT-START
TPS74701-Q1 TI1-TPS74701-Q1_V01 Datasheet
2Mb / 37P
[Old version datasheet]   TPS74701-Q1 Automotive, 500-mA, Low-Dropout Linear Regulator With Programmable Soft-Start
REVISED OCTOBER 2023
More results

Description similaire - TPS74701-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS74701-Q1 TI-TPS74701-Q1_15 Datasheet
869Kb / 25P
[Old version datasheet]   500-mA LOW-DROPOUT LINEAR REGULATOR WITH PROGRAMMABLE SOFT-START
TPS74701 TI-TPS74701_V01 Datasheet
2Mb / 38P
[Old version datasheet]   TPS74701 500-mA, Low-Dropout Linear Regulator With Programmable Soft-Start
REVISED APRIL 2023
TPS74701-Q1 TI1-TPS74701-Q1_V01 Datasheet
2Mb / 37P
[Old version datasheet]   TPS74701-Q1 Automotive, 500-mA, Low-Dropout Linear Regulator With Programmable Soft-Start
REVISED OCTOBER 2023
TPS74701 TI-TPS74701 Datasheet
728Kb / 24P
[Old version datasheet]   500mA Low-Dropout Linear Regulator with Programmable Soft-Start
TPS749XX TI-TPS749XX Datasheet
836Kb / 27P
[Old version datasheet]   3.0A Low Dropout Linear Regulator with Programmable Soft-Start
TPS749XX TI-TPS749XX_08 Datasheet
978Kb / 26P
[Old version datasheet]   3.0A Low Dropout Linear Regulator with Programmable Soft-Start
TPS74701DRCRG4 TI1-TPS74701DRCRG4 Datasheet
900Kb / 24P
[Old version datasheet]   500mA Low-Dropout Linear Regulator with Programmable Soft-Start
logo
Diodes Incorporated
AP7173 DIODES-AP7173 Datasheet
399Kb / 15P
   1.5A LOW DROPOUT LINEAR REGULATOR WITH PROGRAMMABLE SOFT-START
AP7173 Rev. 4
logo
Texas Instruments
TPS74901 TI1-TPS74901 Datasheet
799Kb / 27P
[Old version datasheet]   3.0A Low Dropout Linear Regulator with Programmable Soft-Start
TPS74701DRCTG4 TI-TPS74701DRCTG4 Datasheet
903Kb / 24P
[Old version datasheet]   500mA Low-Dropout Linear Regulator with Programmable Soft-Start
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com