Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS65921BZQZR Fiches technique(PDF) 3 Page - Texas Instruments

No de pièce TPS65921BZQZR
Description  Power Management and USB Single Chip
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65921BZQZR Fiches technique(HTML) 3 Page - Texas Instruments

  TPS65921BZQZR Datasheet HTML 1Page - Texas Instruments TPS65921BZQZR Datasheet HTML 2Page - Texas Instruments TPS65921BZQZR Datasheet HTML 3Page - Texas Instruments TPS65921BZQZR Datasheet HTML 4Page - Texas Instruments TPS65921BZQZR Datasheet HTML 5Page - Texas Instruments TPS65921BZQZR Datasheet HTML 6Page - Texas Instruments TPS65921BZQZR Datasheet HTML 7Page - Texas Instruments TPS65921BZQZR Datasheet HTML 8Page - Texas Instruments TPS65921BZQZR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 58 page
background image
2
1
æ
ö
+
ç
÷
è
ø
0
m
L
C
ESR = R
C
TPS65921
www.ti.com
SWCS048F – MARCH 2010 – REVISED MARCH 2012
RECOMMENDED OPERATING CONDITIONS (continued)
over operating free-air temperature range (unless otherwise noted)
32KXIN 32KXOUT
Crystal
40%
60%
duty cycle
Square wave
45%
55%
32-kHz clock rise/fall
Square wave with capacitive load equivalent to
0.1 × tC(32KHZ)
µs
time
30 pF
VIH voltage input high
Square wave in bypass mode(1)
0.65 × VBRTC
V
VIL voltage input low
Square wave in bypass mode(1)
0.35 × VBRTC
V
DCDC Converters and LDOs
VDD1.IN, VDD2.IN, VDD3.IN input voltage range for step-down converter
2.7
3.6
4.5
V
VDD1, VDD2, VIO
Maximum (2.7,
VMMC1.IN input voltage range for LDO VMMC1
output voltage
3.6
4.5
V
selected + 250 mV)
VDAC.IN input voltage range for LDO VDAC
2.7
3.6
4.5
V
Maximum (2.7,
VAUX12S.IN input voltage range for LDO VAUX2
output voltage
3.6
4.5
V
selected + 250 mV)
Maximum (2.7,
VINT.IN input voltage range for LDO VINTANA1, VINTANA2, VINTDIG
output voltage
3.6
4.5
V
and VRTC
selected + 200 mV)
VPLLA3R.IN input voltage range for LDO VPLL1
2.7
3.6
4.5
V
VDD1.OUT ouput voltage range for VDD1 step-down converter
0.6
1.45
V
VDD2.OUT ouput voltage range for VDD2 step-down converter
0.6
1.5
V
VIO.OUT ouput voltage range for VIO step-down converter
1.8/1.85
V
VMMC1.OUT output voltage range for LDO VMMC1
1.85
3.15
V
VDAC.OUT output voltage range for LDO VDAC
1.2
1.8
V
VAUX2.OUT output voltage range for LDO VAUX2
1.3
2.8
V
VPLL1.OUT output voltage range for LDO VPLL1
1.0
1.8
V
VINTANA1.OUT output voltage for LDO VINTANA1
1.5
V
VINTANA2.OUT output voltage for LDO VINTANA2
2.5/2.75
V
VINTUSB1P5V.OUT output voltage for LDO VINTUSB1P5
1.35
1.5
1.65
V
VINTUSB1P8V.OUT output voltage for LDO VINTUSB1P8
1.62
1.8
1.98
V
VUSB3P1V.OUT output voltage for LDO VUSB3P1
3.1
V
VINTDIG.OUT output voltage range for LDO VINTDIG
1.35
1.5
1.65
V
Normal mode
1.45
1.5
1.55
V
VRTC.OUT output
voltage range
Backup mode
1.0
1.3
1.55
V
External Components
Crystal: Nominal load cap on each oscillator input CXIN and CXOUT (2)
9
10
12.5
pF
Crystal ESR (3)
90
k
Ω
Crystal shunt capacitance, CO
1
pF
Value
0.7
1
1.3
µH
DCR
0.1
Ω
External coil for VDD1
Saturation current for TPS65921B
1.8
A
Saturation current for TPS65921B1
2.1
A
(2)
Nominal load capacitor on each oscillator input defined as CXIN = CXOUT = Cosc × 2 – (Cint + Cpin). Cosc is the load capacitor
defined in the crystal oscillator specification, Cint is the internal capacitor, and Cpin is the parallel input capacitor.
(3)
The crystal motional resistance Rm relates to the equivalent series resistance (ESR) by the following formula:
Measured with the load capacitance specified by the crystal manufacturer. In fact, if CXIN = CXOUT = 10 pF, then CL = 5 pF. Parasitic
capacitance from the package and board must also be considered.
Copyright © 2010–2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS65921


Numéro de pièce similaire - TPS65921BZQZR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS65921BZQZR TI-TPS65921BZQZR Datasheet
737Kb / 66P
[Old version datasheet]   TPS65921 Power Management and USB Single Chip
More results

Description similaire - TPS65921BZQZR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS65921 TI-TPS65921_V01 Datasheet
737Kb / 66P
[Old version datasheet]   TPS65921 Power Management and USB Single Chip
logo
Nanjing Qinheng Microel...
CH5260 WCH-CH5260 Datasheet
139Kb / 3P
   USB HIgh-Power Power Management SIngle-Channel Machine
logo
Texas Instruments
BQ24260 TI1-BQ24260 Datasheet
6Mb / 57P
[Old version datasheet]   Power-Path Management and USB-OTG Support
BQ24030-Q1 TI1-BQ24030-Q1 Datasheet
936Kb / 34P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24031-Q1 TI-BQ24031-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24070 TI-BQ24070 Datasheet
1Mb / 26P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
logo
California Micro Device...
CMPWR160 CALMIRCO-CMPWR160 Datasheet
124Kb / 10P
   USB peripheral Power Management
logo
Texas Instruments
BQ24030 TI-BQ24030 Datasheet
314Kb / 20P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC (bqTINYI)
BQ24030 TI-BQ24030_07 Datasheet
846Kb / 38P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC (bqTINY)
BQ24071 TI-BQ24071 Datasheet
652Kb / 26P
[Old version datasheet]   SINGLE-CHIP LI-ION CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com