Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS62110HPWP Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS62110HPWP
Description  17-V, 1.5-A, SYNCHRONOUS STEP-DOWN CONVERTER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62110HPWP Fiches technique(HTML) 5 Page - Texas Instruments

  TPS62110HPWP Datasheet HTML 1Page - Texas Instruments TPS62110HPWP Datasheet HTML 2Page - Texas Instruments TPS62110HPWP Datasheet HTML 3Page - Texas Instruments TPS62110HPWP Datasheet HTML 4Page - Texas Instruments TPS62110HPWP Datasheet HTML 5Page - Texas Instruments TPS62110HPWP Datasheet HTML 6Page - Texas Instruments TPS62110HPWP Datasheet HTML 7Page - Texas Instruments TPS62110HPWP Datasheet HTML 8Page - Texas Instruments TPS62110HPWP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
TPS62110-HT
www.ti.com
SLVSAO9B
– DECEMBER 2010 – REVISED FEBRUARY 2011
ELECTRICAL CHARACTERISTICS (continued)
VI = 12 V, VO = 3.3 V, IO = 600 mA, EN = VI
TA = -55°C to 125°C
TA = 175°C
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
OSCILLATOR
fS
Oscillator frequency
900
1000
1100
900
1000
1100
kHz
f(SYNC)
Synchronization range
CMOS-logic clock signal on SYNC pin
800
1410
800
1410
kHz
SYNC high-level input
VIH
1.5
1.5
V
voltage
SYNC low-level input
VIL
0.3
0.3
V
voltage
Ilkg
SYNC input leakage current
SYNC = GND or VIN
0.01
0.2
0.07
0.2
μA
SYNC trip-point hysteresis
170
170
mV
SYNC input current
0.6 V
≤ V(SYNC) ≤ 4 V
10
20
5
20
µA
Duty cycle of external clock
30
90
30
90
%
signal
OUTPUT
Adjustable output voltage
VO
1.153
16
1.153
16
V
range
VFB
Feedback voltage
1.153
1.153
V
FB leakage current
10
100
290
2100
nA
Feedback voltage tolerance
VI = 3.1 V to 17 V,
–6
7.5
–7
8
%
(3)
0 mA
< IO < 1500 mA
(4)
VI ≥ 3 V (once undervoltage lockout voltage
100
100
exceeded)
VI ≥ 3.5 V
500
500
IO
Maximum output current
mA
VI ≥ 4.3 V
1200
1100
VI ≥ 6 V
1500
1500
Current into internal voltage
divider for fixed voltage
5
5
μA
versions
VI = 7.2 V, VO = 3.3 V, IO = 600 mA
92
82
η
Efficiency
%
VI = 12 V, VO = 5 V, IO = 600 mA
92
82
Duty cycle range for main
at 1 MHz
10
100
10
100
%
switches(3)
Minimum ton time for main
100
100
ns
switch
Start-up time
IO = 800 mA, VI = 12 V, VO = 3.3 V
1
ms
(3)
Not production tested
(4)
The maximum output current depends on the input voltage. See the maximum output current for further restrictions on the minimum
input voltage.
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPS62110-HT


Numéro de pièce similaire - TPS62110HPWP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS62110 TI-TPS62110 Datasheet
960Kb / 28P
[Old version datasheet]   17-V, 1.5-A, SYNCHRONOUS STEP-DOWN CONVERTER
TPS62110 TI-TPS62110 Datasheet
1Mb / 158P
[Old version datasheet]   Digital Signal Controller (DSC)
TPS62110-EP TI1-TPS62110-EP Datasheet
797Kb / 25P
[Old version datasheet]   17 V, 1.5 A, SYNCHRONOUS STEP-DOWN CONVERTER
TPS62110-EP TI1-TPS62110-EP Datasheet
1,018Kb / 25P
[Old version datasheet]   17 V, 1.5 A, SYNCHRONOUS STEP-DOWN CONVERTER
TPS62110-EP TI1-TPS62110-EP_16 Datasheet
1,018Kb / 25P
[Old version datasheet]   17 V, 1.5 A, SYNCHRONOUS STEP-DOWN CONVERTER
More results

Description similaire - TPS62110HPWP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS62110-Q1 TI1-TPS62110-Q1 Datasheet
759Kb / 24P
[Old version datasheet]   17-V 1.5-A SYNCHRONOUS STEP-DOWN CONVERTER
TPS62110 TI-TPS62110 Datasheet
960Kb / 28P
[Old version datasheet]   17-V, 1.5-A, SYNCHRONOUS STEP-DOWN CONVERTER
TPS62110-EP TI1-TPS62110-EP_16 Datasheet
1,018Kb / 25P
[Old version datasheet]   17 V, 1.5 A, SYNCHRONOUS STEP-DOWN CONVERTER
TPS62110-EP TI1-TPS62110-EP Datasheet
797Kb / 25P
[Old version datasheet]   17 V, 1.5 A, SYNCHRONOUS STEP-DOWN CONVERTER
TPS62110 TI-TPS62110_15 Datasheet
1Mb / 34P
[Old version datasheet]   TPS6211x 17-V, 1.5-A, Synchronous Step-Down Converter
LMR36015-Q1 TI1-LMR36015-Q1 Datasheet
2Mb / 34P
[Old version datasheet]   4.2-V to 60-V, 1.5-A Synchronous Step-Down Converter
LMR23615 TI1-LMR23615 Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
LMR23615 TI1-LMR23615_18 Datasheet
2Mb / 37P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
LMR23615-Q1 TI1-LMR23615-Q1 Datasheet
2Mb / 36P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
TPS54821 TI1-TPS54821_16 Datasheet
1Mb / 42P
[Old version datasheet]   4.5 V to 17 V Input, 8 A Synchronous Step Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com