Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS62110-EP Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS62110-EP
Description  17 V, 1.5 A, SYNCHRONOUS STEP-DOWN CONVERTER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62110-EP Fiches technique(HTML) 3 Page - Texas Instruments

  TPS62110-EP Datasheet HTML 1Page - Texas Instruments TPS62110-EP Datasheet HTML 2Page - Texas Instruments TPS62110-EP Datasheet HTML 3Page - Texas Instruments TPS62110-EP Datasheet HTML 4Page - Texas Instruments TPS62110-EP Datasheet HTML 5Page - Texas Instruments TPS62110-EP Datasheet HTML 6Page - Texas Instruments TPS62110-EP Datasheet HTML 7Page - Texas Instruments TPS62110-EP Datasheet HTML 8Page - Texas Instruments TPS62110-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
ABSOLUTE MAXIMUM RATINGS
(1)
DISSIPATION RATINGS
(1)
RECOMMENDED OPERATING CONDITIONS
TPS62110-EP
TPS62111-EP
TPS62112-EP
www.ti.com .............................................................................................................................................................. SLVS630C – APRIL 2007 – REVISED MAY 2008
This device contains circuits to protect its inputs and outputs against damage due to high static voltages or electrostatic fields.
These circuits have been qualified to protect this device against electrostatic discharges; HBM according to EIA/JESD22-A114-B,
MM according EIA/JESD22-A115-A, and CDM according EIA/JESD22C101C; however, it is advised that precautions be taken to
avoid application of any voltage higher than maximum-rated voltages to these high-impedance circuits. During storage or handling
the device leads should be shorted together or the device should be placed in conductive foam. In a circuit, unused inputs should
always be connected to an appropriate logic voltage level, preferably either VCC or ground. Specific guidelines for handling devices
of this type are contained in the publication Guidelines for Handling Electrostatic-Discharge-Sensitive (ESDS) Devices and
Assemblies available from Texas Instruments.
ORDERING INFORMATION(1)
TA
PLASTIC QFN
OUTPUT
LBI/LBO
MARKING
16 PIN (RSA) (2)(3)
VOLTAGE
FUNCTIONALITY
TPS62110MRSAREP
Adjustable
Standard
TPS62110-EP
1.2 V to 16 V
–55°C to 125°C
TPS62111MRSAREP
3.3 V
Standard
TPS62111-EP
TPS62112MRSAREP
5 V
Standard
TPS62112-EP
(1)
For the most current package and ordering information, see the Package Option Addendum at the end
of this document, or see the TI website at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(3)
The RSA package is available in tape and reel. Add R suffix (TPS62110RSAR) to order quantities of
3000 parts per reel. Add T suffix (TPS62110RSAT) to order quantities of 250 parts per reel
over operating free-air temperature range (unless otherwise noted)
UNIT
VCC
Supply voltage at VIN, VINA
–0.3 V to 20 V
Voltage at SW
–0.3 V to VI
VI
Voltage at EN, SYNC, LBO, PG
–0.3 V to 20 V
Voltage at LBI, FB
–0.3 V to 7 V
IO
Output current at SW
2400 mA
TJ
Maximum junction temperature
150°C
Tstg
Storage temperature
–65°C to 150°C
Lead temperature 1,6 mm (1/16-inch) from case for 10 seconds
300°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
TA ≤ 25°C
DERATING FACTOR
TA = 70°C
TA = 85°C
PACKAGE
POWER RATING
ABOVE TA = 25°C
POWER RATING
POWER RATING
RSA
2.5 W
25 mW/°C
1.375 W
1 W
(1)
Based on a thermal resistance of 40 K/W soldered onto a high K board.
MIN
MAX
UNIT
VCC
Supply voltage at VIN, VINA
3.1
17
V
Maximum voltage at power-good, LBO, EN, SYNC
17
V
TJ
Operating junction temperature
–55
125
°C
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS62110-EP TPS62111-EP TPS62112-EP


Numéro de pièce similaire - TPS62110-EP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS62110-EP TI1-TPS62110-EP Datasheet
1,018Kb / 25P
[Old version datasheet]   17 V, 1.5 A, SYNCHRONOUS STEP-DOWN CONVERTER
TPS62110-EP TI1-TPS62110-EP_16 Datasheet
1,018Kb / 25P
[Old version datasheet]   17 V, 1.5 A, SYNCHRONOUS STEP-DOWN CONVERTER
More results

Description similaire - TPS62110-EP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS62110-Q1 TI1-TPS62110-Q1 Datasheet
759Kb / 24P
[Old version datasheet]   17-V 1.5-A SYNCHRONOUS STEP-DOWN CONVERTER
TPS62110 TI-TPS62110 Datasheet
960Kb / 28P
[Old version datasheet]   17-V, 1.5-A, SYNCHRONOUS STEP-DOWN CONVERTER
TPS62110-EP TI1-TPS62110-EP_16 Datasheet
1,018Kb / 25P
[Old version datasheet]   17 V, 1.5 A, SYNCHRONOUS STEP-DOWN CONVERTER
TPS62110-HT TI1-TPS62110-HT Datasheet
700Kb / 25P
[Old version datasheet]   17-V, 1.5-A, SYNCHRONOUS STEP-DOWN CONVERTER
TPS62110 TI-TPS62110_15 Datasheet
1Mb / 34P
[Old version datasheet]   TPS6211x 17-V, 1.5-A, Synchronous Step-Down Converter
LMR36015-Q1 TI1-LMR36015-Q1 Datasheet
2Mb / 34P
[Old version datasheet]   4.2-V to 60-V, 1.5-A Synchronous Step-Down Converter
LMR23615 TI1-LMR23615 Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
LMR23615 TI1-LMR23615_18 Datasheet
2Mb / 37P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
LMR23615-Q1 TI1-LMR23615-Q1 Datasheet
2Mb / 36P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
TPS54821 TI1-TPS54821_16 Datasheet
1Mb / 42P
[Old version datasheet]   4.5 V to 17 V Input, 8 A Synchronous Step Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com