Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS61071-Q1 Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS61071-Q1
Description  90% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 600-mA SWITCH
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61071-Q1 Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TPS61071-Q1 Datasheet HTML 4Page - Texas Instruments TPS61071-Q1 Datasheet HTML 5Page - Texas Instruments TPS61071-Q1 Datasheet HTML 6Page - Texas Instruments TPS61071-Q1 Datasheet HTML 7Page - Texas Instruments TPS61071-Q1 Datasheet HTML 8Page - Texas Instruments TPS61071-Q1 Datasheet HTML 9Page - Texas Instruments TPS61071-Q1 Datasheet HTML 10Page - Texas Instruments TPS61071-Q1 Datasheet HTML 11Page - Texas Instruments TPS61071-Q1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
0
10
20
30
40
50
60
70
80
90
100
0.01
0.10
1
10
100
1 k
VBAT = 0.9 V
VBAT = 1.8 V
VBAT = 2.4 V
TPS61070
VO = 3.3 V
TPS61071
VO = 3.3 V
IO − Output Current − mA
0
10
20
30
40
50
60
70
80
90
100
0.01
0.10
1
10
100
1 k
TPS61070
VO = 5 V
TPS61071
VO = 5 V
VBAT = 1.2 V
VBAT = 1.8 V
VBAT = 2.4 V
VBAT = 3.6 V
IO − Output Current − mA
50
55
60
65
70
75
80
85
90
95
0.9
1.4
1.9
2.4
2.9
3.4
3.9
4.4
4.9
100
TPS61070
VO = 5 V
TPS61071
VO = 5 V
VI − Input Voltage − V
IO = 5 mA
IO = 10 mA
IO = 60 mA
IO = 5 mA
50
55
60
65
70
75
80
85
90
95
100
0.9 1.1 1.3 1.5 1.7 1.9 2.1 2.3 2.5 2.7 2.9 3.1 3.3
IO = 5 mA
IO = 50 mA
IO = 100 mA
TPS61070
VO = 3.3 V
TPS61071
VO = 3.3 V
VI − Input Voltage − V
TPS61070-Q1, TPS61071-Q1
TPS61072-Q1, TPS61073-Q1
SLVSAA5 – MAY 2010
www.ti.com
TYPICAL CHARACTERISTICS (continued)
EFFICIENCY
EFFICIENCY
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 3.
Figure 4.
EFFICIENCY
EFFICIENCY
vs
vs
INPUT VOLTAGE
INPUT VOLTAGE
Figure 5.
Figure 6.
8
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated


Numéro de pièce similaire - TPS61071-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS61071-Q1 TI1-TPS61071-Q1_15 Datasheet
1Mb / 28P
[Old version datasheet]   Efficient Synchronous Boost Converter
More results

Description similaire - TPS61071-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS61070 TI-TPS61070 Datasheet
487Kb / 21P
[Old version datasheet]   90% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 600-mA SWITCH
TPS61070 TI-TPS61070_07 Datasheet
505Kb / 25P
[Old version datasheet]   90% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 600-mA SWITCH
TPS61070 TI-TPS61070_15 Datasheet
998Kb / 28P
[Old version datasheet]   TPS6107x 90% Efficient Synchronous Boost Converter With 600-mA Switch
TPS61070TDDCRQ1 TI1-TPS61070TDDCRQ1 Datasheet
776Kb / 25P
[Old version datasheet]   90PER EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 600-mA SWITCH
TPS61030 TI-TPS61030_10 Datasheet
878Kb / 28P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 4A SWITCH
TPS61030 TI-TPS61030 Datasheet
375Kb / 20P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 4A SWITCH
TPS61030 TI1-TPS61030_17 Datasheet
1Mb / 33P
[Old version datasheet]   96% Efficient Synchronous Boost Converter With 4A Switch
TPS61071-Q1 TI1-TPS61071-Q1_15 Datasheet
1Mb / 28P
[Old version datasheet]   Efficient Synchronous Boost Converter
TPS61020 TI-TPS61020 Datasheet
638Kb / 22P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 1.5-A SWITCH
TPS61030 TI-TPS61030_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6103x 96% Efficient Synchronous Boost Converter With 4A Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com