Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS59124 Fiches technique(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS59124
Description  Dual Synchronous Step-Down Controller for Low-Voltage Power Rails in Embedded Computing Systems
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS59124 Fiches technique(HTML) 6 Page - Texas Instruments

Back Button TPS59124 Datasheet HTML 2Page - Texas Instruments TPS59124 Datasheet HTML 3Page - Texas Instruments TPS59124 Datasheet HTML 4Page - Texas Instruments TPS59124 Datasheet HTML 5Page - Texas Instruments TPS59124 Datasheet HTML 6Page - Texas Instruments TPS59124 Datasheet HTML 7Page - Texas Instruments TPS59124 Datasheet HTML 8Page - Texas Instruments TPS59124 Datasheet HTML 9Page - Texas Instruments TPS59124 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
−30%
UV
OV
+15%
Ref
758mV
SSx
VFBx
TRIPx
10 µA
GND
LLx
PGNDx
LLx
VOx
LLx
PGNDx
LLx
ONx
ZC
OCP
PWM
+5/10%
−5/10%
ControlLogic
1
Shot
On/OffT ime
MinimumOn/Off
LightLoad,
OVP/UVP,
Discharge
Control
PGNDx
Delay
XCON
T ONSEL
Sdn
Fault
DR VLx
V5IN
V5IN
LLx
DR VHx
VBSTx
THOK
V5OK
PGNDx
PGOODx
V5IN
4V/3.7V
V5OK
THOK
BGR
V5FIL T
VO1
VBST1
DR VH1
LL1
DR VL1
PGND1
SwitcherController
V5DRV
Ref
Fault
Sdn
ANALOG/SUBGND
EN/SS
Control
Sdn
Fault
Ref
V5DRV
SwitcherController
VO2
VBST2
DR VH2
LL2
LL2
DR VL2
PGND2
1V
T ONSEL
4V
FrequencyControl
FAST
SLOW
160 °C/
150 °C
MID
TPS59124
SLUSA58 – JULY 2010
www.ti.com
FUNCTIONAL BLOCK DIAGRAM
6
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated


Numéro de pièce similaire - TPS59124

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS5910 TI-TPS5910 Datasheet
155Kb / 11P
[Old version datasheet]   TPS5908, TPS5908A, TPS5910, TPS5910A OPTOISOLATED FEEDBACK AMPLIFIERS
TPS5910A TI-TPS5910A Datasheet
155Kb / 11P
[Old version datasheet]   TPS5908, TPS5908A, TPS5910, TPS5910A OPTOISOLATED FEEDBACK AMPLIFIERS
TPS59116 TI-TPS59116 Datasheet
794Kb / 36P
[Old version datasheet]   Complete DDR, DDR2 and DDR3 Memory Power Solution Synchronous Buck Controller 3-A LDO, Buffered Reference for Embedded Computing Systems
TPS59116RGER TI-TPS59116RGER Datasheet
794Kb / 36P
[Old version datasheet]   Complete DDR, DDR2 and DDR3 Memory Power Solution Synchronous Buck Controller 3-A LDO, Buffered Reference for Embedded Computing Systems
TPS59116RGET TI-TPS59116RGET Datasheet
794Kb / 36P
[Old version datasheet]   Complete DDR, DDR2 and DDR3 Memory Power Solution Synchronous Buck Controller 3-A LDO, Buffered Reference for Embedded Computing Systems
More results

Description similaire - TPS59124

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS53128 TI-TPS53128 Datasheet
788Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53127 TI-TPS53127_1 Datasheet
843Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS51124 TI-TPS51124 Datasheet
1Mb / 22P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53129 TI-TPS53129 Datasheet
761Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53124 TI-TPS53124 Datasheet
719Kb / 22P
[Old version datasheet]   Dual Synchronous Step-Down Controller For Low-Voltage Power Rails
TPS53127 TI-TPS53127 Datasheet
482Kb / 23P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53126 TI-TPS53126 Datasheet
979Kb / 30P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53125 TI-TPS53125 Datasheet
462Kb / 22P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53125 TI-TPS53125_15 Datasheet
1Mb / 33P
[Old version datasheet]   TPS53125 Dual Synchronous Step-Down Controller for Low Voltage Power Rails
TPS51124 TI-TPS51124_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS51124 Dual Synchronous Step-Down Controller for Low-Voltage Power Rails
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com