Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS55332-Q1 Fiches technique(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS55332-Q1
Description  2.2-MHz, 60-V OUTPUT STEP UP DC/DC CONVERTER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS55332-Q1 Fiches technique(HTML) 9 Page - Texas Instruments

Back Button TPS55332-Q1 Datasheet HTML 5Page - Texas Instruments TPS55332-Q1 Datasheet HTML 6Page - Texas Instruments TPS55332-Q1 Datasheet HTML 7Page - Texas Instruments TPS55332-Q1 Datasheet HTML 8Page - Texas Instruments TPS55332-Q1 Datasheet HTML 9Page - Texas Instruments TPS55332-Q1 Datasheet HTML 10Page - Texas Instruments TPS55332-Q1 Datasheet HTML 11Page - Texas Instruments TPS55332-Q1 Datasheet HTML 12Page - Texas Instruments TPS55332-Q1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
RT Resistor − k
0
200
400
600
800
1000
1200
1400
1600
1800
2000
2200
0
200
400
600
800
1000
1200
G007
TA = 25°C
8V
14V
24V
40V
dly
1 ms
tdelay = trdly
C =
C, Where C = capacitor on C
pin
nF
æ
ö
´
´
ç
÷
è
ø
TPS55332-Q1
www.ti.com
SLVS939A – JUNE 2009 – REVISED JUNE 2010
Enable / Shutdown (EN)
The Enable pin provides electrical on/off control of the regulator. Once the Enable pin voltage exceeds the
threshold voltage, the regulator starts operation and the internal soft start begins to ramp. If the Enable pin
voltage is pulled below the threshold voltage, the regulator stops switching and the internal soft start resets.
Connecting the pin to ground or to any voltage less than 0.7 V disables the regulator and activates shutdown
mode. The quiescent current of the TPS55332 in shutdown mode is typically < 2 mA. This pin has to have an
external pull up or pull down to change the state of the device.
Reset Delay (Cdly)
The Reset delay pin sets the desired delay time for asserting the RST pin high after the supply has exceeded the
programmed Vreg_RST voltage. The delay may be programmed in the range of 2.2 ms to 200 ms using
capacitors in the range of 2.2 nF to 200 nF. The delay time is calculated using Equation 3:
(3)
Reset Pin (RST)
The RST pin is an open-drain output. The power-on reset output is asserted low until the output voltage exceeds
the programmed Vreg_RST voltage threshold and the reset delay timer has expired. Additionally, whenever the
Enable pin is low or open, RST is immediately asserted low regardless of the output voltage. There is a reset
de-glitch timer to prevent a reset being invoked due to short negative transients on the output line. If a thermal
shut down occurs due to excessive thermal conditions this pin is asserted low, where switching is commanded
off and the output drops below the rest threshold set on the RST_TH terminal.
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s) :TPS55332-Q1


Numéro de pièce similaire - TPS55332-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS55332-Q1 TI-TPS55332-Q1_15 Datasheet
1Mb / 36P
[Old version datasheet]   TPS55332-Q1 2.2-MHz, 60-V Output Step Up DC/DC Converter
More results

Description similaire - TPS55332-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS55332-Q1 TI-TPS55332-Q1_15 Datasheet
1Mb / 36P
[Old version datasheet]   TPS55332-Q1 2.2-MHz, 60-V Output Step Up DC/DC Converter
logo
Linear Technology
LTC3537 LINER-LTC3537_15 Datasheet
319Kb / 22P
   2.2 MHz, 600mA Synchronous Step-Up DC/DC Converter and 100mA LDO
LTC3537 LINER-LTC3537 Datasheet
302Kb / 20P
   2.2 MHz, 600mA Synchronous Step-Up DC/DC Converter and 100mA LDO
logo
Analog Devices
ADP1610 AD-ADP1610 Datasheet
948Kb / 16P
   1.2 MHz DC-DC Step-Up Switching Converter
REV. 0
logo
Torex Semiconductor
XC9519 TOREX-XC9519 Datasheet
1Mb / 38P
   Dual Output Step-Up/Inverting DC/DC Converter
logo
Analog Devices
ADP1611 AD-ADP1611_15 Datasheet
751Kb / 20P
   20 V,1.2 MHz Step-Up DC-to-DC Switching Converter
REV. 0
logo
Texas Instruments
TPS61085-Q1 TI-TPS61085-Q1_15 Datasheet
779Kb / 24P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61087 TI-TPS61087 Datasheet
928Kb / 25P
[Old version datasheet]   650 kHz/1.2 MHz, 18.5 V STEP-UP DC-DC CONVERTER
TPS61085 TI-TPS61085 Datasheet
731Kb / 23P
[Old version datasheet]   650 kHz/1.2 MHz, 18.5 V STEP-UP DC-DC CONVERTER
TPS61085T TI-TPS61085T_15 Datasheet
1Mb / 26P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com