Moteur de recherche de fiches techniques de composants électroniques |
|
TPS54526PWP Fiches technique(PDF) 2 Page - Texas Instruments |
|
|
TPS54526PWP Fiches technique(HTML) 2 Page - Texas Instruments |
2 / 28 page TPS54526 SLVSB84 – MAY 2012 www.ti.com This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage. ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to damage because very small parametric changes could cause the device not to meet its published specifications. ORDERING INFORMATION(1) TA PACKAGE(2) (3) ORDERABLE PART NUMBER PIN TRANSPORT MEDIA TPS54526PWP Tube PowerPAD™ 14 (HTSSOP) – PWP TPS54526PWPR Tape and Reel –45°C to 85°C TPS54526RSAT Tape and Reel Plastic Quad Flat Pack (QFN) 16 TPS54526RSAR Tape and Reel (1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI web site at www.ti.com. (2) Package drawings, thermal data, and symbolization are available at www.ti.com/packaging. (3) All package options have Cu NIPDAU lead/ball finish. ABSOLUTE MAXIMUM RATINGS over operating free-air temperature range (unless otherwise noted) (1) VALUE UNIT VIN1, VIN2, EN –0.3 to 20 V VBST –0.3 to 26 V VBST (10 ns transient) –0.3 to 28 V VI Input voltage range VBST (vs Sw1, SW2) –0.3 to 6.5 V VFB, VO, SS, PG –0.3 to 6.5 V SW1, SW2 –2 to 20 V SW1, SW2 (10 ns transient) –3 to 22 V VREG5 –0.3 to 6.5 V VO Output voltage range PGND1, PGND2 –0.3 to 0.3 V Vdiff Voltage from GND to POWERPAD –0.2 to 0.2 V Human Body Model (HBM) 2 kV Electrostatic ESD rating discharge Charged Device Model (CDM) 500 V TJ Operating junction temperature –40 to 150 °C Tstg Storage temperature –55 to 150 °C (1) Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. THERMAL INFORMATION TPS54526 THERMAL METRIC(1) UNITS PWP (14) PINS RSA (16) PINS θJA Junction-to-ambient thermal resistance 43.7 35.2 θJCtop Junction-to-case (top) thermal resistance 33.1 40.6 θJB Junction-to-board thermal resistance 28.4 12.3 °C/W ψJT Junction-to-top characterization parameter 1.3 0.8 ψJB Junction-to-board characterization parameter 28.2 12.4 θJCbot Junction-to-case (bottom) thermal resistance 4.7 3.6 (1) For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953. 2 Copyright © 2012, Texas Instruments Incorporated Product Folder Link(s) :TPS54526 |
Numéro de pièce similaire - TPS54526PWP |
|
Description similaire - TPS54526PWP |