Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS54332 Fiches technique(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS54332
Description  3.5A, 28V, 1MHz, STEP DOWN DC/DC CONVERTER WITH Eco-mode?
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54332 Fiches technique(HTML) 11 Page - Texas Instruments

Back Button TPS54332 Datasheet HTML 7Page - Texas Instruments TPS54332 Datasheet HTML 8Page - Texas Instruments TPS54332 Datasheet HTML 9Page - Texas Instruments TPS54332 Datasheet HTML 10Page - Texas Instruments TPS54332 Datasheet HTML 11Page - Texas Instruments TPS54332 Datasheet HTML 12Page - Texas Instruments TPS54332 Datasheet HTML 13Page - Texas Instruments TPS54332 Datasheet HTML 14Page - Texas Instruments TPS54332 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
REF
OUT
REF
R5
V
R6 =
V
V
´
-
OUT
REF
R5
V
= V
+1
R6
é
ù
´ ê
ú
ë
û
(
)
OUT(MAX)
IN
OUT(MAX)
MAX
BULK
SW
I
0.25
V
=
+ I
ESR
C
f
´
D
´
´
2
OUT(MAX)
CIN
I
I
=
(
)
0.8
´
-
´
´
´
´
OUT(MAX)
IN(MAX)
OUT
MIN
IN(MAX)
IND
OUT
SW
V
V
V
L
=
V
K
I
F
TPS54332
www.ti.com
SLVS875B – JANUARY 2009 – REVISED FEBRUARY 2012
OUTPUT VOLTAGE SET POINT
The output voltage of the TPS54332 is externally adjustable using a resistor divider network. In the application
circuit of Figure 12, this divider network is comprised of R5 and R6. The relationship of the output voltage to the
resistor divider is given by Equation 4 and Equation 5:
(4)
(5)
Choose R5 to be approximately 10 k
Ω. Slightly increasing or decreasing R5 can result in closer output voltage
matching when using standard value resistors. In this design, R4 = 10.2 k
Ω and R = 4.75 kΩ, resulting in a 2.5 V
output voltage.
INPUT CAPACITORS
The TPS54332 requires an input decoupling capacitor and depending on the application, a bulk input capacitor.
The typical recommended value for the decoupling capacitor is 10
μF. A high-quality ceramic type X5R or X7R is
recommended. The voltage rating should be greater than the maximum input voltage. A smaller value may be
used as long as all other requirements are met; however 10
μF has been shown to work well in a wide variety of
circuits. Additionally, some bulk capacitance may be needed, especially if the TPS54332 circuit is not located
within about 2 inches from the input voltage source. The value for this capacitor is not critical but should be rated
to handle the maximum input voltage including ripple voltage, and should filter the output so that input ripple
voltage is acceptable. For this design a single 10
μF capacitor is used for the input decoupling capacitor. It is
X5R dielectric rated for 25 V. The equivalent series resistance (ESR) is approximately 3 m
Ω, and the current
rating is 3 A.
This input ripple voltage can be approximated by Equation 6
(6)
Where IOUT(MAX) is the maximum load current, fSW is the switching frequency (derated by a factor of 0.8), CBULK is
the bulk capacitor value and ESRMAX is the maximum series resistance of the bulk capacitor.
The maximum RMS ripple current also needs to be checked. For worst case conditions, this can be
approximated by Equation 7
(7)
In this case, the input ripple voltage would be 98 mV and the RMS ripple current would be 1.75 A. It is also
important to note that the actual input voltage ripple will be greatly affected by parasitic associated with the layout
and the output impedance of the voltage source. The actual input voltage ripple for this circuit is shown in Design
Parameters and is larger than the calculated value. This measured value is still below the specified input limit of
200 mV. The maximum voltage across the input capacitors would be VIN max plus
ΔVIN/2. The chosen bypass
capacitor is rated for 25 V and the ripple current capacity is greater than 3 A, providing ample margin. It is
important that the maximum ratings for voltage and current are not exceeded under any circumstance.
OUTPUT FILTER COMPONENTS
Two components need to be selected for the output filter, the output inductor L1 and the output capacitance.
Since the TPS54332 is an externally compensated device, a wide range of filter component types and values can
be supported.
Inductor Selection
To calculate the minimum value of the output inductor, use Equation 8
(8)
Copyright © 2009–2012, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TPS54332


Numéro de pièce similaire - TPS54332

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS54332 TI1-TPS54332 Datasheet
1Mb / 26P
[Old version datasheet]   3.5A, 28V, 1MHz, STEP DOWN DC/DC CONVERTER WITH Eco-mode
TPS54332 TI-TPS54332 Datasheet
1Mb / 34P
[Old version datasheet]   TPS54332 3.5-A, 28-V, 1-MHz, Step-Down DC-DC Converter With Eco-Mode?
TPS543320 TI-TPS543320 Datasheet
3Mb / 43P
[Old version datasheet]   TPS543320 4-V to 18-V Input, 3-A Synchronous SWIFT??Step-Down Converter with Internally Compensated Advanced Current Mode Control
TPS543320RPYR TI-TPS543320RPYR Datasheet
3Mb / 43P
[Old version datasheet]   TPS543320 4-V to 18-V Input, 3-A Synchronous SWIFT??Step-Down Converter with Internally Compensated Advanced Current Mode Control
TPS54332DDA TI-TPS54332DDA Datasheet
1Mb / 34P
[Old version datasheet]   TPS54332 3.5-A, 28-V, 1-MHz, Step-Down DC-DC Converter With Eco-Mode?
More results

Description similaire - TPS54332

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS54332DDAR TI1-TPS54332DDAR Datasheet
1Mb / 26P
[Old version datasheet]   3.5A, 28V, 1MHz, STEP DOWN DC/DC CONVERTER WITH Eco-mode
TPS54332DDAR TI-TPS54332DDAR Datasheet
1Mb / 26P
[Old version datasheet]   3.5A, 28V, 1MHz, STEP DOWN DC/DC CONVERTER WITH Eco-mode?
TPS54232 TI-TPS54232 Datasheet
945Kb / 24P
[Old version datasheet]   2A, 28V, 1MHz, STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54331 TI-TPS54331 Datasheet
940Kb / 24P
[Old version datasheet]   3A, 28V INPUT, STEP DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode
TPS54233 TI-TPS54233_15 Datasheet
841Kb / 29P
[Old version datasheet]   TPS54233 2A, 28V Input, Step Down DC/DC Converter With Eco-mode?
TPS54331DDA TI-TPS54331DDA Datasheet
1Mb / 31P
[Old version datasheet]   3A, 28V INPUT, STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54233 TI-TPS54233 Datasheet
1Mb / 26P
[Old version datasheet]   2A, 28V INPUT, STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54531 TI1-TPS54531 Datasheet
1Mb / 27P
[Old version datasheet]   5A, 28V INPUT, STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-mode?
TPS54540-Q1 TI1-TPS54540-Q1_15 Datasheet
2Mb / 44P
[Old version datasheet]   Step-Down DC-DC Converter With Eco-mode
TPS54231 TI-TPS54231 Datasheet
794Kb / 23P
[Old version datasheet]   2A, 28V INPUT, STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODTM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com