Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS54229EDDA Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS54229EDDA
Description  4.5V to 18V Input, 2-A Synchronous Step-Down Converter with Eco-Mode?
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54229EDDA Fiches technique(HTML) 3 Page - Texas Instruments

  TPS54229EDDA Datasheet HTML 1Page - Texas Instruments TPS54229EDDA Datasheet HTML 2Page - Texas Instruments TPS54229EDDA Datasheet HTML 3Page - Texas Instruments TPS54229EDDA Datasheet HTML 4Page - Texas Instruments TPS54229EDDA Datasheet HTML 5Page - Texas Instruments TPS54229EDDA Datasheet HTML 6Page - Texas Instruments TPS54229EDDA Datasheet HTML 7Page - Texas Instruments TPS54229EDDA Datasheet HTML 8Page - Texas Instruments TPS54229EDDA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
TPS54229E
www.ti.com
SLVSAZ7A – SEPTEMBER 2011 – REVISED MARCH 2012
RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range, (unless otherwise noted)
MIN
MAX
UNIT
VIN
Supply input voltage range
4.5
18
V
VBST
–0.1
24
VBST (10 ns transient)
–0.1
27
VBST(vs SW)
–0.1
5.7
SS
–0.1
5.7
VI
Input voltage range
EN
–0.1
18
V
VFB
–0.1
5.5
SW
–1.8
18
SW (10 ns transient)
–3
21
GND
–0.1
0.1
VO
Output voltage range
VREG5
–0.1
5.7
V
IO
Output Current range
IVREG5
0
10
mA
TA
Operating free-air temperature
–40
85
°C
TJ
Operating junction temperature
–40
150
°C
ELECTRICAL CHARACTERISTICS
over operating free-air temperature range, VIN = 12 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
VIN current, TA = 25°C, EN = 5 V,
IVIN
Operating - non-switching supply current
800
1200
μA
VFB = 0.8 V
IVINSDN
Shutdown supply current
VIN current, TA = 25°C, EN = 0 V
5.8
10
μA
LOGIC THRESHOLD
EN high-level input voltage
EN
1.6
V
VEN
EN low-level input voltage
EN
0.6
V
VFB VOLTAGE AND DISCHARGE RESISTANCE
TA = 25°C, VO = 1.05 V, IO = 10 mA, Eco-
770
mV
mode™ operation
VFBTH
VFB threshold voltage
TA = 25°C, VO = 1.05 V, continuous mode
749
765
781
mV
operation
IVFB
VFB input current
VFB = 0.8 V, TA = 25°C
0
±0.1
μA
VREG5 OUTPUT
TA = 25°C, 6.0 V < VIN < 18 V,
VVREG5
VREG5 output voltage
5.5
V
0 < IVREG5 < 5 mA
IVREG5
Output current
VIN = 6 V, VREG5 = 4.0 V, TA = 25°C
(1)
60
mA
MOSFET
High side switch resistance
25°C, VBST - SW = 5.5 V
(1)
160
m
RDS(on)
Low side switch resistance
25°C(1)
110
m
CURRENT LIMIT
Iocl
Current limit
L out = 2.2
μH(1)
2.5
3.3
4.7
A
(1)
Not production tested.
Copyright © 2011–2012, Texas Instruments Incorporated
3
Product Folder Link(s) :TPS54229E


Numéro de pièce similaire - TPS54229EDDA

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS54229E TI-TPS54229E_15 Datasheet
741Kb / 25P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down Converter with Eco-Mode?
More results

Description similaire - TPS54229EDDA

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS54228 TI-TPS54228_15 Datasheet
1Mb / 30P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down Converter with Eco-mode?
TPS54229E TI-TPS54229E_15 Datasheet
741Kb / 25P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down Converter with Eco-Mode?
TPS54226 TI1-TPS54226_17 Datasheet
1Mb / 32P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter with Eco-Mode
TPS54226 TI1-TPS54226_12 Datasheet
1Mb / 28P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter with Eco-Mode?
TPS54226 TI-TPS54226_15 Datasheet
1Mb / 31P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter with Eco-Mode?
TPS54526 TI1-TPS54526 Datasheet
970Kb / 28P
[Old version datasheet]   4.5V to 18V Input, 5.5-A Synchronous Step-Down Converter with Eco-Mode?
TPS54329E TI1-TPS54329E Datasheet
791Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 3-A Synchronous Step-Down Converter with Eco-Mode?
TPS56628 TI-TPS56628_15 Datasheet
1,019Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 6-A Synchronous Step-Down Converter with Eco-mode?
TPS54628 TI-TPS54628 Datasheet
1,006Kb / 22P
[Old version datasheet]   4.5V to 18V Input, 6-A Synchronous Step-Down Converter with Eco-mode?
TPS56628 TI1-TPS56628 Datasheet
1Mb / 23P
[Old version datasheet]   4.5V to 18V Input, 6-A Synchronous Step-Down Converter with Eco-mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com